Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZVNL120A Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZVNL120A
Description  N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZVNL120A Datasheet(HTML) 3 Page - Diodes Incorporated

  ZVNL120A Datasheet HTML 1Page - Diodes Incorporated ZVNL120A Datasheet HTML 2Page - Diodes Incorporated ZVNL120A Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TYPICAL CHARACTERISTICS
Normalised RDS(on) and VGS(th) vs Temperature
-40 -20
0
20 40
60 80
120
100
140 160
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.6
0.8
Drai
n-
So
ur
ce
R
es
ista
nc
e
RDS(
on
)
Gate Thresho
ld Voltage V
GS(th)
Tj-Junction Temperature (C°)
0.4
-80 -60
Q-Charge (nC)
Gate charge v gate-source voltage
0
10
8
6
2
0
4
12
14
16
VDS=
50V
ID= 700mA
100V
150V
0.4
0.8
1.2
1.6
2.0
2.4
ID=125mA
VGS=3V
ID=1mA
VGS=VDS
On-resistance v drain current
ID-Drain Current (mA)
10
100
1000
3V
4V
VGS=2V
100
10
10V
5V
ID=250mA
VGS=5V
On-resistance vs gate-source voltage
VGS-Gate Source Voltage (Volts)
110
20
ID=
1A
0.5A
0.1A
1
10
100
1
ZVNL120A
3-403


Similar Part No. - ZVNL120A

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZVNL120A ZETEX-ZVNL120A Datasheet
49Kb / 3P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Diodes Incorporated
ZVNL120A DIODES-ZVNL120A Datasheet
61Kb / 3P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVNL120A DIODES-ZVNL120A_15 Datasheet
61Kb / 3P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results

Similar Description - ZVNL120A

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
VN0104 SUTEX-VN0104 Datasheet
476Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS FET
TN2524 SUTEX-TN2524_07 Datasheet
700Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FET
logo
Zetex Semiconductors
VN10LP ZETEX-VN10LP Datasheet
22Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
BSS123 ZETEX-BSS123 Datasheet
45Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN0540A ZETEX-ZVN0540A Datasheet
26Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN1409A ZETEX-ZVN1409A Datasheet
49Kb / 3P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2106G ZETEX-ZVN2106G Datasheet
30Kb / 2P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2110A ZETEX-ZVN2110A Datasheet
87Kb / 3P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4106F ZETEX-ZVN4106F Datasheet
41Kb / 2P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4210A ZETEX-ZVN4210A Datasheet
37Kb / 2P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVNL110A ZETEX-ZVNL110A Datasheet
22Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com