Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZVP4525GTA Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZVP4525GTA
Description  250V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZVP4525GTA Datasheet(HTML) 4 Page - Diodes Incorporated

  ZVP4525GTA Datasheet HTML 1Page - Diodes Incorporated ZVP4525GTA Datasheet HTML 2Page - Diodes Incorporated ZVP4525GTA Datasheet HTML 3Page - Diodes Incorporated ZVP4525GTA Datasheet HTML 4Page - Diodes Incorporated ZVP4525GTA Datasheet HTML 5Page - Diodes Incorporated ZVP4525GTA Datasheet HTML 6Page - Diodes Incorporated ZVP4525GTA Datasheet HTML 7Page - Diodes Incorporated ZVP4525GTA Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ZVP4525G
SEMICO NDUC TORS
ISSUE 4 - JUNE 2004
4
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated)
PARAMETER
SYMBOL MIN.
TYP.
MAX.
UNIT CONDITIONS
STATIC
Drain-source breakdown voltage
V(BR)DSS -250
-285
V
ID=-1mA, VGS=0V
Zero gate voltage drain current
IDSS
-30
-500
nA
VDS=-250V, VGS=0V
Gate-body leakage
IGSS
±1
±100
nA
VGS=±40V, VDS=0V
Gate-source threshold voltage
VGS(th)
-0.8
-1.5
-2.0
V
I
D
=-1mA, VDS=VGS
Static drain-source on-state resistance
(1)
RDS(on)
10
13
14
18
VGS=-10V, ID=-200mA
VGS=-3.5V,
ID=-100mA
Forward transconductance
(3)
gfs
80
200
mS
VDS=-10V,ID=-0.15A
DYNAMIC
(3)
Input capacitance
Ciss
73
pF
VDS=-25 V, VGS=0V,
f=1MHz
Output capacitance
Coss
12.8
pF
Reverse transfer capacitance
Crss
3.91
pF
SWITCHING
(2) (3)
Turn-on delay time
td(on)
1.53
ns
VDD =-30V, ID=-200mA
RG=50Ω,VGS=-10V
(refer to test circuit)
Rise time
tr
3.78
ns
Turn-off delay time
td(off)
17.5
ns
Fall time
tf
7.85
ns
Total gate charge
Qg
2.45
3.45
nC
VDS=-25V,VGS=-10V,
ID=-200mA(refer to
test circuit)
Gate-source charge
Qgs
0.22
0.31
nC
Gate drain charge
Qgd
0.45
0.63
nC
SOURCE-DRAIN DIODE
Diode forward voltage
(1)
VSD
0.97
V
Tj=25°C, IS=-200mA,
VGS=0V
Reverse recovery time
(3)
trr
205
290
ns
Tj=25°C, IF=-200mA,
di/dt= 100A/
µs
Reverse recovery charge
(3)
Qrr
21
29
nC
NOTES:
(1) Measured under pulsed conditions. Width=300
µs. Duty cycle ≤ 2%.
(2) Switching characteristics are independent of operating junction temperature.
(3) For design aid only, not subject to production testing.


Similar Part No. - ZVP4525GTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZVP4525GTA ZETEX-ZVP4525GTA Datasheet
399Kb / 8P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - ZVP4525GTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZVP4525Z DIODES-ZVP4525Z_15 Datasheet
143Kb / 9P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
ZVP4525E6TC DIODES-ZVP4525E6TC Datasheet
417Kb / 8P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZVP4525Z ZETEX-ZVP4525Z Datasheet
399Kb / 8P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMP25H18DLFDE DIODES-DMP25H18DLFDE_15 Datasheet
252Kb / 7P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
ZVP4525E6 DIODES-ZVP4525E6 Datasheet
417Kb / 8P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
ZVP4525Z DIODES-ZVP4525Z Datasheet
143Kb / 9P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
ZVP4525E6 DIODES-ZVP4525E6_15 Datasheet
318Kb / 7P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
ZVP4525G DIODES-ZVP4525G_15 Datasheet
876Kb / 7P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZVP4525G ZETEX-ZVP4525G Datasheet
399Kb / 8P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Guangdong Kexin Industr...
KVP4424Z KEXIN-KVP4424Z Datasheet
47Kb / 2P
   250V P-Channel Enhancement Mode Vertical MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com