Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZVP4525GTC Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZVP4525GTC
Description  250V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZVP4525GTC Datasheet(HTML) 2 Page - Diodes Incorporated

  ZVP4525GTC Datasheet HTML 1Page - Diodes Incorporated ZVP4525GTC Datasheet HTML 2Page - Diodes Incorporated ZVP4525GTC Datasheet HTML 3Page - Diodes Incorporated ZVP4525GTC Datasheet HTML 4Page - Diodes Incorporated ZVP4525GTC Datasheet HTML 5Page - Diodes Incorporated ZVP4525GTC Datasheet HTML 6Page - Diodes Incorporated ZVP4525GTC Datasheet HTML 7Page - Diodes Incorporated ZVP4525GTC Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ZVP4525G
SEMICO NDUC TORS
ISSUE 4 - JUNE 2004
2
THERMAL RESISTANCE
PARAMETER
SYMBOL
VALUE
UNIT
Junction to ambient
(a)
RθJA
63
°C/W
Junction to ambient
(b)
RθJA
26
°C/W
NOTES:
(a) For a device surface mounted on 25mm x 25mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions
(b) For a device surface mounted on FR4 PCB measured at t 5 secs.
(c) Repetitive rating - pulse width limited by maximum junction temperature. Refer to Transient Thermal Impedance graph.
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-source voltage
VDSS
250
V
Gate source voltage
VGS
±40
V
Continuous drain current
(VGS=10V; TA=25°C)
(a)
(VGS=10V; TA=70°C)
(a)
ID
ID
-265
-212
mA
mA
Pulsed drain current
(c)
IDM
-1
A
Continuous source current (body diode)
IS
-0.75
A
Pulsed source current (body diode)
ISM
-1
A
Power dissipation at TA=25°C
(a)
Linear derating factor
PD
2
16
W
mW/°C
Operating and storage temperature range
Tj:Tstg
-55 to +150
°C
NB High voltage applications
For high voltage applications, the appropriate industry sector guidelines should be considered with regard to
voltage spacing between conductors.


Similar Part No. - ZVP4525GTC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZVP4525GTC ZETEX-ZVP4525GTC Datasheet
399Kb / 8P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - ZVP4525GTC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZVP4525Z DIODES-ZVP4525Z_15 Datasheet
143Kb / 9P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
ZVP4525E6TC DIODES-ZVP4525E6TC Datasheet
417Kb / 8P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZVP4525Z ZETEX-ZVP4525Z Datasheet
399Kb / 8P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMP25H18DLFDE DIODES-DMP25H18DLFDE_15 Datasheet
252Kb / 7P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
ZVP4525E6 DIODES-ZVP4525E6 Datasheet
417Kb / 8P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
ZVP4525Z DIODES-ZVP4525Z Datasheet
143Kb / 9P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
ZVP4525E6 DIODES-ZVP4525E6_15 Datasheet
318Kb / 7P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
ZVP4525G DIODES-ZVP4525G_15 Datasheet
876Kb / 7P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZVP4525G ZETEX-ZVP4525G Datasheet
399Kb / 8P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Guangdong Kexin Industr...
KVP4424Z KEXIN-KVP4424Z Datasheet
47Kb / 2P
   250V P-Channel Enhancement Mode Vertical MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com