Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZVP4525ZTA Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZVP4525ZTA
Description  250V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZVP4525ZTA Datasheet(HTML) 1 Page - Diodes Incorporated

  ZVP4525ZTA Datasheet HTML 1Page - Diodes Incorporated ZVP4525ZTA Datasheet HTML 2Page - Diodes Incorporated ZVP4525ZTA Datasheet HTML 3Page - Diodes Incorporated ZVP4525ZTA Datasheet HTML 4Page - Diodes Incorporated ZVP4525ZTA Datasheet HTML 5Page - Diodes Incorporated ZVP4525ZTA Datasheet HTML 6Page - Diodes Incorporated ZVP4525ZTA Datasheet HTML 7Page - Diodes Incorporated ZVP4525ZTA Datasheet HTML 8Page - Diodes Incorporated ZVP4525ZTA Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SEMICO NDUC TORS
ZVP4525Z
ISSUE 2 - JUNE 2007
250V P-CHANNEL ENHANCEMENT MODE MOSFET
SUMMARY
V(BR)DSS=-250V; RDS(ON)=14 ; ID=-205mA
DESCRIPTION
This 250V enhancement mode P-channel MOSFET provides users with a
competitive specification offering efficient power handling capability, high
impedance and is free from thermal runaway and thermally induced
secondary breakdown. Applications benefiting from this device include a
variety of Telecom and general high voltage switching circuits.
SOT223 and SOT23-6 versions are also available.
FEATURES
High voltage
Low on-resistance
Fast switching speed
Low gate drive
Low threshold
Complementary N-channel Type ZVN4525Z
SOT89 package
APPLICATIONS
Earth Recall and dialling switches
Electronic hook switches
High Voltage Power MOSFET Drivers
Telecom call routers
Solid state relays
ORDERING INFORMATION
DEVICE
REEL SIZE
(inches)
TAPE WIDTH (mm)
QUANTITY
PER REEL
ZVP4525ZTA
7
12mm embossed
1000 units
ZVP4525ZTC
13
12mm embossed
4000 units
DEVICE MARKING
P52
D
D
S
G
Top View
SOT89
1


Similar Part No. - ZVP4525ZTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZVP4525ZTA ZETEX-ZVP4525ZTA Datasheet
399Kb / 8P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - ZVP4525ZTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZVP4525Z DIODES-ZVP4525Z_15 Datasheet
143Kb / 9P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
ZVP4525E6TC DIODES-ZVP4525E6TC Datasheet
417Kb / 8P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZVP4525Z ZETEX-ZVP4525Z Datasheet
399Kb / 8P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMP25H18DLFDE DIODES-DMP25H18DLFDE_15 Datasheet
252Kb / 7P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
ZVP4525E6 DIODES-ZVP4525E6 Datasheet
417Kb / 8P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
ZVP4525G DIODES-ZVP4525G Datasheet
329Kb / 8P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
ZVP4525E6 DIODES-ZVP4525E6_15 Datasheet
318Kb / 7P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
ZVP4525G DIODES-ZVP4525G_15 Datasheet
876Kb / 7P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZVP4525G ZETEX-ZVP4525G Datasheet
399Kb / 8P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Guangdong Kexin Industr...
KVP4424Z KEXIN-KVP4424Z Datasheet
47Kb / 2P
   250V P-Channel Enhancement Mode Vertical MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com