Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZX5T2E6TA Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZX5T2E6TA
Description  20V PNP LOW SAT MEDIUM POWER TRANSISTOR IN SOT23-6
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZX5T2E6TA Datasheet(HTML) 1 Page - Diodes Incorporated

  ZX5T2E6TA Datasheet HTML 1Page - Diodes Incorporated ZX5T2E6TA Datasheet HTML 2Page - Diodes Incorporated ZX5T2E6TA Datasheet HTML 3Page - Diodes Incorporated ZX5T2E6TA Datasheet HTML 4Page - Diodes Incorporated ZX5T2E6TA Datasheet HTML 5Page - Diodes Incorporated ZX5T2E6TA Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SEMICO NDUC TORS
SUMMARY
BVCEO = -20V : RSAT = 31m ; IC = -3.5A
DESCRIPTION
Pac k aged in t he SOT2 3 -6 out line t his new 5
th
generation low saturation 20V PNP transistor offers
extremely low on state losses making it ideal for use in
DC -DC c irc uit s and various driving and pow er
management functions.
FEATURES
3.5 Amps continuous current
Extremely low saturation voltage (-70mV max @ 1A/100mA )
Up to 10 Amps peak current
Very low saturation voltages
APPLICATIONS
DC - DC converters
Battery charging
Power switches
Motor control
Power management functions
DEVICE MARKING
52
ZX5T2E6
ISSUE 1 - MAY 2004
20V PNP LOW SAT MEDIUM POWER TRANSISTOR IN SOT23-6
1
SOT23-6
PINOUT
TOP VIEW
DEVICE
REEL
SIZE
TAPE WIDTH
QUANTITY PER REEL
ZX5T2E6TA
7 ”
8mm embossed
3,000
ZX5T2E6TC
13”
8mm embossed
10,000
ORDERING INFORMATION


Similar Part No. - ZX5T2E6TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZX5T2E6TA ZETEX-ZX5T2E6TA Datasheet
103Kb / 6P
   20V PNP LOW SAT MEDIUM POWER TRANSISTOR IN SOT23-6
logo
Diodes Incorporated
ZX5T2E6TA DIODES-ZX5T2E6TA Datasheet
330Kb / 7P
   20V PNP LOW SATURATION SWITCHING TRANSISTOR
More results

Similar Description - ZX5T2E6TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP2006E6 ZETEX-ZXTP2006E6 Datasheet
95Kb / 8P
   20V PNP LOW SAT MEDIUM POWER TRANSISTOR IN SOT23-6
logo
Diodes Incorporated
ZXTP2006E6 DIODES-ZXTP2006E6_15 Datasheet
100Kb / 8P
   20V PNP LOW SAT MEDIUM POWER TRANSISTOR IN SOT23-6
ZX5T2E6 DIODES-ZX5T2E6_15 Datasheet
113Kb / 6P
   20V PNP LOW SAT MEDIUM POWER TRANSISTOR IN SOT23-6
logo
Zetex Semiconductors
ZX5T2E6 ZETEX-ZX5T2E6 Datasheet
103Kb / 6P
   20V PNP LOW SAT MEDIUM POWER TRANSISTOR IN SOT23-6
ZXTP25020CFH ZETEX-ZXTP25020CFH Datasheet
372Kb / 6P
   20V, SOT23, PNP medium power transistor
ZXTP25020BFH ZETEX-ZXTP25020BFH Datasheet
385Kb / 6P
   20V, SOT23, PNP medium power transistor
logo
Diodes Incorporated
ZXTP25020BFH DIODES-ZXTP25020BFH Datasheet
385Kb / 6P
   20V, SOT23, PNP medium power transistor
logo
Zetex Semiconductors
ZXTP25020DFH ZETEX-ZXTP25020DFH Datasheet
514Kb / 6P
   20V, SOT23, PNP medium power transistor
logo
Diodes Incorporated
ZXTP25020CFH DIODES-ZXTP25020CFH Datasheet
382Kb / 8P
   20V, SOT23, PNP medium power transistor
ZXTP25020DFH DIODES-ZXTP25020DFH Datasheet
521Kb / 6P
   20V, SOT23, PNP medium power transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com