Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZX5T853G Datasheet(PDF) 6 Page - Diodes Incorporated

Part # ZX5T853G
Description  100V NPN LOW SAT MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZX5T853G Datasheet(HTML) 6 Page - Diodes Incorporated

  ZX5T853G Datasheet HTML 1Page - Diodes Incorporated ZX5T853G Datasheet HTML 2Page - Diodes Incorporated ZX5T853G Datasheet HTML 3Page - Diodes Incorporated ZX5T853G Datasheet HTML 4Page - Diodes Incorporated ZX5T853G Datasheet HTML 5Page - Diodes Incorporated ZX5T853G Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
ZX5T853G
SEMICO NDUC TORS
6
ISSUE 2 - SEPTEMBER 2003
Europe
Zetex plc
Fields New Road
Chadderton
Oldham, OL9 8NP
United Kingdom
Telephone (44) 161 622 4444
Fax: (44) 161 622 4446
hq@zetex.com
Zetex GmbH
Streitfeldstraße 19
D-81673 München
Germany
Telefon: (49) 89 45 49 49 0
Fax: (49) 89 45 49 49 49
europe.sales@zetex.com
Americas
Zetex Inc
700 Veterans Memorial Hwy
Hauppauge, NY 11788
USA
Telephone: (1) 631 360 2222
Fax: (1) 631 360 8222
usa.sales@zetex.com
Asia Pacific
Zetex (Asia) Ltd
3701-04 Metroplaza Tower 1
Hing Fong Road
Kwai Fong
Hong Kong
Telephone: (852) 26100 611
Fax: (852) 24250 494
asia.sales@zetex.com
These offices are supported by agents and distributors in major countries world-wide.
This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied or reproduced
for any purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. The Company
reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service.
For the latest product information, log on to
www.zetex.com
© Zetex plc 2003
Controlling dimensions are in millimeters. Approximate conversions are given in inches
PAD LAYOUT DETAILS
PACKAGE OUTLINE
DIM
Millimeters
Inches
DIM
Millimeters
Inches
Min
Max
Min
Max
Min
Max
Min
Max
A
-
1.80
-
0.071
e
2.30 BSC
0.0905 BSC
A1
0.02
0.10
0.0008
0.004
e1
4.60 BSC
0.181 BSC
b
0.66
0.84
0.026
0.033
E
6.70
7.30
0.264
0.287
b2
2.90
3.10
0.114
0.122
E1
3.30
3.70
0.130
0.146
C
0.23
0.33
0.009
0.013
L
0.90
-
0.355
-
D
6.30
6.70
0.248
0.264
-
----
PACKAGE DIMENSIONS


Similar Part No. - ZX5T853G

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZX5T853G ZETEX-ZX5T853G Datasheet
126Kb / 6P
   100V NPN LOW SAT MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZX5T853GTA ZETEX-ZX5T853GTA Datasheet
126Kb / 6P
   100V NPN LOW SAT MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZX5T853GTA DIODES-ZX5T853GTA Datasheet
413Kb / 7P
   NPN MEDIUM POWER LOW SATURATION TRANSISTOR
logo
Zetex Semiconductors
ZX5T853GTC ZETEX-ZX5T853GTC Datasheet
126Kb / 6P
   100V NPN LOW SAT MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZX5T853G DIODES-ZX5T853G_15 Datasheet
136Kb / 6P
   100V NPN LOW SAT MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
More results

Similar Description - ZX5T853G

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZX5T853G ZETEX-ZX5T853G Datasheet
126Kb / 6P
   100V NPN LOW SAT MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZX5T853G DIODES-ZX5T853G_15 Datasheet
136Kb / 6P
   100V NPN LOW SAT MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZXTN2011G DIODES-ZXTN2011G_15 Datasheet
142Kb / 6P
   100V NPN LOW SATURATION MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Zetex Semiconductors
ZXTN2011G ZETEX-ZXTN2011G Datasheet
122Kb / 6P
   100V NPN LOW SATURATION MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZXTN2011G ZETEX-ZXTN2011G_06 Datasheet
135Kb / 6P
   100V NPN LOW SATURATION MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZXTN19100CG DIODES-ZXTN19100CG Datasheet
338Kb / 8P
   100V NPN low sat medium power transistor in SOT223
logo
Zetex Semiconductors
ZX5T953G ZETEX-ZX5T953G Datasheet
125Kb / 6P
   100V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZXTP2013G DIODES-ZXTP2013G_15 Datasheet
419Kb / 7P
   100V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Zetex Semiconductors
ZXTP2013G ZETEX-ZXTP2013G Datasheet
122Kb / 6P
   100V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZXTN19060CG DIODES-ZXTN19060CG Datasheet
324Kb / 8P
   60V NPN low sat medium power transistor in SOT223
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com