Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC1113D125HNC1 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # ADC1113D125HNC1
Description  Dual 11-bit ADC; serial JESD204A interface
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1113D125HNC1 Datasheet(HTML) 4 Page - NXP Semiconductors

  ADC1113D125HNC1 Datasheet HTML 1Page - NXP Semiconductors ADC1113D125HNC1 Datasheet HTML 2Page - NXP Semiconductors ADC1113D125HNC1 Datasheet HTML 3Page - NXP Semiconductors ADC1113D125HNC1 Datasheet HTML 4Page - NXP Semiconductors ADC1113D125HNC1 Datasheet HTML 5Page - NXP Semiconductors ADC1113D125HNC1 Datasheet HTML 6Page - NXP Semiconductors ADC1113D125HNC1 Datasheet HTML 7Page - NXP Semiconductors ADC1113D125HNC1 Datasheet HTML 8Page - NXP Semiconductors ADC1113D125HNC1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
ADC1113D125
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 10 February 2011
4 of 41
NXP Semiconductors
ADC1113D125
Dual 11-bit ADC; serial JESD204A interface
INBP
14
I
channel B analog input
VDDA
15
P
analog power supply 3 V
VDDA
16
P
analog power supply 3 V
SCLK
17
I
SPI clock
SDIO
18
I/O
SPI data IO
CS
19
I
chip select
AGND
20
G
analog ground
RESET
21
I
JEDEC digital IP reset
SCRAMBLER
22
I
scrambler enable and disable
CFG0
23
I/O
see Table 28 (input) or OTRA (output)[2]
CFG1
24
I/O
see Table 28 (input) or OTRB (output)[2]
CFG2
25
I/O
see Table 28 (input)
CFG3
26
I/O
see Table 28 (input)
VDDD
27
P
digital power supply 1.8 V
DGND
28
G
digital ground
DGND
29
G
digital ground
DGND
30
G
digital ground
VDDD
31
P
digital power supply 1.8 V
CMLPB
32
O
channel B output
CMLNB
33
O
channel B complementary output
VDDD
34
P
digital power supply 1.8 V
DGND
35
G
digital ground
DGND
36
G
digital ground
VDDD
37
P
digital power supply 1.8 V
CMLNA
38
O
channel A complementary output
CMLPA
39
O
channel A output
VDDD
40
P
digital power supply 1.8 V
DGND
41
G
digital ground
DGND
42
G
digital ground
SYNCP
43
I
synchronization from FPGA
SYNCN
44
I
synchronization from FPGA
DGND
45
G
digital ground
VDDD
46
P
digital power supply 1.8 V
SWING_0
47
I
JESD204 serial buffer programmable output swing
SWING_1
48
I
JESD204 serial buffer programmable output swing
DNC
49
O
do not connect
VDDA
50
P
analog power supply 3 V
AGND
51
G
analog ground
AGND
52
G
analog ground
Table 2.
Pin description …continued
Symbol
Pin
Type [1]
Description


Similar Part No. - ADC1113D125HNC1

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ADC1113D125HN-C1 IDT-ADC1113D125HN-C1 Datasheet
589Kb / 39P
   Dual 11-bit ADC; serial JESD204A interface
logo
NXP Semiconductors
ADC1113D125HN/C1 NXP-ADC1113D125HN/C1 Datasheet
314Kb / 41P
   Dual 11-bit ADC; serial JESD204A interface
Rev. 02-23 April 2010
More results

Similar Description - ADC1113D125HNC1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ADC1113D125 RENESAS-ADC1113D125 Datasheet
593Kb / 39P
   Dual 11-bit ADC; serial JESD204A interface
2 July 2012
logo
Integrated Device Techn...
ADC1113D125 IDT-ADC1113D125 Datasheet
589Kb / 39P
   Dual 11-bit ADC; serial JESD204A interface
logo
NXP Semiconductors
ADC1113D125 NXP-ADC1113D125 Datasheet
314Kb / 41P
   Dual 11-bit ADC; serial JESD204A interface
Rev. 02-23 April 2010
ADC1113S125 NXP-ADC1113S125 Datasheet
659Kb / 38P
   Single 11-bit ADC; serial JESD204A interface
Rev. 1-15 March 2011
logo
Renesas Technology Corp
ADC1113S125 RENESAS-ADC1113S125 Datasheet
701Kb / 36P
   Single 11-bit ADC; serial JESD204A interface
2 July 2012
logo
Integrated Device Techn...
ADC1113S125 IDT-ADC1113S125 Datasheet
698Kb / 36P
   Single 11-bit ADC; serial JESD204A interface
logo
NXP Semiconductors
ADC1213D_1106 NXP-ADC1213D_1106 Datasheet
661Kb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 7-9 June 2011
ADC1613D NXP-ADC1613D_11 Datasheet
622Kb / 43P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 3-9 February 2011
logo
Renesas Technology Corp
ADC1613D RENESAS-ADC1613D Datasheet
660Kb / 41P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
Integrated Device Techn...
ADC1613D IDT-ADC1613D Datasheet
656Kb / 41P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com