Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH288-YL-13 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AH288-YL-13
Description  HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH288-YL-13 Datasheet(HTML) 5 Page - Diodes Incorporated

  AH288-YL-13 Datasheet HTML 1Page - Diodes Incorporated AH288-YL-13 Datasheet HTML 2Page - Diodes Incorporated AH288-YL-13 Datasheet HTML 3Page - Diodes Incorporated AH288-YL-13 Datasheet HTML 4Page - Diodes Incorporated AH288-YL-13 Datasheet HTML 5Page - Diodes Incorporated AH288-YL-13 Datasheet HTML 6Page - Diodes Incorporated AH288-YL-13 Datasheet HTML 7Page - Diodes Incorporated AH288-YL-13 Datasheet HTML 8Page - Diodes Incorporated AH288-YL-13 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AH288
HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR
CONTROLLER
AH288 Rev. 12
5 of 9
APRIL 2010
DS31040
www.diodes.com
© Diodes Incorporated
Electrical Characteristics
(TA = 25
°C, Vdd = 24V, unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ.
Max
Unit
ICC
Supply Current
Operating
-
2
4
mA
IOFF
Output Leakage Current
VOUT = 24V
-
< 0.1
10
μA
TLRP-ON
Locked Protection On
0.4
0.46
0.6
Sec
TLRP-OFF
Locked Protection Off
2.4
2.76
3.6
Sec
VOUT(SAT)
Output Saturation Voltage
IO = 200mA
-
450
700
mV
IO = 300mA
-
680
800
RDS(ON)
Output On Resistance
IO = 200mA
-
2.25
3.5
ohm
VOL
FG Output Vds
IO = 10mA
-
0.3
0.5
V
VZ
Output Zener-breakdown Voltage
42
55
65
V
Truth Table
IN-
IN+
CT
OUT1
OUT2
FG
Mode
H
L
L
H
L
H
Rotating
L
H
L
L
H
L
Rotating
-
-
H
off
off
-
Lockup protection activated
Magnetic Characteristics
(TA = 25
°C, Vdd = 24V, unless otherwise specified, Note 7)
(1mT=10 Gauss)
Symbol
Characteristics
Min
Typ.
Max
Unit
Bop
Operate Point
10
30
60
Gauss
Brp
Release Point
-60
-30
-10
Gauss
Bhy
Hysteresis
-
60
-
Gauss
Notes:
7. Magnetic characteristics are for design information, which will vary with supply voltage, operating temperature and after soldering.


Similar Part No. - AH288-YL-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH288-YL-13 DIODES-AH288-YL-13 Datasheet
120Kb / 10P
   HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH288 Rev. 4
More results

Similar Description - AH288-YL-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH287 DIODES-AH287_10 Datasheet
212Kb / 11P
   HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR
AH289 DIODES-AH289_10 Datasheet
116Kb / 9P
   HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR
logo
Anachip Corp
AH289 ANACHIP-AH289 Datasheet
169Kb / 7P
   High Voltage Hall-Effect Smart Fan Motor Controller
logo
Diodes Incorporated
AH287 DIODES-AH287 Datasheet
114Kb / 10P
   HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH287 Rev. 4
AH288 DIODES-AH288 Datasheet
120Kb / 10P
   HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH288 Rev. 4
logo
Anachip Corp
AH287 ANACHIP-AH287 Datasheet
166Kb / 7P
   High Voltage Hall-Effect Smart Fan Motor Controller
logo
Diodes Incorporated
AH289 DIODES-AH289 Datasheet
188Kb / 9P
   HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH289 Rev. 3
AH291 DIODES-AH291_10 Datasheet
156Kb / 9P
   LOW VOLTAGE HALL-EFFECT SMART FAN MOTOR
AH292 DIODES-AH292_10 Datasheet
73Kb / 8P
   LOW VOLTAGE HALL-EFFECT SMART FAN MOTOR
AH293 DIODES-AH293_10 Datasheet
73Kb / 8P
   LOW VOLTAGE HALL-EFFECT SMART FAN MOTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com