Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH373-WG-7 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AH373-WG-7
Description  INTERNAL PULL-UP HALL EFFECT LATCH
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH373-WG-7 Datasheet(HTML) 6 Page - Diodes Incorporated

  AH373-WG-7 Datasheet HTML 1Page - Diodes Incorporated AH373-WG-7 Datasheet HTML 2Page - Diodes Incorporated AH373-WG-7 Datasheet HTML 3Page - Diodes Incorporated AH373-WG-7 Datasheet HTML 4Page - Diodes Incorporated AH373-WG-7 Datasheet HTML 5Page - Diodes Incorporated AH373-WG-7 Datasheet HTML 6Page - Diodes Incorporated AH373-WG-7 Datasheet HTML 7Page - Diodes Incorporated AH373-WG-7 Datasheet HTML 8Page - Diodes Incorporated AH373-WG-7 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
AH373
INTERNAL PULL-UP HALL EFFECT LATCH
AH373
Document number: DS31173 Rev. 6 - 2
6 of 9
www.diodes.com
July 2010
© Diodes Incorporated
Marking Information
(1) SIP-3L
373
Part Number
(Top View)
X : Internal Code : A~Z : Green
Y : Year : 0~9
WW : Week : 01~52, "52" represents
52 and 53 week
Y WW X
a~z : Lead Free
(2) SC59 (Commonly known as SOT23 in Asia)
XX Y W X
(Top View)
XX : Identification code
W : Week : A~Z : 1~26 week;
X : A~Z : Green
Y : Year 0~9
a~z : 27~52 week; z represents
52 and 53 week
a~z : Lead Free
Part Number
Package
Identification Code
AH373
SC59
P2


Similar Part No. - AH373-WG-7

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH373-W ANACHIP-AH373-W Datasheet
188Kb / 6P
   Internal Pull-up Hall Effect Latch
AH373-WA ANACHIP-AH373-WA Datasheet
188Kb / 6P
   Internal Pull-up Hall Effect Latch
AH373-WL ANACHIP-AH373-WL Datasheet
188Kb / 6P
   Internal Pull-up Hall Effect Latch
AH373-WLA ANACHIP-AH373-WLA Datasheet
188Kb / 6P
   Internal Pull-up Hall Effect Latch
More results

Similar Description - AH373-WG-7

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH373 ANACHIP-AH373 Datasheet
188Kb / 6P
   Internal Pull-up Hall Effect Latch
AH172 ANACHIP-AH172 Datasheet
179Kb / 6P
   Internal Pull-up Hall Effect Latch
AH373 ANACHIP-AH373_1 Datasheet
183Kb / 6P
   Internal Pull-up Hall Effect Latch
logo
Diodes Incorporated
AH372 DIODES-AH372 Datasheet
528Kb / 12P
   INTERNAL PULL-UP HALL EFFECT LATCH
AH173 DIODES-AH173_10 Datasheet
162Kb / 9P
   INTERNAL PULL-UP HALL EFFECT LATCH FOR HIGH
logo
Anachip Corp
AH173 ANACHIP-AH173 Datasheet
181Kb / 6P
   Internal Pull-up Hall Effect Latch For High Temperature
logo
Diodes Incorporated
AH173 DIODES-AH173 Datasheet
123Kb / 9P
   INTERNAL PULL-UP HALL EFFECT LATCH FOR HIGH TEMPERATURE
AH173 Rev. 4
logo
Taiwan Semiconductor Co...
TSH193 TSC-TSH193 Datasheet
437Kb / 8P
   Pull-up Resistor Integrated Hall Effect Latch
logo
Diodes Incorporated
AH3781 DIODES-AH3781 Datasheet
487Kb / 13P
   HIGH-VOLTAGE HIGH-SENSITIVITY HALL EFFECT LATCH WITH INTERNAL PULL-UP RESISTOR
AH3782 DIODES-AH3782 Datasheet
519Kb / 14P
   HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH WITH INTERNAL PULL-UP RESISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com