Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPI3012-3R9NZF-11 Datasheet(PDF) 1 Page - Superworld Electronics

Part # SPI3012-3R9NZF-11
Description  SMD POWER INDUCTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SPI3012-3R9NZF-11 Datasheet(HTML) 1 Page - Superworld Electronics

  SPI3012-3R9NZF-11 Datasheet HTML 1Page - Superworld Electronics SPI3012-3R9NZF-11 Datasheet HTML 2Page - Superworld Electronics SPI3012-3R9NZF-11 Datasheet HTML 3Page - Superworld Electronics SPI3012-3R9NZF-11 Datasheet HTML 4Page - Superworld Electronics SPI3012-3R9NZF-11 Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 1
23.09.2010
NOTE : Specifications subject to change without notice. Please check our website for latest information.
2. CONFIGURATION & DIMENSIONS :
3. MATERIALS :
(a) Core : Ferrite
(b) Wire : Polyurethane Enamelled Copper Wire
(c) Terminal Clip : C5191
(f)
S P I 3 0 1 2 - 1 R 0 N Z F -
(d)(e)
(b)
(c)
(a)
1. PART NO. EXPRESSION :
1.4
1.2 Max.
A
B
C
1.5 Typ
DE
0.76 Typ
3.0±0.3
3.0±0.2
Unit:m/m
(d) Adhesive : Epoxy
Recommended PCB Pattern
3.4
1.2 Typ
FG
0.7 Typ
(e) Ink : 70000-00101
0.6
3.2
SMD POWER INDUCTORS (PRELIMINARY)
SPI3012 SERIES
OR
A
E
D
E
(c) Inductance code : 1R0 = 1.0uH
(a) Series code
(b) Dimension code
(g) 11 ~ 99 : Internal controlled number
(f) F : RoHS Compliant
(e) Z : Standard part
E
Marking
(d) Tolerance code : M = ±20%, N = ±30%
(g)


Similar Part No. - SPI3012-3R9NZF-11

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SPI3012-3R9NZF SUPERWORLD-SPI3012-3R9NZF Datasheet
249Kb / 5P
   SMD POWER INDUCTORS
More results

Similar Description - SPI3012-3R9NZF-11

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com