Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5421 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5421
Description  16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5421 Datasheet(HTML) 4 Page - Analog Devices

  AD5421_11 Datasheet HTML 1Page - Analog Devices AD5421_11 Datasheet HTML 2Page - Analog Devices AD5421_11 Datasheet HTML 3Page - Analog Devices AD5421_11 Datasheet HTML 4Page - Analog Devices AD5421_11 Datasheet HTML 5Page - Analog Devices AD5421_11 Datasheet HTML 6Page - Analog Devices AD5421_11 Datasheet HTML 7Page - Analog Devices AD5421_11 Datasheet HTML 8Page - Analog Devices AD5421_11 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
AD5421
Rev. 0 | Page 4 of 32
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
OUTPUT CHARACTERISTICS3
Loop Compliance Voltage4
LOOP− + 5.5
V
REGOUT < 5.5 V, loop current = 24 mA
LOOP− + 12.5
V
REGOUT = 12 V, loop current = 24 mA
Loop Current Long-Term Stability
100
ppm FSR
Drift after 1000 hours at TA = 125°C,
loop current = 12 mA, internal RSET
15
ppm FSR
Drift after 1000 hours at TA = 125°C,
loop current = 12 mA, external RSET
Loop Current Error vs. REGOUT Load
Current
1.2
μA/mA
Loop current = 12 mA, load current
from REGOUT = 5 mA
Resistive Load
0
2
See Figure 19 for a load line graph
Inductive Load
50
mH
Stable operation
Power Supply Sensitivity
0.1
μA/V
Loop current = 12 mA
Output Impedance
12
400
Output TC
3
ppm FSR/°C
Loop current = 12 mA, internal RSET
1
ppm FSR/°C
Loop current = 12 mA, external RSET
Output Noise
0.1 Hz to 10 Hz
50
nA p-p
500 Hz to 10 kHz
0.2
mV rms
HART bandwidth; measured across
500 Ω load
Noise Spectral Density
195
nA/√Hz
At 1 kHz
256
nA/√Hz
At 10 kHz
REFERENCE INPUT (REFIN PIN)3
Reference Input Voltage5
2.5
V
For specified performance
DC Input Impedance
75
800
REFERENCE OUTPUTS
REFOUT1 Pin
Output Voltage
2.498
2.5
2.503
V
TA = 25°C
Temperature Coefficient
1.5
4
ppm/°C
C grade
2
10
ppm/°C
B grade
Output Noise (0.1 Hz to 10 Hz)3
7.5
μV p-p
Noise Spectral Density3
245
nV/√Hz
At 1 kHz
70
nV/√Hz
At 10 kHz
Output Voltage Drift vs. Time3
200
ppm
Drift after 1000 hours at TA = 125°C
Capacitive Load3
10
nF
Stable operation
Load Current3, 6
4
mA
Short-Circuit Current3
6.5
mA
Short circuit to COM
Power Supply Sensitivity3
2
12
μV/V
Thermal Hysteresis3
285
ppm
First temperature cycle
5
ppm
Second temperature cycle
Load Regulation3
0.1
0.2
mV/mA
Measured at 0 mA and 1 mA loads
Output Impedance
0.1
Ω
REFOUT2 Pin
Output Voltage
1.18
1.227
1.28
V
TA = 25°C
Output Impedance
72
REGOUT OUTPUT
Voltage regulator output
Output Voltage
1.8
12
V
See Table 10
Output Voltage TC3
110
ppm/°C
Output Voltage Accuracy
−4
±2
+4
%
Externally Available Current3, 6
3.15
mA
Assuming 4 mA flowing in the loop
and during HART communications
Short-Circuit Current
23
mA
Line Regulation3
500
mV/V
Internal NMOS
10
mV/V
External NMOS
Load Regulation3
8
mV/mA


Similar Part No. - AD5421_11

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5421 AD-AD5421_13 Datasheet
726Kb / 36P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Rev. F
More results

Similar Description - AD5421_11

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5421 AD-AD5421_13 Datasheet
726Kb / 36P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Rev. F
UG-250 AD-UG-250 Datasheet
562Kb / 12P
   Evaluation Board for 16-Bit, Serial Input, Loop-Powered 4 mA to 20 mA DAC
REV. A
AD421BNZ AD-AD421BNZ Datasheet
173Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421 AD-AD421 Datasheet
171Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421BRZRL AD-AD421BRZRL Datasheet
173Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421 AD-AD421_15 Datasheet
173Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD420 AD-AD420 Datasheet
144Kb / 11P
   Serial Input 16-Bit 4 mA-20 mA, 0 mA-20 mA DAC
REV. F
AD420 AD-AD420_11 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420 AD-AD420_15 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420ANZ-32 AD-AD420ANZ-32 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com