Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8657 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8657
Description  18 V, Precision, Micropower CMOS RRIO Operational Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8657 Datasheet(HTML) 3 Page - Analog Devices

  AD8657 Datasheet HTML 1Page - Analog Devices AD8657 Datasheet HTML 2Page - Analog Devices AD8657 Datasheet HTML 3Page - Analog Devices AD8657 Datasheet HTML 4Page - Analog Devices AD8657 Datasheet HTML 5Page - Analog Devices AD8657 Datasheet HTML 6Page - Analog Devices AD8657 Datasheet HTML 7Page - Analog Devices AD8657 Datasheet HTML 8Page - Analog Devices AD8657 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AD8657
Rev. 0 | Page 3 of 24
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS—2.7 V OPERATION
VSY = 2.7 V, VCM = VSY/2, TA = 25°C, unless otherwise specified.
Table 2.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
V
OS
V
CM = 0 V to 2.7 V
350
µV
V
CM = 0.3 V to 2.4 V; −40°C ≤ TA ≤ +85°C
1
mV
V
CM = 0 V to 2.7 V; −40°C ≤ TA ≤ +85°C
2.2
mV
V
CM = 0.3 V to 2.4 V; −40°C ≤ TA ≤ +125°C
2.5
mV
V
CM = 0 V to 2.7 V; −40°C ≤ TA ≤ +125°C
4
mV
Input Bias Current
I
B
1
10
pA
−40°C ≤ T
A ≤ +125°C
2.6
nA
Input Offset Current
I
OS
20
pA
−40°C ≤ T
A ≤ +125°C
500
pA
Input Voltage Range
0
2.7
V
Common-Mode Rejection Ratio
CMRR
V
CM = 0 V to 2.7 V
79
95
dB
V
CM = 0.3 V to 2.4 V, −40°C ≤ TA ≤ +85°C
70
dB
V
CM = 0 V to 2.7 V, −40°C ≤ TA ≤ +85°C
64
dB
V
CM = 0.3 V to 2.4 V, −40°C ≤ TA ≤ +125°C
63
dB
V
CM = 0 V to 2.7 V, −40°C ≤ TA ≤ +125°C
60
dB
Large Signal Voltage Gain
A
VO
R
L = 100 kΩ, VO = 0.5 V to 2.2 V
94
105
dB
−40°C ≤ T
A ≤ +85°C
75
dB
−40°C ≤ T
A ≤ +125°C
65
dB
Offset Voltage Drift
ΔV
OS/ΔT
2
μV/°C
Input Resistance
R
IN
10
GΩ
Input Capacitance, Differential Mode
C
INDM
3.5
pF
Input Capacitance, Common Mode
C
INCM
3.5
pF
OUTPUT CHARACTERISTICS
Output Voltage High
V
OH
R
L = 100 kΩ to VCM, −40°C ≤ TA ≤ +125°C
2.69
V
Output Voltage Low
V
OL
R
L = 100 kΩ to VCM, −40°C ≤ TA ≤ +125°C
10
mV
Short-Circuit Current
I
SC
±4
mA
Closed-Loop Output Impedance
Z
OUT
f = 1 kHz, A
V = 1
20
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
V
SY = 2.7 V to 18 V
105
125
dB
−40°C ≤ T
A ≤ +125°C
70
dB
Supply Current per Amplifier
I
SY
I
O = 0 mA
18
22
µA
−40°C ≤ T
A ≤ +125°C
33
µA
DYNAMIC PERFORMANCE
Slew Rate
SR
R
L = 1 MΩ, CL = 10 pF, AV = 1
38
V/ms
Settling Time to 0.1%
t
s
V
IN = 1 V step, RL = 100 kΩ, CL = 10 pF
14
µs
Gain Bandwidth Product
GBP
R
L = 1 MΩ, CL = 10 pF, AV = 1
170
kHz
Phase Margin
Φ
M
R
L = 1 MΩ, CL = 10 pF, AV = 1
69
Degrees
Channel Separation
CS
f = 10 kHz, R
L = 1 MΩ
105
dB
EMI Rejection Ratio of +IN x
EMIRR
V
IN = 100 mVPEAK, f = 400 MHz, 900 MHz,
1800 MHz, 2400 MHz
90
dB
NOISE PERFORMANCE
Voltage Noise
e
n p-p
f = 0.1 Hz to 10 Hz
6
µV p-p
Voltage Noise Density
e
n
f = 1 kHz
60
nV/√Hz
f = 10 kHz
56
nV/√Hz
Current Noise Density
i
n
f = 1 kHz
0.1
pA/√Hz


Similar Part No. - AD8657

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8657 AD-AD8657 Datasheet
696Kb / 24P
   22 關A, RRIO, CMOS, 18 V
REV. B
AD8657 AD-AD8657 Datasheet
248Kb / 5P
   Technical Article
AD8657ACPZ-R7 AD-AD8657ACPZ-R7 Datasheet
677Kb / 24P
   18 V, Precision, Micropower CMOS RRIO Operational Amplifier
REV. A
AD8657ACPZ-R7 AD-AD8657ACPZ-R7 Datasheet
719Kb / 24P
   22 mu A, RRIO, CMOS,18 V Operational Amplifiers
REV. B
AD8657ACPZ-RL AD-AD8657ACPZ-RL Datasheet
677Kb / 24P
   18 V, Precision, Micropower CMOS RRIO Operational Amplifier
REV. A
More results

Similar Description - AD8657

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8657 AD-AD8657_11 Datasheet
677Kb / 24P
   18 V, Precision, Micropower CMOS RRIO Operational Amplifier
REV. A
ADA4091-2 AD-ADA4091-2_16 Datasheet
550Kb / 20P
   Precision Micropower, OVP, RRIO Operational Amplifier
ADA4091-2 AD-ADA4091-2 Datasheet
478Kb / 20P
   Precision Micropower, OVP, RRIO Operational Amplifier
Rev. E
ADA4661-2 AD-ADA4661-2 Datasheet
904Kb / 32P
   18 V, Precision, 725 A, 4 MHz, CMOS RRIO Operational Amplifier
REV. 0
ADA4092-4 AD-ADA4092-4_16 Datasheet
690Kb / 21P
   Micropower RRIO Operational Amplifier
logo
Advanced Linear Devices
ALD1731A ALD-ALD1731A Datasheet
92Kb / 9P
   PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
Analog Devices
AD8500 AD-AD8500_15 Datasheet
457Kb / 12P
   Micropower Precision CMOS Operational Amplifier
REV. B
AD8500 AD-AD8500 Datasheet
630Kb / 12P
   Micropower Precision CMOS Operational Amplifier
REV. A
logo
ADL Embedded Solutions
ALD1721 ADL-ALD1721 Datasheet
108Kb / 9P
   PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
2011
logo
Analog Devices
ADA4661-2-KGD AD-ADA4661-2-KGD Datasheet
260Kb / 11P
   18 V, Precision, 725 μA, 4 MHz, CMOS RRIO Operational
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com