Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2574-5.0BN Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # LM2574-5.0BN
Description  52kHz Simple 0.5A Buck Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LM2574-5.0BN Datasheet(HTML) 3 Page - Micrel Semiconductor

  LM2574-5.0BN Datasheet HTML 1Page - Micrel Semiconductor LM2574-5.0BN Datasheet HTML 2Page - Micrel Semiconductor LM2574-5.0BN Datasheet HTML 3Page - Micrel Semiconductor LM2574-5.0BN Datasheet HTML 4Page - Micrel Semiconductor LM2574-5.0BN Datasheet HTML 5Page - Micrel Semiconductor LM2574-5.0BN Datasheet HTML 6Page - Micrel Semiconductor LM2574-5.0BN Datasheet HTML 7Page - Micrel Semiconductor LM2574-5.0BN Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
July 2005
3
M9999-072805
LM2574
Micrel, Inc.
Absolute Maximum Ratings(1)
Maximum Supply Voltage
LM2574...................................................................... 45V
OFF Pin Input Voltage ................................ –0.3V ≤ V ≤ VIN
Output Voltage to Ground (Steady State)...................... –1V
Power Dissipation..................................... Internally Limited
Storage Temperature Range (TS)............. –65°C to +150°C
Minimum ESD Rating
C = 100pF, R = 1.5kΩ................................................ 2kV
FB Pin........................................................................ 1kV
Lead Temperature (soldering, 10 sec.)...................... 260°C
Operating Ratings(1)
Supply Voltage
LM2574...................................................................... 40V
Temperature Range
LM2574...........................................–40°C ≤ TJ ≤ +125°C
Maximum Junction Temperature (TJ.......................... 150°C
Electrical Characteristics(2)
Specifications with standard typeface are for TJ = 25°C, and those with boldface type apply over full Operating Temperature Range.
Unless otherwise specified, VIN = 12V, and ILOAD = 100mA.
Symbol
Parameter
Condition
Min
Typ
Max
Units
System Parameters, Adjustable Regulators(3), Test Circuit Figure 2
VOUT
Feedback Voltage
VIN = 12V, ILOAD = 0.1A, VOUT = 5V
1.217
1.230
1.243
V
VOUT
Feedback Voltage
0.1A ≤ ILOAD ≤ 0.5A, 7V≤ VIN ≤ 40V,
1.193
1.230
1.267
V
(LM2574)
VOUT = 5V
1.180
1.280
V
η
Efficiency
VIN = 12V, ILOAD = 0.1A, VOUT = 5V
78
%
System Parameters, 3.3V Regulators(3), Test Circuit Figure 3
VOUT
Output Voltage
VIN = 12V, ILOAD = 0.1A, VOUT = 3.3V
3.234
3.3
3.366
V
VOUT
Output Voltage
0.1A ≤ ILOAD ≤ 0.5A, 4.75V ≤ VIN ≤ 40V,
3.168
3.3
3.432
V
(LM2574-3.3)
VOUT = 3.3V
3.135
3.465
V
η
Efficiency
VIN = 12V, ILOAD = 0.1A
73
%
System Parameters, 5V Regulators(3), Test Circuit Figure 3
VOUT
Output Voltage
VIN = 12V, ILOAD = 0.1A, VOUT = 5V
4.900
5.0
5.100
V
VOUT
Output Voltage
0.1A ≤ ILOAD ≤ 0.5A, 7V≤ VIN ≤ 40V,
4.800
5.0
5.200
V
(LM2574-5.0)
VOUT = 5V
4.750
5.250
V
η
Efficiency
VIN = 12V, ILOAD = 0.1A, VOUT = 5V
78
%
Notes:
1. “Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. “Operating Ratings” indicate for which the device is
intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see “Electrical Charac-
teristics.”
2. All limits guaranteed at room temperature (standard type face) and at temperature extremes (bold type face). All room temperature limits are 100%
production tested. All limits at temperature extremes are guaranteed via testing.
3. External components such as the catch diode, inductor, input and output capacitors can affect switching regulator system performance.
When the LM2574 is used as shown in Figure 1 test circuit, system performance will be shown in system parameters section of “Electrical Charac-
teristics.”


Similar Part No. - LM2574-5.0BN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
LM2574-5.0BN MICREL-LM2574-5.0BN Datasheet
67Kb / 5P
   52kHz Simple 0.5A Buck Regulator
LM2574-5.0BN MICREL-LM2574-5.0BN Datasheet
41Kb / 8P
   52KHZ SIMPLE 0.5A BUCK REGULATOR
More results

Similar Description - LM2574-5.0BN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
LM2574 MICREL-LM2574 Datasheet
67Kb / 5P
   52kHz Simple 0.5A Buck Regulator
LM2574 MICREL-LM2574 Datasheet
41Kb / 8P
   52KHZ SIMPLE 0.5A BUCK REGULATOR
LM2576 MICREL-LM2576_05 Datasheet
64Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2576-5.0WU MICREL-LM2576-5.0WU Datasheet
64Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2576-5.0WT MICREL-LM2576-5.0WT Datasheet
58Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2575-3.3BU MICREL-LM2575-3.3BU Datasheet
158Kb / 12P
   52kHz Simple 1A Buck Regulator
LM2575 MICREL-LM2575_09 Datasheet
158Kb / 12P
   52kHz Simple 1A Buck Regulator
LM2575 MICREL-LM2575 Datasheet
104Kb / 9P
   52kHz Simple 1A Buck Regulator
LM2576 MICREL-LM2576 Datasheet
89Kb / 8P
   52kHz Simple 3A Buck Voltage Regulator
MIC4574 MICREL-MIC4574_05 Datasheet
462Kb / 7P
   200kHz Simple 0.5A Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com