Electronic Components Datasheet Search |
|
MIC2026-2YM Datasheet(PDF) 1 Page - Micrel Semiconductor |
|
MIC2026-2YM Datasheet(HTML) 1 Page - Micrel Semiconductor |
1 / 16 page MIC2026/2076 Dual-Channel Power Distribution Switch UL Recognized Component Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 ( 408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com June 2010 M9999-060410-B General Description The MIC2026 and MIC2076 are high-side MOSFET switches optimized for general-purpose power distribution requiring circuit protection. The MIC2026/76 are internally current limited and have thermal shutdown that protects the device and load. The MIC2076 offers “smart” thermal shutdown that reduces current consumption in fault modes. When a thermal shutdown fault occurs, the output is latched off until the faulty load is removed. Removing the load or toggling the enable input will reset the device output. Both devices employ soft-start circuitry that minimizes inrush current in applications where highly capacitive loads are employed. A fault status output flag is asserted during overcurrent and thermal shutdown conditions. Transient faults are internally filtered. The MIC2026/76 are available in 8-pin DIP or 8-pin SOIC. All support documentation can be found on Micrel’s web site at www.micrel.com. Features • 140mΩ maximum on-resistance per channel • 2.7V to 5.5V operating range • 500mA minimum continuous current per channel • Shortcircuit protection with thermal shutdown • Thermally isolated channels • Fault status flag with 3ms filter eliminates false assertions • Undervoltage lockout • Reverse current flow blocking (no “body diode”) • Circuit breaker mode (MIC2076) • Logic-compatible inputs • Soft-start circuit • Low quiescent current • Pin compatible with MIC2526 • UL File # E179633 Applications • USB peripherals • General purpose power switching • ACPI power distribution • Notebook PCs • PDAs • PC card hot swap ___________________________________________________________________________________________________________ Typical Application ENA OUTA FLGAI N FLGB GND ENB OUTB ON/OFF OVERCURRENT OVERCURRENT ON/OFF MIC2026-2 Logic Controller VCC 2.7V to 5.5V 0.1µF VIN Load Load VCONT. 10k 10k |
Similar Part No. - MIC2026-2YM |
|
Similar Description - MIC2026-2YM |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |