Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC66356A Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LC66356A
Description  Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC66356A Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LC66356A Datasheet HTML 5Page - Sanyo Semicon Device LC66356A Datasheet HTML 6Page - Sanyo Semicon Device LC66356A Datasheet HTML 7Page - Sanyo Semicon Device LC66356A Datasheet HTML 8Page - Sanyo Semicon Device LC66356A Datasheet HTML 9Page - Sanyo Semicon Device LC66356A Datasheet HTML 10Page - Sanyo Semicon Device LC66356A Datasheet HTML 11Page - Sanyo Semicon Device LC66356A Datasheet HTML 12Page - Sanyo Semicon Device LC66356A Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
No. 5997-9/17
LC662508A, 662512A, 662516A
5. Inverter array circuit option
One of the following options can be selected for each of the following port sets: P40/P41, P42/P43, PC2/PC3,
PD0/PD1, and PD2/PD3. (PDs do not use option 1 because they are dedicated to input.)
Option
Circuit
Conditions and notes
Normal port I/O circuit
Inverter I/O circuit
When the open-drain output type is selected
When the built-in pull-up resistor output type is
selected.
The CMOS outputs (PC) and the pull-up MOS
outputs (P4) are distinguished by the drive
capacity of the P-channel transistor.
If this option is selected, The I/O circuit is
disabled by the DSB signal.
Also note that the open-drain port output type
option and the high level at reset option must be
selected.
DSB
Output data
Input data
DSB
Output data
Input data
DSB
DSB
Input
Output
Output data
high
Input data
Output data
high
Input data


Similar Part No. - LC66356A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC66356A SANYO-LC66356A Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC66356A SANYO-LC66356A Datasheet
201Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66356A SANYO-LC66356A Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC66356A SANYO-LC66356A Datasheet
176Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66356A SANYO-LC66356A Datasheet
617Kb / 24P
   4K/6K/8K-BYTE ROM-CONTAINED SINGLE-CHIP 4-BIT MICROCOMPUTER FOR CONTROL-ORIENTED APPLICATIONS
More results

Similar Description - LC66356A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC662304A SANYO-LC662304A Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC665304A SANYO-LC665304A Datasheet
182Kb / 26P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC66354C SANYO-LC66354C Datasheet
140Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC662104A SANYO-LC662104A Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC66556B SANYO-LC66556B Datasheet
647Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 6k and 8k of On-Chip ROM?
LC66E5316 SANYO-LC66E5316 Datasheet
201Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66E2316 SANYO-LC66E2316 Datasheet
170Kb / 26P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66P2316 SANYO-LC66P2316 Datasheet
176Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66P5316 SANYO-LC66P5316 Datasheet
205Kb / 28P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66562B SANYO-LC66562B Datasheet
580Kb / 22P
   12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com