Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC66358A Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC66358A
Description  Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC66358A Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC66358A Datasheet HTML 1Page - Sanyo Semicon Device LC66358A Datasheet HTML 2Page - Sanyo Semicon Device LC66358A Datasheet HTML 3Page - Sanyo Semicon Device LC66358A Datasheet HTML 4Page - Sanyo Semicon Device LC66358A Datasheet HTML 5Page - Sanyo Semicon Device LC66358A Datasheet HTML 6Page - Sanyo Semicon Device LC66358A Datasheet HTML 7Page - Sanyo Semicon Device LC66358A Datasheet HTML 8Page - Sanyo Semicon Device LC66358A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Overview
The LC66354C, LC66356C, and LC66358C are 4-bit
CMOS microcontrollers that integrate on a single chip all
the functions required in a system controller, including
ROM, RAM, I/O ports, a serial interface, comparator
inputs, three-value inputs, timers, and interrupt functions.
These three microcontrollers are available in a 42-pin
package.
These products differ from the earlier LC66358A Series
and LC66358B Series in the power-supply voltage range,
the operating speed, and other points.
Features and Functions
• On-chip ROM capacities of 4, 6, and 8 kilobytes, and an
on-chip RAM capacity of 512
× 4 bits.
• Fully supports the LC66000 Series common instruction
set (128 instructions).
• I/O ports: 36 pins
• 8-bit serial interface: two circuits (can be connected in
cascade to form a 16-bit interface)
• Instruction cycle time: 0.92 to 10 µs (at 2.5 to 5.5 V)
— For the earlier LC66358A Series: 1.96 to 10 µs (at
3.0 to 5.5 V) and 3.92 to 10 µs (at 2.2 to 5.5 V)
— For the earlier LC66358B Series: 0.92 to 10 µs (at
3.0 to 5.5 V)
• Powerful timer functions and prescalers
— Time limit timer, event counter, pulse width
measurement, and square wave output using a 12-bit
timer.
— Time limit timer, event counter, PWM output, and
square wave output using an 8-bit timer.
— Time base function using a 12-bit prescaler.
• Powerful interrupt system with 8 interrupt factors and 8
interrupt vector locations.
— External interrupts: 3 factors/3 vector locations
— Internal interrupts: 5 factors/5 vector locations
• Flexible I/O functions
Comparator inputs, three-value inputs, 20-mA drive
outputs, 15-V high-voltage pins, and pull-up/open-drain
options.
• Optional runaway detection function (watchdog timer)
• 8-bit I/O functions
• Power saving functions using halt and hold modes.
• Packages: DIP42S, QIP48E (QFP48E)
• Evaluation LSIs
— LC66599 (evaluation chip) + EVA85/800-TB6630X
— LC66E308 (on-chip EPROM microcontroller)
used together.
Package Dimensions
unit: mm
3025B-DIP42S
22897HA (OT) No. 5484-1/21
Preliminary
LC66354C, 66356C, 66358C
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
Four-Bit Single-Chip Microcontrollers
with 4, 6, and 8 KB of On-Chip ROM
CMOS LSI
SANYO: DIP42S
unit: mm
3156-QFP48E
(STAND OFF)
17.2
1.5
1.5
1.6
0.35
15.6
0.8
1.0
2.70
0.1
0.15
112
24
25
13
48
36
14.0
37
SANYO: QFP48E
[LC66354C/66356C/66358C]
1
37.9
0.95
0.48
1.78
1.15
22
21
42
[LC66354C/66356C/66358C]
No. 5484


Similar Part No. - LC66358A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC66358A SANYO-LC66358A Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC66358A SANYO-LC66358A Datasheet
201Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66358A SANYO-LC66358A Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC66358A SANYO-LC66358A Datasheet
176Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66358A SANYO-LC66358A Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
More results

Similar Description - LC66358A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC662104A SANYO-LC662104A Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC662304A SANYO-LC662304A Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC665304A SANYO-LC665304A Datasheet
182Kb / 26P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC662508A SANYO-LC662508A Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC66556B SANYO-LC66556B Datasheet
647Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 6k and 8k of On-Chip ROM?
LC66E2316 SANYO-LC66E2316 Datasheet
170Kb / 26P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66E5316 SANYO-LC66E5316 Datasheet
201Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66P2316 SANYO-LC66P2316 Datasheet
176Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66P5316 SANYO-LC66P5316 Datasheet
205Kb / 28P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC876596B SANYO-LC876596B Datasheet
682Kb / 23P
   8-Bit Single Chip Microcontroller with 96/80 KB ROM and 2048-Byte RAM On Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com