Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR6CM-12B-A8B00 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # CR6CM-12B-A8B00
Description  Thyristor Medium Power Use
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CR6CM-12B-A8B00 Datasheet(HTML) 3 Page - Renesas Technology Corp

  CR6CM-12B-A8B00 Datasheet HTML 1Page - Renesas Technology Corp CR6CM-12B-A8B00 Datasheet HTML 2Page - Renesas Technology Corp CR6CM-12B-A8B00 Datasheet HTML 3Page - Renesas Technology Corp CR6CM-12B-A8B00 Datasheet HTML 4Page - Renesas Technology Corp CR6CM-12B-A8B00 Datasheet HTML 5Page - Renesas Technology Corp CR6CM-12B-A8B00 Datasheet HTML 6Page - Renesas Technology Corp CR6CM-12B-A8B00 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CR6CM-12B
Preliminary
R07DS0230EJ0100 Rev.1.00
Page 3 of 6
Dec 20, 2010
Performance Curves
103
102
101
40
160
0
40
80
120
Maximum On-State Characteristics
On-State Voltage (V)
Rated Surge On-State Current
Conduction Time (Cycles at 50Hz)
Maximum Transient Thermal Impedance
Characteristics (Junction to case)
Time (s)
Gate Trigger Voltage vs.
Junction Temperature
Junction Temperature (°C)
Gate Current (mA)
Gate Trigger Current vs.
Junction Temperature
Junction Temperature (°C)
Gate Characteristics
5
01
4
23
103
102
101
100
Tc = 125°C
100
101
40
20
102
60
80
100
0
103
102
101
100
40
160
0
40
80
120
Typical Example
102
10–1
100
101
100
10–3
10–2
10–1
101
Typical Example
102
101
101
102
103
100
10-1
IGT = 10mA
VGT = 1V
PG(AV)
= 0.5W
VFGM = 6V
PGM = 5W
VGD = 0.1V
IFGM = 2A


Similar Part No. - CR6CM-12B-A8B00

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR6CM-12B-A8 RENESAS-CR6CM-12B-A8 Datasheet
126Kb / 9P
   600V - 6A - Thyristor Medium Power Use
More results

Similar Description - CR6CM-12B-A8B00

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR6KM-12A RENESAS-CR6KM-12A Datasheet
107Kb / 7P
   Thyristor Medium Power Use
CR8PM-12A RENESAS-CR8PM-12A_15 Datasheet
92Kb / 7P
   Thyristor Medium Power Use
CR8PM-12B RENESAS-CR8PM-12B Datasheet
80Kb / 8P
   Thyristor Medium Power Use
CR6PM-12B RENESAS-CR6PM-12B_15 Datasheet
84Kb / 8P
   Thyristor Medium Power Use
CR12CS-16B RENESAS-CR12CS-16B_15 Datasheet
119Kb / 9P
   Thyristor Medium Power Use
CR6PM-12G RENESAS-CR6PM-12G Datasheet
101Kb / 8P
   Thyristor Medium Power Use
CR6LM-12B RENESAS-CR6LM-12B_15 Datasheet
84Kb / 8P
   Thyristor Medium Power Use
CR12LM-12B RENESAS-CR12LM-12B_15 Datasheet
85Kb / 7P
   Thyristor Medium Power Use
CR8PM-12B RENESAS-CR8PM-12B_15 Datasheet
80Kb / 8P
   Thyristor Medium Power Use
CR12LM-12B RENESAS-CR12LM-12B Datasheet
85Kb / 7P
   Thyristor Medium Power Use
CR8CM-12B RENESAS-CR8CM-12B_13 Datasheet
127Kb / 9P
   Thyristor Medium Power Use
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com