Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC66354A Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LC66354A
Description  Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC66354A Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LC66354A Datasheet HTML 1Page - Sanyo Semicon Device LC66354A Datasheet HTML 2Page - Sanyo Semicon Device LC66354A Datasheet HTML 3Page - Sanyo Semicon Device LC66354A Datasheet HTML 4Page - Sanyo Semicon Device LC66354A Datasheet HTML 5Page - Sanyo Semicon Device LC66354A Datasheet HTML 6Page - Sanyo Semicon Device LC66354A Datasheet HTML 7Page - Sanyo Semicon Device LC66354A Datasheet HTML 8Page - Sanyo Semicon Device LC66354A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
System Block Diagram
Pin Function Overview
No. 5488-5/27
LC66E5316
Pin
I/O
Overview
Output driver type
Options
State after a Standby mode
reset
operation
P00/D0
P01/D1
P02/D2
P03/D3
P10/D4
P11/D5
P12/D6
P13/D7
P20/SI0/A0
P21/SO0/A1
P22/SCK0/
A2
P23/INT0/A3
I/O ports P00 to P03
• Input or output in 4-bit or 1-bit units
• P00 to P03 support the halt mode
control function (This function can be
specified in bit units.)
• Used as data pins in EPROM mode
I/O ports P10 to P13
• Input or output in 4-bit or 1-bit units
• Used as data pins in EPROM mode
I/O ports P20 to P23
• Input or output in 4-bit or 1-bit units
• P20 is also used as the serial input SI0
pin.
• P21 is also used as the serial output
SO0 pin.
• P22 is also used as the serial clock
SCK0 pin.
• P23 is also used as the INT0 interrupt
request pin, and also as the timer 0
event counting and pulse width
measurement input.
• Used as address pins in EPROM mode
I/O
I/O
I/O
• Pch: Pull-up MOS type
• Nch: Intermediate sink current
type
• Pch: Pull-up MOS type
• Nch: Intermediate sink current
type
• Pch: CMOS type
• Nch: Intermediate sink current
type
• Pull-up MOS or
Nch OD output
• Output level on
reset
• Pull-up MOS or
Nch OD output
• Output level on
reset
CMOS or Nch OD
output
High or low
(option)
High or low
(option)
H
Hold mode:
Output off
Hold mode:
Output off
Hold mode:
Output off
Hold mode:
Output off
Halt mode:
Output
retained
Halt mode:
Output
retained
Continued on next page.
SYSTEM
CONTROL
RAM STACK
(512W)
SP
E
A
EPROM
(16KB)
EPROM
control
PC
POUT0
A0 to A
D0 to D
SI0
SO0
SCK0
INT0
CE
DASEC
VPP/OE
EPMOD
TA
INT1, INT2
PIN1, POUT1
INVxO
INVxI
(x=0 to 4)
FLAG
INTERRUPT
CONTROL
MPX
MPX
TIMER1
MPX
TIMER0
SERIAL I/O 0
PE
PD
PC
E
M
R
D
P
Y
D
P
X
D
P
L
D
P
H
P0
P1
P2
P3
P4
P5
P6
DS1
DS0
P8
CZ
ALU
RES
XT1
XT2
AN1 to 4
TEST
OSC1
OSC2
HOLD
ADC
SI1
SO1
SCK1
SERIAL I/O 1
PRESCALER


Similar Part No. - LC66354A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC66354A SANYO-LC66354A Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC66354A SANYO-LC66354A Datasheet
527Kb / 19P
   4-bit single-chip microcomputer with EPROM?
LC66354A SANYO-LC66354A Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC66354A SANYO-LC66354A Datasheet
176Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66354A SANYO-LC66354A Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
More results

Similar Description - LC66354A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC66E2316 SANYO-LC66E2316 Datasheet
170Kb / 26P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66P2316 SANYO-LC66P2316 Datasheet
176Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66P5316 SANYO-LC66P5316 Datasheet
205Kb / 28P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC58E7008 SANYO-LC58E7008 Datasheet
486Kb / 17P
   On-Chip EPROM Microcomputer 4-Bit Single-Chip Microcontroller with LCD Driver, 16 Kbytes of EPROM and 2Kbits of RAM On-Chip
LC662508A SANYO-LC662508A Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC662304A SANYO-LC662304A Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC665304A SANYO-LC665304A Datasheet
182Kb / 26P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC66354C SANYO-LC66354C Datasheet
140Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC662104A SANYO-LC662104A Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
logo
Siemens Semiconductor G...
C167CR-16F SIEMENS-C167CR-16F Datasheet
3Mb / 62P
   16-Bit CMOS Single-Chip Microcontroller with 128KByte Flash EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com