Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJK0631JPD Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RJK0631JPD
Description  Silicon N Channel Power MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK0631JPD Datasheet(HTML) 4 Page - Renesas Technology Corp

  RJK0631JPD Datasheet HTML 1Page - Renesas Technology Corp RJK0631JPD Datasheet HTML 2Page - Renesas Technology Corp RJK0631JPD Datasheet HTML 3Page - Renesas Technology Corp RJK0631JPD Datasheet HTML 4Page - Renesas Technology Corp RJK0631JPD Datasheet HTML 5Page - Renesas Technology Corp RJK0631JPD Datasheet HTML 6Page - Renesas Technology Corp RJK0631JPD Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
RJK0631JPD
Preliminary
R07DS0252EJ0100 Rev.1.00
Page 4 of 6
Feb 03, 2011
50
40
30
20
10
0
20
16
12
8
4
10
20
30
40
50
0
Tc = 25
°C
ID = 30 A
VDS
VDD = 25 V
10 V
5 V
50
40
30
20
10
0
0.4
0.8
1.2
1.6
2.0
Tc = 25
°C
Pulse Test
VGS = 0, −5 V
10 V
100
80
60
40
20
25
50
75
100
125
175
150
0
50
−50
0
50
100
150
200
0
10
40
20
30
VGS = 4.5 V
10 V
0
5
10
15
20
25
30
3000
10000
1000
300
100
Tc = 25
°C
VGS = 0
f = 1 MHz
Ciss
Coss
Crss
VGS
VDD = 25 V
10 V
5 V
IAP = 27 A
VDD = 25 V
duty < 0.1 %
Rg
≥ 50 Ω
Gate Charge Qg (nc)
Dynamic Input Characteristics
Source to Drain Voltage VSD (V)
Reverse Drain Current vs.
Source to Drain Voltage
Channel Temperature Tch (
°C)
Avalanche Energy vs.
Channel Temperature Derating
Case Temperature Tc (
°C)
Static Drain to Source on State Resistance
vs. Temperature
Drain to Source Voltage VDS (V)
Typical Capacitance vs.
Drain to Source Voltage
Pulse Test
ID = 15 A


Similar Part No. - RJK0631JPD

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
RJK0631JPD DOINGTER-RJK0631JPD Datasheet
2Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
Renesas Technology Corp
RJK0631JPD RENESAS-RJK0631JPD_13 Datasheet
99Kb / 7P
   Silicon N Channel Power MOS FET High Speed Power Switching
RJK0631JPD RENESAS-RJK0631JPD_15 Datasheet
98Kb / 7P
   Silicon N Channel Power MOS FET High Speed Power Switching
More results

Similar Description - RJK0631JPD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2026R RENESAS-HAT2026R_15 Datasheet
108Kb / 9P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2058R RENESAS-HAT2058R_15 Datasheet
249Kb / 10P
   Silicon N Channel Power MOS FET High Speed Power Switching
RJK0631JPE RENESAS-RJK0631JPE Datasheet
126Kb / 7P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2058R RENESAS-HAT2058R Datasheet
86Kb / 10P
   Silicon N Channel Power MOS FET High Speed Power Switching
logo
Hitachi Semiconductor
HAT2025R HITACHI-HAT2025R Datasheet
51Kb / 9P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2033R HITACHI-HAT2033R Datasheet
56Kb / 10P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2049T HITACHI-HAT2049T Datasheet
52Kb / 9P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2050T HITACHI-HAT2050T Datasheet
57Kb / 9P
   Silicon N Channel Power MOS FET High Speed Power Switching
logo
Renesas Technology Corp
RJK0631JPD RENESAS-RJK0631JPD_13 Datasheet
99Kb / 7P
   Silicon N Channel Power MOS FET High Speed Power Switching
RJK0631JPE RENESAS-RJK0631JPE_13 Datasheet
101Kb / 7P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2092R RENESAS-HAT2092R Datasheet
80Kb / 8P
   Silicon N Channel Power MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com