Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJK0631JPD-00-J0 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RJK0631JPD-00-J0
Description  Silicon N Channel Power MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK0631JPD-00-J0 Datasheet(HTML) 2 Page - Renesas Technology Corp

  RJK0631JPD-00-J0 Datasheet HTML 1Page - Renesas Technology Corp RJK0631JPD-00-J0 Datasheet HTML 2Page - Renesas Technology Corp RJK0631JPD-00-J0 Datasheet HTML 3Page - Renesas Technology Corp RJK0631JPD-00-J0 Datasheet HTML 4Page - Renesas Technology Corp RJK0631JPD-00-J0 Datasheet HTML 5Page - Renesas Technology Corp RJK0631JPD-00-J0 Datasheet HTML 6Page - Renesas Technology Corp RJK0631JPD-00-J0 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RJK0631JPD
Preliminary
R07DS0252EJ0100 Rev.1.00
Page 2 of 6
Feb 03, 2011
Electrical Characteristics
(Ta = 25
C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Gate to source leak current
IGSS
10
A
VGS = 20 V, VDS = 0
Zero gate voltage drain current
IDSS
1
A
VDS = 60 V, VGS = 0
Gate to source cutoff voltage
VGS(off)
1.0
2.0
V
ID = 1 mA, VDS = 10 V
12
15
m
ID = 15 A, VGS = 10 V
Note5
Static drain to source on state
resistance
RDS(on)
15
20
m
ID = 15 A, VGS = 4.5 V
Note5
Input capacitance
Ciss
1350
pF
Output capacitance
Coss
360
pF
Reverse transfer capacitance
Crss
270
pF
VDS = 10V, VGS = 0,
f = 1 MHz
Total gate charge
Qg
32
nC
Gate to source charge
Qgs
3.6
nC
Gate to drain charge
Qgd
10
nC
VDD = 25 V, VGS = 10 V,
ID = 30 A
Turn-on delay time
td(on)
13
ns
Rise time
tr
15
ns
Turn-off delay time
td(off)
60
ns
Fall time
tf
15
ns
ID = 15 A, RL = 2 
VGS = 10 V, RG = 4.7 
Body-drain diode forward voltage
VDF
0.94
1.17
V
IF = 30 A, VGS = 0
Note5
Body-drain diode reverse recovery
time
trr
40
ns
IF = 30 A, VGS = 0
diF/dt = 100 A/s
Note:
5. Pulse test


Similar Part No. - RJK0631JPD-00-J0

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
RJK0631JPD DOINGTER-RJK0631JPD Datasheet
2Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
Renesas Technology Corp
RJK0631JPD RENESAS-RJK0631JPD_13 Datasheet
99Kb / 7P
   Silicon N Channel Power MOS FET High Speed Power Switching
RJK0631JPD RENESAS-RJK0631JPD_15 Datasheet
98Kb / 7P
   Silicon N Channel Power MOS FET High Speed Power Switching
More results

Similar Description - RJK0631JPD-00-J0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2026R RENESAS-HAT2026R_15 Datasheet
108Kb / 9P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2058R RENESAS-HAT2058R_15 Datasheet
249Kb / 10P
   Silicon N Channel Power MOS FET High Speed Power Switching
RJK0631JPE RENESAS-RJK0631JPE Datasheet
126Kb / 7P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2058R RENESAS-HAT2058R Datasheet
86Kb / 10P
   Silicon N Channel Power MOS FET High Speed Power Switching
logo
Hitachi Semiconductor
HAT2025R HITACHI-HAT2025R Datasheet
51Kb / 9P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2033R HITACHI-HAT2033R Datasheet
56Kb / 10P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2049T HITACHI-HAT2049T Datasheet
52Kb / 9P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2050T HITACHI-HAT2050T Datasheet
57Kb / 9P
   Silicon N Channel Power MOS FET High Speed Power Switching
logo
Renesas Technology Corp
RJK0631JPD RENESAS-RJK0631JPD_13 Datasheet
99Kb / 7P
   Silicon N Channel Power MOS FET High Speed Power Switching
RJK0631JPE RENESAS-RJK0631JPE_13 Datasheet
101Kb / 7P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2092R RENESAS-HAT2092R Datasheet
80Kb / 8P
   Silicon N Channel Power MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com