Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC72122V Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LC72122V
Description  PLL Frequency Synthesizer for Portable Equipment Electronic Tuning
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72122V Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LC72122V Datasheet HTML 1Page - Sanyo Semicon Device LC72122V Datasheet HTML 2Page - Sanyo Semicon Device LC72122V Datasheet HTML 3Page - Sanyo Semicon Device LC72122V Datasheet HTML 4Page - Sanyo Semicon Device LC72122V Datasheet HTML 5Page - Sanyo Semicon Device LC72122V Datasheet HTML 6Page - Sanyo Semicon Device LC72122V Datasheet HTML 7Page - Sanyo Semicon Device LC72122V Datasheet HTML 8Page - Sanyo Semicon Device LC72122V Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
No. 6113-5/22
LC72122V
Pin Descriptions
Symbol
Pin No.
Type
Functions
Circuit configuration
19
20
12
11
1
3
2
4
13
14
XIN
XOUT
FMIN
AMIN
CE
CL
DI
DO
VDD
VSSd
Xtal
Local oscillator
signal input
Local oscillator
signal input
Chip enable
Clock
Input data
Output data
Power supply
Ground
• Crystal oscillator connections (75 kHz)
• FMIN is selected when the serial data input DVS bit is
set to 1.
• The input frequency range is from 10 to 250 MHz.
• The input signal passes through the internal divide-by-
two prescaler and is input to the swallow counter.
• The divisor can be in the range 272 to 65535. However,
since the signal has passed through the divide-by-two
prescaler, the actual divisor is twice the set value.
• AMIN is selected when the serial data input DVS bit is
set to 0.
• When the serial data input SNS bit is set to 1:
— The input frequency range is 2 to 40 MHz.
— The signal is directly input to the swallow counter.
— The divisor can be in the range 272 to 65535, and
the divisor used will be the value set.
• When the serial data input SNS bit is set to 0:
— The input frequency range is 0.5 to 10 MHz.
— The signal is directly input to a 12-bit programmable
divider.
— The divisor can be in the range 4 to 4095, and the
divisor used will be the value set.
• Set this pin high when inputting (DI) or outputting (DO)
serial data.
• Up to 6.5 V may be applied, regardless of the actual
supply voltage (VDD).
• Used as the synchronization clock when inputting (DI) or
outputting (DO) serial data.
• Up to 6.5 V may be applied, regardless of the actual
supply voltage (VDD).
• Inputs serial data transferred from the controller to the
LC72122V.
• Up to 6.5 V may be applied, regardless of the actual
supply voltage (VDD).
• Outputs serial data transferred from the LC72122V to
the controller. The data output is determined by the
DOC0 to DOC2 bits in the serial data.
• The LC72122V power supply pin. (VDD = 1.8 to 3.6 V)
• The power on reset circuit operates when power is first
applied.
• The LC72122V ground
Continued on next page.


Similar Part No. - LC72122V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72121 SANYO-LC72121 Datasheet
379Kb / 22P
   PLL Frequency Synthesizers for Electronic Tuning
LC72121 SANYO-LC72121 Datasheet
425Kb / 23P
   PLL Frequency Synthesizers for Electronic Tuning
LC72121M SANYO-LC72121M Datasheet
379Kb / 22P
   PLL Frequency Synthesizers for Electronic Tuning
LC72121MA SANYO-LC72121MA Datasheet
250Kb / 24P
   CMOS IC PLL Frequency Synthesizers for Electronic Tuning
LC72121V SANYO-LC72121V Datasheet
379Kb / 22P
   PLL Frequency Synthesizers for Electronic Tuning
More results

Similar Description - LC72122V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72146 SANYO-LC72146 Datasheet
357Kb / 21P
   PLL Frequency Synthesizer for Electronic Tuning
LC72136 SANYO-LC72136 Datasheet
370Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LC72133M SANYO-LC72133M_11 Datasheet
264Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LC72133M SANYO-LC72133M Datasheet
302Kb / 22P
   PLL Frequency Synthesizer for Electronic Tuning?
LC7216M SANYO-LC7216M Datasheet
382Kb / 18P
   PLL Frequency Synthesizer for Electronic Tuning?
LC72137 SANYO-LC72137 Datasheet
351Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LC72135M SANYO-LC72135M Datasheet
469Kb / 24P
   PLL Frequency Synthesizer for Electronic Tuning?
LC72136N SANYO-LC72136N Datasheet
319Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LM7000 SANYO-LM7000 Datasheet
178Kb / 7P
   Direct PLL Frequency Synthesizer for Electronic Tuning
LC7218 SANYO-LC7218 Datasheet
265Kb / 16P
   PLL Frequency Synthesizer for Electronic Tuning in AV Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com