Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC66558B Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LC66558B
Description  Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC66558B Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LC66558B Datasheet HTML 3Page - Sanyo Semicon Device LC66558B Datasheet HTML 4Page - Sanyo Semicon Device LC66558B Datasheet HTML 5Page - Sanyo Semicon Device LC66558B Datasheet HTML 6Page - Sanyo Semicon Device LC66558B Datasheet HTML 7Page - Sanyo Semicon Device LC66558B Datasheet HTML 8Page - Sanyo Semicon Device LC66558B Datasheet HTML 9Page - Sanyo Semicon Device LC66558B Datasheet HTML 10Page - Sanyo Semicon Device LC66558B Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
No. 5997-7/17
LC662508A, 662512A, 662516A
Pin
I/O
Overview
Output driver type
Options
State after a Standby mode
reset
operation
PD0/INV3I
PD1/INV3O
PD2/INV4I
PD3/INV4O
PE0
PE1
OSC1
OSC2
RES
TEST
VDD
VSS
Dedicated input ports PD0 to PD3
Dedicated inverter circuits (option)
Dedicated input ports
System clock oscillator connections
When an external clock is used, leave
OSC2 open and connect the clock signal
to OSC1.
System reset input
When the P33/HOLD pin is at the high
level, a low level input to the RES pin will
initialize the CPU.
CPU test pin
This pin must be connected to VSS
during normal operation.
Power supply pins
I
I
I
O
I
I
• When the inverter circuit
option is selected.
• Pch: CMOS type
• Nch: Intermediate sink current
type
Inverter circuits
Ceramic oscillator
or external clock
selection
Normal
input or
inverter I/O
(option)
Option
selection
Inverter
• Hold
mode:
output off
• Halt mode:
output
continues
Hold mode:
input
disabled
Halt mode:
input
enabled
Hold mode:
Oscillator
stops
Halt mode:
Oscillator
continues
Note: Pull-up MOS type: The output circuit includes a MOS transistor that pulls the pin up to VDD.
CMOS output: Complementary output.
OD output: Open-drain output
Continued from preceding page.
User Options
1. Ports 0, 1, 4, 5, and 8 output level at reset option
The output levels at reset for I/O ports 0, 1, 4, 5, and 8 in independent 4-bit groups, can be selected from the
following two options.
2. Oscillator circuit options
• Main clock
Option
Circuit
Conditions and notes
External clock
Ceramic oscillator
The input has Schmitt characteristics
Option
Conditions and notes
Output high at reset
The four bits of ports 0, 1, 4, 5, or 8 are set in a group
Output low at reset
The four bits of ports 0, 1, 4, 5, or 8 are set in a group
OSC1
OSC1
OSC2
C1
C2
Ceramic oscillator
Note: There is no RC oscillator option.


Similar Part No. - LC66558B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC66558B SANYO-LC66558B Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC66558B SANYO-LC66558B Datasheet
176Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66558B SANYO-LC66558B Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC66558B SANYO-LC66558B Datasheet
205Kb / 28P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66558B SANYO-LC66558B Datasheet
617Kb / 24P
   4K/6K/8K-BYTE ROM-CONTAINED SINGLE-CHIP 4-BIT MICROCOMPUTER FOR CONTROL-ORIENTED APPLICATIONS
More results

Similar Description - LC66558B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC662304A SANYO-LC662304A Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC665304A SANYO-LC665304A Datasheet
182Kb / 26P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC66354C SANYO-LC66354C Datasheet
140Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC662104A SANYO-LC662104A Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC66556B SANYO-LC66556B Datasheet
647Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 6k and 8k of On-Chip ROM?
LC66E5316 SANYO-LC66E5316 Datasheet
201Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66E2316 SANYO-LC66E2316 Datasheet
170Kb / 26P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66P2316 SANYO-LC66P2316 Datasheet
176Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66P5316 SANYO-LC66P5316 Datasheet
205Kb / 28P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66562B SANYO-LC66562B Datasheet
580Kb / 22P
   12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com