Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM843001-106KA Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SM843001-106KA
Description  ClockWorks??Fibre Channel, 106.25MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SM843001-106KA Datasheet(HTML) 2 Page - Micrel Semiconductor

  SM843001-106KA Datasheet HTML 1Page - Micrel Semiconductor SM843001-106KA Datasheet HTML 2Page - Micrel Semiconductor SM843001-106KA Datasheet HTML 3Page - Micrel Semiconductor SM843001-106KA Datasheet HTML 4Page - Micrel Semiconductor SM843001-106KA Datasheet HTML 5Page - Micrel Semiconductor SM843001-106KA Datasheet HTML 6Page - Micrel Semiconductor SM843001-106KA Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Micrel, Inc.
SM843001-106
October 2010
2
M9999-100610-A
hbwhelp@micrel.com
Ordering Information
(1)
Part Number
Package Type
Operating Range
Package Marking
SM843001-106KA
K-8
Industrial
843001-106
SM843001-106KA TR
(2)
K-8
Industrial
843001-106
Notes:
1.
Devices are Green-, RoHS-, and PFOS-compliant.
2.
Tape and Reel.
Pin Configuration
8-Pin TSSOP (K-8)
Pin Description
Pin Number
Pin Name
Type
Level
Pin Function
1
VDDA
PWR
Analog 2.5V or 3.3V Power Supply. No filter resistor needed.
2
VEE
PWR
Ground.
3
XTAL_OUT
O, (SE)
12pF crystal
Crystal Reference Output, no load caps needed.
4
XTAL_IN
I, (SE)
12pF crystal
Crystal Reference Input, no load caps needed.
5
NC
No Connect.
6
/Q0
O, (DIF)
LVPECL
Differential Clock Output.
7
Q0
O, (DIF)
LVPECL
Differential Clock Output.
8
VDD
PWR
2.5V or 3.3V Power Supply.
or (408) 955-1690


Similar Part No. - SM843001-106KA

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SM843001-212 MICREL-SM843001-212 Datasheet
331Kb / 7P
   ClockWorks Fibre Channel, 212.5MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM843001-212KA MICREL-SM843001-212KA Datasheet
331Kb / 7P
   ClockWorks Fibre Channel, 212.5MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM843001-212KATR MICREL-SM843001-212KATR Datasheet
331Kb / 7P
   ClockWorks Fibre Channel, 212.5MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
More results

Similar Description - SM843001-106KA

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SM843001-212 MICREL-SM843001-212 Datasheet
331Kb / 7P
   ClockWorks Fibre Channel, 212.5MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM802116 MICREL-SM802116 Datasheet
534Kb / 12P
   ClockWorks??Fibre Channel (106.25MHz, 212.5MHz) Ultra-Low Jitter, LVDS Frequency
SM802104 MICREL-SM802104_11 Datasheet
322Kb / 11P
   ClockWork Fibre Channel (106.25MHz, 212.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802110 MICREL-SM802110 Datasheet
274Kb / 7P
   ClockWorks??CPRI 153.6MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802117 MICREL-SM802117 Datasheet
333Kb / 10P
   ClockWorks??GbE (125MHz) Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM840001 MICREL-SM840001 Datasheet
313Kb / 8P
   106.25MHz Ultra-Low Jitter Clock Synthesizer
SM843031-01 MICREL-SM843031-01 Datasheet
331Kb / 7P
   ClockWorks??10-Gigabit Ethernet, 312.5MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM843251-156 MICREL-SM843251-156 Datasheet
340Kb / 7P
   ClockWorks??10-Gigabit Ethernet, 156.25MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM802108 MICREL-SM802108 Datasheet
462Kb / 11P
   ClockWorks??10GbE & GbE (156.25MHz, 125MHz) Ultra-Low Jitter, LVPECL Frequency Synthesizer
logo
Maxim Integrated Produc...
MAX3610 MAXIM-MAX3610 Datasheet
690Kb / 8P
   Low-Jitter 106.25MHz/212.5MHz Fibre-Channel Clock Generator
Rev 0; 5/04
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com