Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM844256KA Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SM844256KA
Description  10 Gigabit Ethernet and SONET, 6 Output, Ultra-Low Jitter LVDS Frequency Synthesizer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SM844256KA Datasheet(HTML) 1 Page - Micrel Semiconductor

  SM844256KA Datasheet HTML 1Page - Micrel Semiconductor SM844256KA Datasheet HTML 2Page - Micrel Semiconductor SM844256KA Datasheet HTML 3Page - Micrel Semiconductor SM844256KA Datasheet HTML 4Page - Micrel Semiconductor SM844256KA Datasheet HTML 5Page - Micrel Semiconductor SM844256KA Datasheet HTML 6Page - Micrel Semiconductor SM844256KA Datasheet HTML 7Page - Micrel Semiconductor SM844256KA Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SM844256
10 Gigabit Ethernet and SONET, 6 Output,
Ultra-Low Jitter LVDS Frequency
Synthesizer
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
July 2010
M9999-072110-B
General Description
The SM844256 provides a low-noise timing solution for
high speed, high accuracy synthesis of clock signals.
Common applications include SONET, Gigabit Ethernet,
10 Gigabit Ethernet, and similar networking standards. It
includes a power reduction methodology, along with a
patented RotaryWave
TM architecture that provides a very
stable clock with very low noise.
Power supplies of either 3.3V or 2.5V are supported, with
superior jitter and phase noise performance. The device
synthesizes different low noise LVDS output frequencies
such as 125MHz, 156.25MHz, 312.5MHz, and 625MHz for
Ethernet applications; 77.76MHz, 155.52MHz, 311.04MHz,
and 622.08MHz for SONET applications. The crystal
reference frequencies used include 25MHz and 19.44Mhz
for Ethernet and SONET applications, respectively.
The SM844256 is an excellent replacement for IDT Femto-
clocks, with improved accuracy, power consumption,
waveform integrity, and jitter.
Data sheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• Generates six LVDS outputs
• 2.5V or 3.3V operating range
• Typical phase jitter @ 125MHz
(1.875MHz to 20MHz): 80 fs (typical) @ 3.3V
• 75MHz to 625MHz output frequencies
• Industrial temperature range
• Green, RoHS, and PFOS compliant
• Available in 24-pin TSSOP EPAD
• Operating supply modes:
Core/Output
3.3V/3.3V, 3.3V/2.5V, 2.5V/2.5V
Applications
• SONET
• Gigabit Ethernet
• 10-Gigabit Ethernet
• Infiniband
________________________________________________________________________________________________________________________
Block Diagram


Similar Part No. - SM844256KA

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SM840001 MICREL-SM840001 Datasheet
313Kb / 8P
   106.25MHz Ultra-Low Jitter Clock Synthesizer
SM840001KA MICREL-SM840001KA Datasheet
313Kb / 8P
   106.25MHz Ultra-Low Jitter Clock Synthesizer
SM840001KATR MICREL-SM840001KATR Datasheet
313Kb / 8P
   106.25MHz Ultra-Low Jitter Clock Synthesizer
SM840002 MICREL-SM840002 Datasheet
367Kb / 9P
   ClockWorks??Dual 10-Gigabit/Gigabit Ethernet 62.5MHz, 125MHz, or 156.25MHz
SM840002KA MICREL-SM840002KA Datasheet
367Kb / 9P
   ClockWorks??Dual 10-Gigabit/Gigabit Ethernet 62.5MHz, 125MHz, or 156.25MHz
More results

Similar Description - SM844256KA

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SM843256 MICREL-SM843256 Datasheet
238Kb / 8P
   10 Gigabit Ethernet and SONET, 6 output, Ultra-Low Jitter LVPECL Frequency Synthesizer
SM840051 MICREL-SM840051 Datasheet
297Kb / 10P
   10 Gigabit Ethernet Ultra-Low Jitter Clock Synthesizer
SM843031-01 MICREL-SM843031-01 Datasheet
331Kb / 7P
   ClockWorks??10-Gigabit Ethernet, 312.5MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM843251-156 MICREL-SM843251-156 Datasheet
340Kb / 7P
   ClockWorks??10-Gigabit Ethernet, 156.25MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM840004-11 MICREL-SM840004-11 Datasheet
236Kb / 10P
   62.5/125MHz Gigabit Ethernet, 4 Output, Ultra-Low Jitter Clock Synthesizer
SM802112 MICREL-SM802112 Datasheet
453Kb / 12P
   ClockWorks??3-Output, 480MHz/80MHz, Ultra-Low Jitter LVDS/CMOS Frequency Synthesizer
SM802120 MICREL-SM802120 Datasheet
330Kb / 12P
   ClockWorksTM 125MHz LVDS / 125 MHz HCSL Ultra-Low Jitter Frequency Synthesizer
PL602081UMG MICREL-PL602081UMG Datasheet
646Kb / 15P
   PCIe Octal, Ultra-Low Jitter, HCSL Frequency Synthesizer
SM802121 MICREL-SM802121 Datasheet
301Kb / 10P
   ClockWorks10GbE (156.25MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
logo
Raltron Electronics Cor...
CO8920A RALTRON-CO8920A Datasheet
43Kb / 1P
   HIGH FREQUENCY, LOW JITTER, SMD OSCILLATOR FOR GIGABIT ETHERNET APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com