Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC66506B Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LC66506B
Description  Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC66506B Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LC66506B Datasheet HTML 3Page - Sanyo Semicon Device LC66506B Datasheet HTML 4Page - Sanyo Semicon Device LC66506B Datasheet HTML 5Page - Sanyo Semicon Device LC66506B Datasheet HTML 6Page - Sanyo Semicon Device LC66506B Datasheet HTML 7Page - Sanyo Semicon Device LC66506B Datasheet HTML 8Page - Sanyo Semicon Device LC66506B Datasheet HTML 9Page - Sanyo Semicon Device LC66506B Datasheet HTML 10Page - Sanyo Semicon Device LC66506B Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Continued from preceding page.
Note: Pull-up MOS type: The output circuit includes a MOS transistor that pulls the pin up to VDD.
CMOS output: Complementary output.
OD output: Open-drain output.
No. 5489-7/28
LC66P5316
Pin
I/O
Overview
Output driver type
Options
State after a Standby mode
reset
operation
P50/A11
P51/A12
P52/A13
P53/INT2/TA
P60/SI1
P61/SO1
P62/SCK1
P63/PIN1
P80/DS0
P81/DS1
P82
P83
PC0
PC1
PC2/INV2I/
CE
PC3/INV2O/
DASEC
PD0/AN1/
INV3I
PD1/AN2/
INV3O
PD2/AN3/
INV4I
PD3/AN4/
INV4O
PE0/XT1
PE1/XT2
OSC1
OSC2
RES/VPP/
OE
TEST/
EPMOD
VDD
VSS
I/O ports P50 to P53
• Input or output in 4-bit or 1-bit units
• Input or output in 8-bit units when used
in conjunction with P40 to P43.
• Can be used for output of 8-bit ROM
data when used in conjunction with
P40 to P43.
• P53 is also used as the INT2 interrupt
request.
• Used as address pins in EPROM mode
I/O ports P60 to P63
• Input or output in 4-bit or 1-bit units
• P60 is also used as the serial input SI1
pin.
• P61 is also used as the serial output
SO1 pin.
• P62 is also used as the serial clock
SCK1 pin.
• P63 is also used for the event count
input to timer 1.
Dedicated output ports P80 to P83
• Output in 4-bit or 1-bit units
• The contents of the output latch are
input using input instructions.
• P80 is a data shaper input (options)
• P81 is a data shaper output (options)
I/O ports PC0 to PC3
• Output in 4-bit or 1-bit units
• Dedicated inverter circuits (option)
• Used as the control CE and DASEC
pin in EPROM mode.
Dedicated input ports PD0 to PD3
• Can be switched in software to function
as 16-value analog inputs.
• Dedicated inverter circuits (option)
Dedicated input ports and sub-oscillator
connections
System clock oscillator connections
When an external clock is used, leave
OSC2 open and connect the clock signal
to OSC1.
System reset input
• When the P33/HOLD pin is at the high
level, a low level input to the RES pin
will initialize the CPU.
• Used as the VPP/OE pin in EPROM
mode.
CPU test pin
This pin must be connected to VSS
during normal operation.
Power supply pins
I/O
I/O
O
I/O
I
I
I
O
I
I
• Pch: Pull-up MOS type
• Nch: Intermediate sink current
type
• Pch: CMOS type
• Nch: Intermediate sink current
type
• Pch: CMOS type
• Nch: Intermediate sink current
type
• Pch: CMOS type
• Nch: Intermediate sink current
type
• Only when the inverter circuit
option is selected:
• Pch: CMOS type
• Nch: Intermediate sink current
type
• Pull-up MOS or
Nch OD output
• Output level on
reset
• CMOS or Nch OD
output
• CMOS or Nch OD
output
• Output level at
reset
• Data shaper
circuit
• CMOS or Nch OD
output
• Inverter circuits
Inverter circuits
Sub-oscillator/port
PE selection
Ceramic oscillator
or external clock
selection
High or low
(option)
H
High or low
(option)
H
Normal
input
Option
selection
Option
selection
Hold mode:
Output off
Hold mode:
Output off
Hold mode:
Output off
Hold mode:
Output off
Inverter
• Hold mode:
Output off
• Halt mode:
Output
continues
Hold mode:
Oscillator stops
Halt mode:
Output
retained
Halt mode:
Output
retained
Halt mode:
Output
retained
Halt mode:
Output
retained
Halt mode:
Oscillator
continues


Similar Part No. - LC66506B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC66506B SANYO-LC66506B Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC66506B SANYO-LC66506B Datasheet
527Kb / 19P
   4-bit single-chip microcomputer with EPROM?
LC66506B SANYO-LC66506B Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC66506B SANYO-LC66506B Datasheet
201Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66506B SANYO-LC66506B Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
More results

Similar Description - LC66506B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC66P2316 SANYO-LC66P2316 Datasheet
176Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66E2316 SANYO-LC66E2316 Datasheet
170Kb / 26P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66E5316 SANYO-LC66E5316 Datasheet
201Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC662508A SANYO-LC662508A Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC662304A SANYO-LC662304A Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC665304A SANYO-LC665304A Datasheet
182Kb / 26P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC66354C SANYO-LC66354C Datasheet
140Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC662104A SANYO-LC662104A Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC72P321 SANYO-LC72P321 Datasheet
383Kb / 15P
   Single-Chip Microcontroller PLL with On-Chip One-Time PROM?
LC86P6032 SANYO-LC86P6032 Datasheet
684Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com