Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3972 Datasheet(PDF) 7 Page - Linear Technology

Part # LT3972
Description  36V, 4A, 1.5MHz Synchronous Step-Down Switching Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3972 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3972 Datasheet HTML 3Page - Linear Technology LT3972 Datasheet HTML 4Page - Linear Technology LT3972 Datasheet HTML 5Page - Linear Technology LT3972 Datasheet HTML 6Page - Linear Technology LT3972 Datasheet HTML 7Page - Linear Technology LT3972 Datasheet HTML 8Page - Linear Technology LT3972 Datasheet HTML 9Page - Linear Technology LT3972 Datasheet HTML 10Page - Linear Technology LT3972 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
//htmlimg2.alldatasheet.net/htmldatasheet2/407921/LINER/LT3972/1079/7/LT3972.png


Similar Part No. - LT3972

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3972 LINER-LT3972 Datasheet
286Kb / 24P
   33V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75關A Quiescent Current
LT3972EDD-PBF LINER-LT3972EDD-PBF Datasheet
286Kb / 24P
   33V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75關A Quiescent Current
LT3972EDD-TRPBF LINER-LT3972EDD-TRPBF Datasheet
286Kb / 24P
   33V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75關A Quiescent Current
LT3972EMSE-PBF LINER-LT3972EMSE-PBF Datasheet
286Kb / 24P
   33V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75關A Quiescent Current
LT3972EMSE-TRPBF LINER-LT3972EMSE-TRPBF Datasheet
286Kb / 24P
   33V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75關A Quiescent Current
More results

Similar Description - LT3972

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3690 LINER-LT3690_15 Datasheet
479Kb / 30P
   36V, 4A, 1.5MHz Synchronous Step-Down Switching Regulator with 70A Quiescent Current
logo
Monolithic Power System...
MP28115 MPS-MP28115 Datasheet
333Kb / 11P
   4A, 1.5MHz Synchronous Step-Down Converter
MP2107 MPS-MP2107 Datasheet
432Kb / 14P
   4A, 6V Synchronous Step-Down Switching Regulator
logo
Semtech Corporation
SC186 SEMTECH-SC186 Datasheet
1Mb / 18P
   4A Synchronous Step-Down Regulator
SC185 SEMTECH-SC185 Datasheet
946Kb / 18P
   4A Synchronous Step-Down Regulator
logo
Feeling Technology Corp...
FP6162 FEELING-FP6162 Datasheet
813Kb / 19P
   1.5MHz, 1.5A Synchronous Step-Down Regulator
logo
First Silicon Co., Ltd
FTD6811 FS-FTD6811 Datasheet
1Mb / 16P
   1.5MHz 1.2A Synchronous Step-Down Regulator
logo
Feeling Technology Corp...
FP6165 FEELING-FP6165 Datasheet
677Kb / 20P
   1.5MHz, 3A Synchronous Step-Down Regulator
FP6161 FEELING-FP6161 Datasheet
436Kb / 16P
   1.5MHz, 1A Synchronous Step-Down Regulator
logo
First Silicon Co., Ltd
FTD6817 FS-FTD6817 Datasheet
1Mb / 16P
   1.5MHz 2.0A Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com