Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB2012Y100MR Datasheet(PDF) 4 Page - Diodes Incorporated

Part # LB2012Y100MR
Description  ADJUSTABLE DC - DC BOOST CONVERTER WITH INTERNAL SWITCH
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LB2012Y100MR Datasheet(HTML) 4 Page - Diodes Incorporated

  LB2012Y100MR Datasheet HTML 1Page - Diodes Incorporated LB2012Y100MR Datasheet HTML 2Page - Diodes Incorporated LB2012Y100MR Datasheet HTML 3Page - Diodes Incorporated LB2012Y100MR Datasheet HTML 4Page - Diodes Incorporated LB2012Y100MR Datasheet HTML 5Page - Diodes Incorporated LB2012Y100MR Datasheet HTML 6Page - Diodes Incorporated LB2012Y100MR Datasheet HTML 7Page - Diodes Incorporated LB2012Y100MR Datasheet HTML 8Page - Diodes Incorporated LB2012Y100MR Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ZXLD1601
SEMICO NDUC TORS
ISSUE 3 - AUGUST 2004
4
Pin No.
Name
Description
1
LX
Output of NDMOS switch
2
GND
Ground (0V)
3
FB
Feedback pin for voltage control loop
Nominal voltage 1.025V
4
EN
Enable input (active high to turn on device)
Also used to adjust output current by PWM signal.
Connect to Vin for permanent operation.
5
VSENSE
Output voltage sense
6
VIN
Input voltage (2.5V to 5.5V). Decouple with
capacitor close to device.
PIN DESCRIPTION
BLOCK DIAGRAM


Similar Part No. - LB2012Y100MR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
LB2012Y100MR DIODES-LB2012Y100MR Datasheet
191Kb / 12P
   ADJUSTABLE DC-DC BOOST CONVERTER WITH INTERNAL SWITCH IN
More results

Similar Description - LB2012Y100MR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXLD1615 DIODES-ZXLD1615 Datasheet
191Kb / 12P
   ADJUSTABLE DC-DC BOOST CONVERTER WITH INTERNAL SWITCH IN
logo
Zetex Semiconductors
ZXLD1601 ZETEX-ZXLD1601 Datasheet
134Kb / 12P
   ADJUSTABLE DC - DC BOOST CONVERTER WITH INTERNAL SWITCH IN SC70
ZXLD1615 ZETEX-ZXLD1615 Datasheet
180Kb / 12P
   ADJUSTABLE DC-DC BOOST CONVERTER WITH INTERNAL SWITCH IN TSOT23-5
logo
ams AG
AS1344 AMSCO-AS1344 Datasheet
1Mb / 19P
   42V, DC-DC Boost Converter with adjustable Softstart
logo
Unisonic Technologies
UC3552 UTC-UC3552 Datasheet
209Kb / 7P
   PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
UC3552 UTC-UC3552_16 Datasheet
190Kb / 7P
   PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
logo
Linear Technology
LT1935 LINER-LT1935 Datasheet
189Kb / 8P
   1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch
logo
MicroPower Direct, LLC
IGD1208W MPD-IGD1208W Datasheet
511Kb / 2P
   Internal DC/DC Converter
logo
Linear Integrated Syste...
LT1935 LINEAR-LT1935 Datasheet
185Kb / 8P
   1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch
logo
Linear Technology
LT1935 LINER-LT1935_15 Datasheet
195Kb / 8P
   1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com