Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB2012Y100MR Datasheet(PDF) 1 Page - Diodes Incorporated

Part # LB2012Y100MR
Description  ADJUSTABLE DC-DC BOOST CONVERTER WITH INTERNAL SWITCH IN
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LB2012Y100MR Datasheet(HTML) 1 Page - Diodes Incorporated

  LB2012Y100MR Datasheet HTML 1Page - Diodes Incorporated LB2012Y100MR Datasheet HTML 2Page - Diodes Incorporated LB2012Y100MR Datasheet HTML 3Page - Diodes Incorporated LB2012Y100MR Datasheet HTML 4Page - Diodes Incorporated LB2012Y100MR Datasheet HTML 5Page - Diodes Incorporated LB2012Y100MR Datasheet HTML 6Page - Diodes Incorporated LB2012Y100MR Datasheet HTML 7Page - Diodes Incorporated LB2012Y100MR Datasheet HTML 8Page - Diodes Incorporated LB2012Y100MR Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SEMICO NDUC TORS
DESCRIPTION
The ZXLD1615 is a PFM inductive boost converter
designed to provide output voltages of up to 28V
from a 2.5V to 5.5V input supply.
The ZXLD1615 includes the output switch and peak
current sense resistor, and can provide up to 10mA
output current at maximum output voltage. Higher
current is available at lower output voltages.
Quiescent current is typically 60 A and a shutdown
function is provided to reduce this current to less
than 100nA in the 'off' state.
ADVANCED FEATURES
Internal 30V NDMOS switch
True analog output voltage control via PWM
with internal filter
FEATURES
Low profile TSOT23-5 pin package
Internal PWM filter for adjustable output
High efficiency (85% typ)
Wide input voltage range: 2.5V to 5.5V
Up to 250mA output current at 5V
Low quiescent current: (60 A typ)
100nA maximum shutdown current
Up to 1MHz switching frequency
Low external component count
Nominal output voltage can be set up to a maximum
of 28V by two external resistors and can be adjusted
to lower values by a PWM control signal applied to
the 'Enable' pin. Depending upon the control
frequency, the PWM signal will provide either
continuous (low ripple) or gated control. The PWM
filter components are contained within the chip.
Minimum output voltage is determined by the input
supply.
The device is assembled in a low profile TSOT23-5
pin package.
APPLICATIONS
LCD and OLED bias
Cellular / mobile phones
Digital cameras
PDAs
LCD modules
Varactor and PIN diode bias
Palmtop computers
ZXLD1615
ISSUE 3 - AUGUST 2004
ADJUSTABLE DC-DC BOOST CONVERTER WITH INTERNAL SWITCH IN
TSOT23-5
1
PINOUT
TOP VIEW
TYPICAL APPLICATION CIRCUIT


Similar Part No. - LB2012Y100MR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
LB2012Y100MR DIODES-LB2012Y100MR Datasheet
144Kb / 12P
   ADJUSTABLE DC - DC BOOST CONVERTER WITH INTERNAL SWITCH
More results

Similar Description - LB2012Y100MR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXLD1601 DIODES-ZXLD1601 Datasheet
144Kb / 12P
   ADJUSTABLE DC - DC BOOST CONVERTER WITH INTERNAL SWITCH
logo
Zetex Semiconductors
ZXLD1601 ZETEX-ZXLD1601 Datasheet
134Kb / 12P
   ADJUSTABLE DC - DC BOOST CONVERTER WITH INTERNAL SWITCH IN SC70
ZXLD1615 ZETEX-ZXLD1615 Datasheet
180Kb / 12P
   ADJUSTABLE DC-DC BOOST CONVERTER WITH INTERNAL SWITCH IN TSOT23-5
logo
ams AG
AS1344 AMSCO-AS1344 Datasheet
1Mb / 19P
   42V, DC-DC Boost Converter with adjustable Softstart
logo
Linear Technology
LT1935 LINER-LT1935 Datasheet
189Kb / 8P
   1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch
logo
Linear Integrated Syste...
LT1935 LINEAR-LT1935 Datasheet
185Kb / 8P
   1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch
logo
Linear Technology
LT1935 LINER-LT1935_15 Datasheet
195Kb / 8P
   1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch
logo
Unisonic Technologies
UC3552 UTC-UC3552 Datasheet
209Kb / 7P
   PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
UC3552 UTC-UC3552_16 Datasheet
190Kb / 7P
   PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
logo
MicroPower Direct, LLC
IGD1208W MPD-IGD1208W Datasheet
511Kb / 2P
   Internal DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com