Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC72323R Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LC72323R
Description  Single-Chip Microcontroller with PLL and LCD Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72323R Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LC72323R Datasheet HTML 3Page - Sanyo Semicon Device LC72323R Datasheet HTML 4Page - Sanyo Semicon Device LC72323R Datasheet HTML 5Page - Sanyo Semicon Device LC72323R Datasheet HTML 6Page - Sanyo Semicon Device LC72323R Datasheet HTML 7Page - Sanyo Semicon Device LC72323R Datasheet HTML 8Page - Sanyo Semicon Device LC72323R Datasheet HTML 9Page - Sanyo Semicon Device LC72323R Datasheet HTML 10Page - Sanyo Semicon Device LC72323R Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Pin Functions
No. 5378-7/13
LC72322R, 72323R
Pin
Pin No.
Functions
I/O
I/O circuit type
PA0
PA1
PA2
PA3
PB0
PB1
PB2
PB3
PC0
PC1
PC2
PC3
PD0
PD1
PD2
PD3
PE0
PE1
PE2
PE3
PF0
PF1
PF2
PF3
PG0
PG1
PG2
PG3
30
31
32
33
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
59
60
61
62
Low-threshold type dedicated input ports
These pins can be used, for example, for key data acquisition.
Built-in pull-down resistors can be specified as an option. This
option is in 4-pin units, and cannot be specified for individual
pins.
Input through these pins is disabled in BACKUP mode.
Dedicated output ports
Since the output transistor impedances are unbalanced
CMOS, these pins can be effectively used for functions such
as key scan timing. These pins go to the output high-
impedance state in BACKUP mode.
These pins go to the low level during a reset, i.e., when the
RES pin is low.
Dedicated output ports
These are normal CMOS outputs. These pins go to the output
high-impedance state in BACKUP mode.
These pins go to the low level during a reset, i.e., when the
RES pin is low.
I/O ports
These pins are switched between input and output as follows:
Once an input instruction (IN, TPT, or TPF) is executed, these
pins latch in the input mode. Once an output instruction (OUT,
SPB, or RPB) is executed, they latch in the output mode.
These pins go to the input mode during a reset, i.e., when the
RES pin is low.
In BACKUP mode these pins go to the input mode with input
disabled.
I/O ports
These pins are switched between input and output by the
FPC instruction.
The I/O states of this port can be specified for individual pins.
These pins go to the input mode during a reset, i.e., when the
RES pin is low.
In BACKUP mode these pins go to the input mode with input
disabled.
Dedicated input ports
Input through these pins is disabled in BACKUP mode.
Input
Output
I/O
Input
Continued on next page.


Similar Part No. - LC72323R

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72323 SANYO-LC72323 Datasheet
224Kb / 13P
   Single-Chip Microcontroller with PLL and LCD Driver
LC72323-XXXX SANYO-LC72323-XXXX Datasheet
457Kb / 27P
   Provisional Development Specifications
LC72323N SANYO-LC72323N Datasheet
357Kb / 13P
   LC72321N
More results

Similar Description - LC72323R

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72322 SANYO-LC72322 Datasheet
236Kb / 13P
   Single-Chip Microcontroller with PLL and LCD Driver
LC7232N SANYO-LC7232N Datasheet
692Kb / 16P
   Single-Chip PLL and Microcontroller with LCD Driver?
LC7230-8221 SANYO-LC7230-8221 Datasheet
565Kb / 25P
   Single-chip PLL and Microcontroller with LCD Driver
LC7233 SANYO-LC7233 Datasheet
362Kb / 16P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC7234 SANYO-LC7234 Datasheet
358Kb / 15P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC7233N SANYO-LC7233N Datasheet
371Kb / 15P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC72321 SANYO-LC72321 Datasheet
234Kb / 13P
   Single-Chip Microcontroller with PLL and LCD Driver
LC72323 SANYO-LC72323 Datasheet
224Kb / 13P
   Single-Chip Microcontroller with PLL and LCD Driver
LC7234-8460 SANYO-LC7234-8460 Datasheet
536Kb / 26P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC7232-8377 SANYO-LC7232-8377 Datasheet
852Kb / 33P
   Single-chip PLL and Microcontroller with LCD Driver?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com