Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC72323 Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LC72323
Description  Single-Chip Microcontroller with PLL and LCD Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72323 Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LC72323 Datasheet HTML 5Page - Sanyo Semicon Device LC72323 Datasheet HTML 6Page - Sanyo Semicon Device LC72323 Datasheet HTML 7Page - Sanyo Semicon Device LC72323 Datasheet HTML 8Page - Sanyo Semicon Device LC72323 Datasheet HTML 9Page - Sanyo Semicon Device LC72323 Datasheet HTML 10Page - Sanyo Semicon Device LC72323 Datasheet HTML 11Page - Sanyo Semicon Device LC72323 Datasheet HTML 12Page - Sanyo Semicon Device LC72323 Datasheet HTML 13Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Mask Options
Development Environment
• The LC72P321 is used for OTP.
• The LC72EV321 is used as the evaluation chip.
• A total debugging system is available in which the TB-72EV32 evaluation chip board and the RE32 multi-function
emulator are controlled by a personal computer.
No. 4950-10/13
LC72323
No.
Description
Selections
1
WDT (watchdog timer) inclusion selection
WDT included
No WDT
2
Port A pull-down resistor inclusion selection
Pull-down resistors included
No pull-down resistors
2.67 µs
3
Cycle time selection
13.33 µs
40.00 µs
4
LCD port/general-purpose port selection
LCD ports
General-purpose output ports


Similar Part No. - LC72323

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72323-XXXX SANYO-LC72323-XXXX Datasheet
457Kb / 27P
   Provisional Development Specifications
LC72323N SANYO-LC72323N Datasheet
357Kb / 13P
   LC72321N
LC72323R SANYO-LC72323R Datasheet
205Kb / 13P
   Single-Chip Microcontroller with PLL and LCD Driver
More results

Similar Description - LC72323

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72322 SANYO-LC72322 Datasheet
236Kb / 13P
   Single-Chip Microcontroller with PLL and LCD Driver
LC7232N SANYO-LC7232N Datasheet
692Kb / 16P
   Single-Chip PLL and Microcontroller with LCD Driver?
LC7230-8221 SANYO-LC7230-8221 Datasheet
565Kb / 25P
   Single-chip PLL and Microcontroller with LCD Driver
LC7233 SANYO-LC7233 Datasheet
362Kb / 16P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC7234 SANYO-LC7234 Datasheet
358Kb / 15P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC7233N SANYO-LC7233N Datasheet
371Kb / 15P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC72321 SANYO-LC72321 Datasheet
234Kb / 13P
   Single-Chip Microcontroller with PLL and LCD Driver
LC7234-8460 SANYO-LC7234-8460 Datasheet
536Kb / 26P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC72322R SANYO-LC72322R Datasheet
205Kb / 13P
   Single-Chip Microcontroller with PLL and LCD Driver
LC7232-8377 SANYO-LC7232-8377 Datasheet
852Kb / 33P
   Single-chip PLL and Microcontroller with LCD Driver?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com