Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC72345W Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC72345W
Description  Low-Voltage ETR Controller with On-Chip DC-DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72345W Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC72345W Datasheet HTML 1Page - Sanyo Semicon Device LC72345W Datasheet HTML 2Page - Sanyo Semicon Device LC72345W Datasheet HTML 3Page - Sanyo Semicon Device LC72345W Datasheet HTML 4Page - Sanyo Semicon Device LC72345W Datasheet HTML 5Page - Sanyo Semicon Device LC72345W Datasheet HTML 6Page - Sanyo Semicon Device LC72345W Datasheet HTML 7Page - Sanyo Semicon Device LC72345W Datasheet HTML 8Page - Sanyo Semicon Device LC72345W Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Ordering number : ENN6171
31000RM (OT) No. 6171-1/13
Overview
The LC72344W and LC72345W are low-voltage
electronic tuning microcontrollers that include a DC-DC
converter, a PLL that operates up to 230 MHz, a 1/4 duty
1/2 bias LCD driver and other functions on chip. The
built-in DC-DC converter provided by these ICs can easily
implement a tuning system voltage generator circuit, and
furthermore, since the transistor required for the low-pass
filter is built in, these ICs can contribute to further end
product cost reductions. Additionally, the DC-DC
converter output voltage can be provided to other external
ICs, making these products optimal for low-voltage
portable audio equipment that includes a radio receiver.
Functions
• Program memory (ROM): 3072
× 16 bits (6 KB)
LC72344W
4096
× 16 bits (8 KB)
LC72345W
• Data memory (RAM): 192
× 4 bits LC72344W
256
× 4 bits LC72345W
• Cycle time: 40 µs (all 1-word instructions)
• Stack: 8 levels
• LCD driver: 48 to 76 segments (1/4 duty, 1/2 bias drive)
• Interrupts: One external interrupt
Timer interrupts (1, 5, 10, and 50 ms)
• A/D converter: Two input channels (5-bit successive
approximation conversion)
• Input ports: 6 ports (of which 2 can be switched for use
as A/D converter inputs)
• Output ports: 6 ports (of which 1 can be switched for use
as the beep tone output and 2 are open-
drain ports)
• I/O ports: 16 ports (of which 8 can be switched for use
as LCD ports as mask options)
(Continued on next page.)
LC72344W, 72345W
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Low-Voltage ETR Controller with On-Chip DC-DC
Converter
CMOS IC
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
Package Dimensions
unit: mm
3190-SQFP64
1.25
0.5
1.25
0.18
12.0
116
17
32
33
48
49
64
10.0
0.5
0.5
0.15
SANYO: SQFP64
[LC72344W, 72345W]


Similar Part No. - LC72345W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7234 SANYO-LC7234 Datasheet
358Kb / 15P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC7234-8460 SANYO-LC7234-8460 Datasheet
536Kb / 26P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC72341 SANYO-LC72341 Datasheet
195Kb / 12P
   Low-Voltage Single-Chip Microcontrollers with On- Chip PLL and LCD Driver Circuits
LC72341G SANYO-LC72341G Datasheet
195Kb / 12P
   Low-Voltage Single-Chip Microcontrollers with On- Chip PLL and LCD Driver Circuits
LC72341W SANYO-LC72341W Datasheet
195Kb / 12P
   Low-Voltage Single-Chip Microcontrollers with On- Chip PLL and LCD Driver Circuits
More results

Similar Description - LC72345W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72348G SANYO-LC72348G Datasheet
119Kb / 14P
   Low-Voltage ETR Controller with On-Chip LCD Driver
LC723461W SANYO-LC723461W Datasheet
105Kb / 13P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
LC72314W SANYO-LC72314W Datasheet
129Kb / 12P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
LC72346W SANYO-LC72346W Datasheet
95Kb / 12P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
LC723481W SANYO-LC723481W Datasheet
117Kb / 15P
   Low-Voltage ETR-Controller
logo
Fairchild Semiconductor
RC5054A FAIRCHILD-RC5054A Datasheet
122Kb / 13P
   Programmable Synchronous DC-DC Converter Controller for Low Voltage Microprocessors
logo
Sanyo Semicon Device
LV5050NV_0812 SANYO-LV5050NV_0812 Datasheet
103Kb / 7P
   DC / DC Converter Controller
LV5052V SANYO-LV5052V Datasheet
110Kb / 9P
   DC/DC Converter Controller
logo
RICOH electronics devic...
RV5VH RICOH-RV5VH Datasheet
384Kb / 47P
   DC/DC CONVERTER CONTROLLER
logo
First Silicon Co., Ltd
FAC34063AP FS-FAC34063AP Datasheet
327Kb / 7P
   DC/DC Converter Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com