Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC662512A Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LC662512A
Description  Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC662512A Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LC662512A Datasheet HTML 1Page - Sanyo Semicon Device LC662512A Datasheet HTML 2Page - Sanyo Semicon Device LC662512A Datasheet HTML 3Page - Sanyo Semicon Device LC662512A Datasheet HTML 4Page - Sanyo Semicon Device LC662512A Datasheet HTML 5Page - Sanyo Semicon Device LC662512A Datasheet HTML 6Page - Sanyo Semicon Device LC662512A Datasheet HTML 7Page - Sanyo Semicon Device LC662512A Datasheet HTML 8Page - Sanyo Semicon Device LC662512A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Main differences between the LC66E5316, LC66P5316, and LC6653XX Series
Note: * Although the microcontroller will remain in hold mode if the RES pin is set low while it is in hold mode, always use the reset start sequence (after
switching HOLD from low to high, switch RES from low to high) when clearing hold mode. Also a current of about 100 µA flows from the RES pin
when it is low. This increases the hold mode current drain by about 100 µA.
See the data sheets for the individual products for details on other differences.
System Block Diagram
No. 5489-5/28
LC66P5316
Item
LC6653XX Series (mask version)
LC66E5316
LC66P5316
Differences in the main
characteristics
–30 to +70°C
+10 to +40°C
–30 to +70°C
• Operating temperature range
3.0 to 5.5 V/0.95 to 10 µs
4.5 to 5.5 V/0.95 to 10 µs
4.0 to 5.5 V/0.92 to 10 µs
• Operating supply voltage/operating
(When the main oscillator is
(When the main oscillator is
(When the main oscillator is
frequency (cycle time)
operating)
operating)
operating)
3.0 to 5.5 V/25 to 127 µs
4.5 to 5.5 V/25 to 127 µs
4.0 to 5.5 V/25 to 127 µs
(When the sub-oscillator is operating) (When the sub-oscillator is operating)
(When the sub-oscillator is operating)
Typical: 10 µA
Typical: 10 µA
• Input high-level current (RES)
Maximum: 1 µA
(normal operation and halt mode)
(normal operation and halt mode)
Hold mode: 1 µA maximum
Hold mode: 1 µA maximum
• Input low-level current (RES)
Maximum: 1 µA
Typical: 100 µA
Typical: 100 µA
• Current drain
(Operating at 4 MHz)
(Operating at 32 kHz)
Typical: 10 nA, maximum: 10 µA
Larger than that for the mask versions
Larger than that for the mask versions
(Halt mode at 4 MHz)
Typical: 10 nA, maximum: 10 µA*
Typical: 10 nA, maximum: 10 µA*
(Halt mode at 32 kHz)
(Hold mode)
Port output types at reset
The output type specified in
Open-drain outputs
Open-drain outputs
the options
Package
• DIP48S
• DIC52S window package
• DIP48S
• QFP48E
• QFC48 window package
• QFP48E
SYSTEM
CONTROL
RAM STACK
(512W)
SP
E
A
OTP ROM
(16KB)
PROM
control
PC
POUT0
A0 to A13
D0 to D7
SI0
SO0
SCK0
INT0
CE
DASEC
VPP/OE
EPMOD
TA
INT1, INT2
PIN1, POUT1
INVxO
INVxI
(x=0 to 4)
FLAG
INTERRUPT
CONTROL
MPX
MPX
TIMER1
MPX
TIMER0
SERIAL I/O 0
PE
PD
PC
E
M
R
D
P
Y
D
P
X
D
P
L
D
P
H
P0
P1
P2
P3
P4
P5
P6
DS1
DS0
P8
CZ
ALU
RES
XT1
XT2
AN1 to 4
TEST
OSC1
OSC2
HOLD
ADC
SI1
SO1
SCK1
SERIAL I/O 1
PRESCALER


Similar Part No. - LC662512A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC662512A SANYO-LC662512A Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC662512A SANYO-LC662512A Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC662512A SANYO-LC662512A Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC662512A SANYO-LC662512A Datasheet
182Kb / 26P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC662512A SANYO-LC662512A Datasheet
170Kb / 26P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
More results

Similar Description - LC662512A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC66P2316 SANYO-LC66P2316 Datasheet
176Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66E2316 SANYO-LC66E2316 Datasheet
170Kb / 26P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66E5316 SANYO-LC66E5316 Datasheet
201Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC662508A SANYO-LC662508A Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC662304A SANYO-LC662304A Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC665304A SANYO-LC665304A Datasheet
182Kb / 26P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC66354C SANYO-LC66354C Datasheet
140Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC662104A SANYO-LC662104A Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC72P321 SANYO-LC72P321 Datasheet
383Kb / 15P
   Single-Chip Microcontroller PLL with On-Chip One-Time PROM?
LC86P6032 SANYO-LC86P6032 Datasheet
684Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com