Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC72347W Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LC72347W
Description  Ultralow-Voltage ETR Controller with On-Chip LCD Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72347W Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LC72347W Datasheet HTML 4Page - Sanyo Semicon Device LC72347W Datasheet HTML 5Page - Sanyo Semicon Device LC72347W Datasheet HTML 6Page - Sanyo Semicon Device LC72347W Datasheet HTML 7Page - Sanyo Semicon Device LC72347W Datasheet HTML 8Page - Sanyo Semicon Device LC72347W Datasheet HTML 9Page - Sanyo Semicon Device LC72347W Datasheet HTML 10Page - Sanyo Semicon Device LC72347W Datasheet HTML 11Page - Sanyo Semicon Device LC72347W Datasheet HTML 12Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LC72346/347 Series Instruction Set
Terminology
ADDR
: Program memory address
b
: Borrow
C
: Carry
DH
: Data memory address High (Row address) [2 bits]
DL
: Data memory address Low (Column address) [4 bits]
I
: Immediate data [4 bits]
M
: Data memory address
N
: Bit position [4 bits]
Rn
: Resister number [4 bits]
Pn
: Port number [4 bits]
PW
: Port control word number [4 bits]
r
: General register (One of the addresses from 00H to 0FH of BANK0)
( ), [ ]
: Contents of register or memory
M (DH, DL) : Data memory specified by DH, DL
No. 6651-10/12
LC72346W, 72347W
Mnemonic
Operand
Function
Operations function
Instruction format
1st
2nd
AD
r
M
Add M to r
R
← (r) + (M)
ADS
r
M
Add M to r, then skip if carry
R
← (r) + (M), skip if carry
AC
r
M
Add M to r with carry
R
← (r) + (M) + C
ACS
r
M
Add M to r with carry,
R
← (r) + (M) + C
then skip if carry
skip if carry
AI
M
I
Add I to M
M
← (M) + I
AIS
M
I
Add I to M, then skip if carry
M
← (M) + I, skip if carry
AIC
M
I
Add I to M with carry
M
← (M) + I + C
AICS
M
I
Add I to M with carry,
M
← (M) + I + C,
then skip if carry
skip if carry
SU
r
M
Subtract M from r
R
← (r) – (M)
SUS
r
M
Subtract M from r,
R
← (r) – (M),
then skip if borrow
skip if borrow
SB
r
M
Subtract M from r with borrow
R
← (r) – (M) – b
SBS
r
M
Subtract M from r with borrow,
R
← (r) – (M) – b,
then skip if borrow
skip if borrow
SI
M
I
Subtract I from M
M
← (M) – I
SIS
M
I
Subtract I from M,
M
← (M) – I,
then skip if borrow
skip if borrow
SIB
M
I
Subtract I from M with borrow
M
← (M) – I – b
SIBS
M
I
Subtract I from M with borrow,
M
← (M) – I – b,
then skip if borrow
skip if borrow
SEQ
r
M
Skip if r equal to M
(r) – (M), skip if zero
SEQI
M
I
Skip if M equal to I
(M) – I, skip if zero
SNEI
M
I
Skip if M not equal to I
(M) – I, skip if not zero
SGE
r
M
Skip if r is greater than or
(r) – (M),
equal to M
skip if not borrow
SGEI
M
I
Skip if M is greater than
(M) – I, skip if not borrow
equal to I
SLEI
M
I
Skip if M is less than I
(M) – I, skip if borrow
f
e
d
c
b
a
9
8
7
6
5
4
3
2
1
0
0
1
0
0
0
0
DH
DL
r
0
1
0
0
0
1
DH
DL
r
0
1
0
0
1
0
DH
DL
r
0
1
0
0
1
1
DH
DL
r
0
1
0
1
0
0
DH
DL
I
0
1
0
1
0
1
DH
DL
I
0
1
0
1
1
0
DH
DL
I
0
1
0
1
1
1
DH
DL
I
0
1
1
0
0
0
DH
DL
r
0
1
1
0
0
1
DH
DL
r
0
1
1
0
1
0
DH
DL
r
0
1
1
0
1
1
DH
DL
r
0
1
1
1
0
0
DH
DL
I
0
1
1
1
0
1
DH
DL
I
0
1
1
1
1
0
DH
DL
I
0
1
1
1
1
1
DH
DL
I
0
0
0
1
0
0
DH
DL
r
0
0
0
1
1
0
DH
DL
I
0
0
0
0
0
1
DH
DL
I
0
0
0
1
1
0
DH
DL
r
0
0
0
1
1
1
DH
DL
I
0
0
0
0
1
1
DH
DL
I
Continued on next page.


Similar Part No. - LC72347W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7234 SANYO-LC7234 Datasheet
358Kb / 15P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC7234-8460 SANYO-LC7234-8460 Datasheet
536Kb / 26P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC72341 SANYO-LC72341 Datasheet
195Kb / 12P
   Low-Voltage Single-Chip Microcontrollers with On- Chip PLL and LCD Driver Circuits
LC72341G SANYO-LC72341G Datasheet
195Kb / 12P
   Low-Voltage Single-Chip Microcontrollers with On- Chip PLL and LCD Driver Circuits
LC72341W SANYO-LC72341W Datasheet
195Kb / 12P
   Low-Voltage Single-Chip Microcontrollers with On- Chip PLL and LCD Driver Circuits
More results

Similar Description - LC72347W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC723461W SANYO-LC723461W Datasheet
105Kb / 13P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
LC72314W SANYO-LC72314W Datasheet
129Kb / 12P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
LC72348G SANYO-LC72348G Datasheet
119Kb / 14P
   Low-Voltage ETR Controller with On-Chip LCD Driver
LC72344W SANYO-LC72344W Datasheet
90Kb / 13P
   Low-Voltage ETR Controller with On-Chip DC-DC Converter
LC723481W SANYO-LC723481W Datasheet
117Kb / 15P
   Low-Voltage ETR-Controller
logo
NEC
UPD16682 NEC-UPD16682 Datasheet
435Kb / 31P
   1/65 DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
UPD16682A NEC-UPD16682A Datasheet
330Kb / 55P
   1/65 DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
logo
Renesas Technology Corp
PD16682 RENESAS-PD16682_15 Datasheet
557Kb / 58P
   1/65 DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
logo
Sitronix Technology Co....
ST7789V2 SITRONIX-ST7789V2 Datasheet
3Mb / 319P
   Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
Version 1.0 2016/11
ST7789VW SITRONIX-ST7789VW Datasheet
3Mb / 317P
   Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
Version 1.0 2017/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com