Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC72348G Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LC72348G
Description  Low-Voltage ETR Controller with On-Chip LCD Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72348G Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LC72348G Datasheet HTML 1Page - Sanyo Semicon Device LC72348G Datasheet HTML 2Page - Sanyo Semicon Device LC72348G Datasheet HTML 3Page - Sanyo Semicon Device LC72348G Datasheet HTML 4Page - Sanyo Semicon Device LC72348G Datasheet HTML 5Page - Sanyo Semicon Device LC72348G Datasheet HTML 6Page - Sanyo Semicon Device LC72348G Datasheet HTML 7Page - Sanyo Semicon Device LC72348G Datasheet HTML 8Page - Sanyo Semicon Device LC72348G Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
No. 6472-3/14
LC72348G/W, 72349G/W
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
VDD(1)
PLL operating voltage
1.8
3.0
3.6
Supply voltage
VDD(2)
Memory retention voltage
1.0
V
VDD(3)
CPU operating voltage
1.4
3.0
3.6
VDD(4)
A/D converter operating voltage
1.6
3.0
3.6
VIH(1)
Input ports other than VIH(2), VIH(3), AMIN,
0.7 VDD
VDD
V
Input high-level voltage
FMIN, and XIN
VIH(2)
RES
0.8 VDD
VDD
V
VIH(3)
Port PF
0.6 VDD
VDD
V
VIL(1)
Input ports other than VIL(2), VIL(3), AMIN,
0
0.3 VDD
V
Input low-level voltage
FMIN, and XIN
VIL(2)
RES
0
0.2 VDD
V
VIL(3)
Port PF
0
0.2 VDD
V
VIN(1)
XIN
0.5
0.6
Vrms
Input amplitude
VIN(2)
FMIN, AMIN
0.035
0.35
Vrms
VIN(3)
FMIN
0.05
0.35
Vrms
Input voltage range
VIN(5)
ADIO, ADI1, ADI3
0
VDD
V
FIN(1)
XIN: CI
≤ 35 kΩ
70
75
80
kHz
Input frequency
FIN(2)
FMIN: VIN(2), VDD(1)
10
130
MHz
FIN(3)
FMIN: VIN(3), VDD(1)
130
250
MHz
FIN(4)
AMIN(L): VIN(2), VDD(1)
0.5
10
MHz
Allowable Operating Ranges at Ta = –20 to +70°C, VDD = 1.8 to 3.6 V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
IIH(1)
XIN: VI = VDD = 3.0 V
3
µA
Input high-level current
IIH(2)
FMIN, AMIN: VI = VDD = 3.0 V
3
8
20
µA
PA/PF (without pull-down resistors), the PC,
IIH(3)
PD, PG, and PH ports, and RES: VI = VDD
3µA
= 3.0 V
IIL(1)
XIN: VI = VDD = VSS
–3
µA
Input low-level current
IIL(2)
FMIN, AMIN: VI = VDD = VSS
–3
–8
–20
µA
PA/PF (without pull-down resistors), the PC,
IIL(3)
PD, PG, and PH ports, and RES: VI = VDD
–3
µA
= VSS
Input floating voltage
VIF
PA/PF (with pull-down resistors)
0.05 VDD
V
Pull-down resistor values
RPD(1)
PA/PF (with pull-down resistors), VDD = 3.0 V
75
100
200
k
RPD(2)
TEST1, TEST2
10
k
Hysteresis
VH
RES
0.1 VDD
0.2 VDD
V
Voltage doubler reference voltage
DBR4
Referenced to VDD, C(3) = 0.47 µF,
1.3
1.5
1.7
V
Ta = 25°C *1
Voltage doubler step-up voltage
DBR1, 2, 3
C(1) = 0.47 µF
2.7
3.0
3.3
V
C(2) = 0.47 µF, without loading, Ta = 25°C *1
VOH(1)
PB: IO = –1 mA
VDD
VDD
V
0.7 VDD
0.3 VDD
VOH(2)
PC, PD, PG, PH: IO = –1 mA
VDD
V
0.3 VDD
VOH(3)
EO: IO = –500 µA
VDD
V
Output high-level voltage
0.3 VDD
VOH(4)
XOUT: IO = –1 µA
VDD
V
0.3 VDD
VOH(5)
S1 to S20: IO = –20 µA *1
2.0
V
VOH(6)
COM1, COM2, COM3, COM4:
2.0
V
IO = –100 µA *1
Electrical Characteristics within the allowable operating ranges
Continued on next page.


Similar Part No. - LC72348G

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC723481W SANYO-LC723481W Datasheet
117Kb / 15P
   Low-Voltage ETR-Controller
LC723482W SANYO-LC723482W Datasheet
117Kb / 15P
   Low-Voltage ETR-Controller
LC723483W SANYO-LC723483W Datasheet
117Kb / 15P
   Low-Voltage ETR-Controller
More results

Similar Description - LC72348G

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC723461W SANYO-LC723461W Datasheet
105Kb / 13P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
LC72314W SANYO-LC72314W Datasheet
129Kb / 12P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
LC72346W SANYO-LC72346W Datasheet
95Kb / 12P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
LC72344W SANYO-LC72344W Datasheet
90Kb / 13P
   Low-Voltage ETR Controller with On-Chip DC-DC Converter
LC723481W SANYO-LC723481W Datasheet
117Kb / 15P
   Low-Voltage ETR-Controller
logo
NEC
UPD16682 NEC-UPD16682 Datasheet
435Kb / 31P
   1/65 DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
UPD16682A NEC-UPD16682A Datasheet
330Kb / 55P
   1/65 DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
logo
Renesas Technology Corp
PD16682 RENESAS-PD16682_15 Datasheet
557Kb / 58P
   1/65 DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
logo
Sanyo Semicon Device
LC72341G SANYO-LC72341G Datasheet
195Kb / 12P
   Low-Voltage Single-Chip Microcontrollers with On- Chip PLL and LCD Driver Circuits
logo
Sitronix Technology Co....
ST7789V2 SITRONIX-ST7789V2 Datasheet
3Mb / 319P
   Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
Version 1.0 2016/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com