Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CEP6601 Datasheet(PDF) 1 Page - Chino-Excel Technology

Part # CEP6601
Description  P-Channel Enhancement Mode Field Effect Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CET [Chino-Excel Technology]
Direct Link  http://www.cetsemi.com
Logo CET - Chino-Excel Technology

CEP6601 Datasheet(HTML) 1 Page - Chino-Excel Technology

  CEP6601 Datasheet HTML 1Page - Chino-Excel Technology CEP6601 Datasheet HTML 2Page - Chino-Excel Technology CEP6601 Datasheet HTML 3Page - Chino-Excel Technology CEP6601 Datasheet HTML 4Page - Chino-Excel Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
P-Channel Enhancement Mode Field Effect Transistor
FEATURES
-60V, -19A, RDS(ON) = 86mΩ @VGS = -10V.
Super high dense cell design for extremely low RDS(ON).
High power and current handing capability.
ABSOLUTE MAXIMUM RATINGS Tc = 25 C unless otherwise noted
Parameter
Symbol
Limit
Units
Drain-Source Voltage
Gate-Source Voltage
Drain Current-Continuous
Drain Current-Pulsed a
Maximum Power Dissipation @ TC = 25 C
- Derate above 25 C
VDS
VGS
ID
PD
IDM
-60
0.33
50
-76
-19
±20
V
W
A
A
V
W/ C
1
S
G
D
RDS(ON) = 125mΩ @VGS = -4.5V.
Lead free product is acquired.
CEP6601/CEB6601
G
S
S
D
D
G
CEB SERIES
TO-263(DD-PAK)
CEP SERIES
TO-220
TO-220 & TO-263 package.
Details are subject to change without notice .
Operating and Store Temperature Range
TJ,Tstg
-55 to 150
C
Thermal Characteristics
Thermal Resistance, Junction-to-Case
Thermal Resistance, Junction-to-Ambient
Parameter
Symbol
Limit
Units
C/W
C/W
62.5
3
RθJC
RθJA
http://www.cetsemi.com
Rev .2 2010.July.


Similar Part No. - CEP6601

ManufacturerPart #DatasheetDescription
logo
Chino-Excel Technology
CEP6020P CET-CEP6020P Datasheet
494Kb / 5P
   Single P-Channel Enhancement Mode MOSFET
logo
CET-MOS Technology Corp...
CEP6026AL CET-MOS-CEP6026AL Datasheet
463Kb / 5P
   N-Channel Enhancement Mode Field Effect Transistor
Rev 1. 2022.Sep
logo
Chino-Excel Technology
CEP6030AL CET-CEP6030AL Datasheet
516Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
CEP6030L CET-CEP6030L Datasheet
516Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
CEP6030LS2 CET-CEP6030LS2 Datasheet
530Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results

Similar Description - CEP6601

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
   P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
logo
Alpha & Omega Semicondu...
AO6403 AOSMD-AO6403 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO6419 AOSMD-AO6419 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO7413 AOSMD-AO7413 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AOU403 AOSMD-AOU403 Datasheet
72Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com