Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC72700 Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LC72700
Description  Mobile FM Multiplex Broadcast Receiver LSI
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72700 Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LC72700 Datasheet HTML 5Page - Sanyo Semicon Device LC72700 Datasheet HTML 6Page - Sanyo Semicon Device LC72700 Datasheet HTML 7Page - Sanyo Semicon Device LC72700 Datasheet HTML 8Page - Sanyo Semicon Device LC72700 Datasheet HTML 9Page - Sanyo Semicon Device LC72700 Datasheet HTML 10Page - Sanyo Semicon Device LC72700 Datasheet HTML 11Page - Sanyo Semicon Device LC72700 Datasheet HTML 12Page - Sanyo Semicon Device LC72700 Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
4. Control Data Timing in Parallel Mode
Handling Pins for the Unused Mode when the CPU Interface is Specified
1. When Serial Mode is Specified
2. When Parallel Mode is Specified
Note:**
1. The data values shown above are for the state immediately following a reset operation.
2. The INT-R pin (pin 35) signal is always output regardless of the mode.
3. Since the S/P pin (pin 42) has a built-in pull-up resistor, serial mode will be selected if it is left open.
No. 4870-9/14
LC72700E, LC72700G
PORT2
PORT1
PORT0
Item
Set data
Default value
0
0
0
Allowed error count
Upper 4 bits
Back allowed errors
2
Lower 4 bits
Forward allowed errors
2
0
0
1
Block error protection
Upper 4 bits
Back protection count
1
count
Lower 4 bits
Forward protection count
7
0
1
0
Frame error protection
Upper 4 bits
Back protection count
1
count
Lower 4 bits
Forward protection count
7
0
1
1
Error correction initial
Upper 4 bits
threshold value
Lower 3 bits
Initial threshold value
7
1
0
0
Readout block no.
0 to 189 (8 bits)
0
Pin
Pin No.
Pin state
Handling
PST
(37)
Pull-up resistor input
Leave open or connect to the power-supply (VDD)
PORT0 to 2
(38 to 40)
Pull-up resistor input
Leave open or connect to the power-supply (VDD)
DATA0 to 7
(13 to 20)
Output direction (fixed at the low level)
Leave open
RDY
(26)
Fixed at a high-level output
Leave open
RDY0
(27)
Fixed at a high-level output
Leave open
RE
(25)
Pull-up resistor input
Leave open or connect to the power-supply (VDD)
Pin
Pin No.
Pin state
Handling
CL
(29)
Input pin
Connect to the power supply or ground
CE
(30)
Input pin
Connect to the power supply or ground
DI
(31)
Input pin
Connect to the power supply or ground
DO
(32)
Open-drain output in the off state
Connect to ground
Register set
Input data
DAT0 to 7
Output
Output
PORT0 to 2
PST
<Input direction>
tps ≥ 300 ns
DAT pin I/O
direction
500 to 800 ns


Similar Part No. - LC72700

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72705 SANYO-LC72705 Datasheet
166Kb / 14P
   FM Multiplex Receiver IC for VICS Systems
LC72705E SANYO-LC72705E Datasheet
166Kb / 14P
   FM Multiplex Receiver IC for VICS Systems
LC72706 SANYO-LC72706 Datasheet
164Kb / 15P
   FM Multiplex Receiver IC Supporting All Worldwide Standards
LC72706E SANYO-LC72706E Datasheet
164Kb / 15P
   FM Multiplex Receiver IC Supporting All Worldwide Standards
LC72707 SANYO-LC72707 Datasheet
160Kb / 15P
   FM Multiplex Receiver IC Supporting All Worldwide Standards
More results

Similar Description - LC72700

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC72717PW ONSEMI-LC72717PW Datasheet
254Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
March, 2014
LC72717PW ONSEMI-LC72717PW_17 Datasheet
324Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
June 2017 - Rev. 3
logo
Sanyo Semicon Device
LC72711W SANYO-LC72711W_12 Datasheet
163Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
LC72711W SANYO-LC72711W Datasheet
155Kb / 29P
   Mobile FM Multiplex Broadcast DARC Receiver IC
LC72717PW SANYO-LC72717PW Datasheet
177Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
LC72710W SANYO-LC72710W Datasheet
168Kb / 33P
   Mobile FM Multiplex Broadcast DARC Receiver IC with On-Chip VICS Decoder
LC72708E SANYO-LC72708E Datasheet
159Kb / 15P
   FM Multiplex Broadcast Reception IC for Mobile VICS Systems
LC72714W SANYO-LC72714W Datasheet
232Kb / 29P
   Mobile FM Multiplex Broadcast IC with On-Chip VICS Decoder
LC72715PW SANYO-LC72715PW Datasheet
173Kb / 26P
   CMOS IC Mobile FM Multiplex Broadcast IC with On-Chip VICS Decoder
logo
OKI electronic componet...
MSM9552 OKI-MSM9552 Datasheet
63Kb / 7P
   LSI for FM Multiplex Data Demodulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com