Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC72700 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC72700
Description  Mobile FM Multiplex Broadcast Receiver LSI
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72700 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC72700 Datasheet HTML 1Page - Sanyo Semicon Device LC72700 Datasheet HTML 2Page - Sanyo Semicon Device LC72700 Datasheet HTML 3Page - Sanyo Semicon Device LC72700 Datasheet HTML 4Page - Sanyo Semicon Device LC72700 Datasheet HTML 5Page - Sanyo Semicon Device LC72700 Datasheet HTML 6Page - Sanyo Semicon Device LC72700 Datasheet HTML 7Page - Sanyo Semicon Device LC72700 Datasheet HTML 8Page - Sanyo Semicon Device LC72700 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Pin Descriptions
No. 4870-4/14
LC72700E, LC72700G
Pin No.
Symbol
Function
I/O
I/O Circuit
3
29
30
31
1
5
6
21
22
23
24
26
27
35
13
14
15
16
17
18
19
20
32
46
47
2, 34, 43
36, 45, 48
4, 7, 10
11, 12, 28
33, 41
MSK
CL
CE
DI
FILCK
CLK
DATA
BCLOCK
FCLOCK
BL-CK
FC-CK
RDY
RDY0
INT-R
DAT0
DAT1
DAT2
DAT3
DAT4
DAT5
DAT6
DAT7
DO
XIN
XOUT
VDD
VSS
NC
76 kHz MSK signal input
CCB serial interface
Clock input
Data control input
Data input
Reference clock output for the LV3400M
Clock regeneration monitor output
Demodulated data monitor output
Outputs a high level during block synchronization
Outputs a high level during frame synchronization
Block start signal output
Frame start signal output
Parallel IF data output enable signal
Parallel IF data output enable signal
Output data external CPU interrupt signal
Parallel IF data output pin 0
Parallel IF data output pin 1
Parallel IF data output pin 2
Parallel IF data output pin 3
Parallel IF data output pin 4
Parallel IF data output pin 5
Parallel IF data output pin 6
Parallel IF data output pin 7
CCB serial interface data output
System clock oscillator crystal connection
Power supply (+4.5 to +5.5 V)
Ground pin
Not connected
Output
I/O
Output
Input
Output
Input
44
8
9
RST
TEST1
TEST2
System reset input pin (negative logic)
Test pin 1 (normally connected to ground)
Test pin 2 (normally connected to ground)
37
38
39
40
PST
PORT0
PORT1
PORT2
Parallel IF mode data settings
Port address 0
Port address 1
Port address 2
Input
42
S/P
Serial/parallel IF switch
(Serial mode when high)
25
RE
Parallel IF mode data output control signal input
Input
A02414


Similar Part No. - LC72700

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72705 SANYO-LC72705 Datasheet
166Kb / 14P
   FM Multiplex Receiver IC for VICS Systems
LC72705E SANYO-LC72705E Datasheet
166Kb / 14P
   FM Multiplex Receiver IC for VICS Systems
LC72706 SANYO-LC72706 Datasheet
164Kb / 15P
   FM Multiplex Receiver IC Supporting All Worldwide Standards
LC72706E SANYO-LC72706E Datasheet
164Kb / 15P
   FM Multiplex Receiver IC Supporting All Worldwide Standards
LC72707 SANYO-LC72707 Datasheet
160Kb / 15P
   FM Multiplex Receiver IC Supporting All Worldwide Standards
More results

Similar Description - LC72700

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC72717PW ONSEMI-LC72717PW Datasheet
254Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
March, 2014
LC72717PW ONSEMI-LC72717PW_17 Datasheet
324Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
June 2017 - Rev. 3
logo
Sanyo Semicon Device
LC72711W SANYO-LC72711W_12 Datasheet
163Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
LC72711W SANYO-LC72711W Datasheet
155Kb / 29P
   Mobile FM Multiplex Broadcast DARC Receiver IC
LC72717PW SANYO-LC72717PW Datasheet
177Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
LC72710W SANYO-LC72710W Datasheet
168Kb / 33P
   Mobile FM Multiplex Broadcast DARC Receiver IC with On-Chip VICS Decoder
LC72708E SANYO-LC72708E Datasheet
159Kb / 15P
   FM Multiplex Broadcast Reception IC for Mobile VICS Systems
LC72714W SANYO-LC72714W Datasheet
232Kb / 29P
   Mobile FM Multiplex Broadcast IC with On-Chip VICS Decoder
LC72715PW SANYO-LC72715PW Datasheet
173Kb / 26P
   CMOS IC Mobile FM Multiplex Broadcast IC with On-Chip VICS Decoder
logo
OKI electronic componet...
MSM9552 OKI-MSM9552 Datasheet
63Kb / 7P
   LSI for FM Multiplex Data Demodulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com