Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT5571 Datasheet(PDF) 6 Page - Linear Technology

Part # LT5571
Description  200MHz to 6000MHz Quadrature Modulator with Ultrahigh OIP3
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5571 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT5571 Datasheet HTML 2Page - Linear Technology LT5571 Datasheet HTML 3Page - Linear Technology LT5571 Datasheet HTML 4Page - Linear Technology LT5571 Datasheet HTML 5Page - Linear Technology LT5571 Datasheet HTML 6Page - Linear Technology LT5571 Datasheet HTML 7Page - Linear Technology LT5571 Datasheet HTML 8Page - Linear Technology LT5571 Datasheet HTML 9Page - Linear Technology LT5571 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
LTC5588-1
6
55881fb
TYPICAL PERFORMANCE CHARACTERISTICS
Output IP3 vs RF Frequency
(PLOM = 0dBm)
Output IP2 vs RF Frequency
(PLOM = 10dBm)
P1dB vs RF Frequency
(PLOM = 0dBm or PLOM = 10dBm)
LO Feedthrough to RF Output vs
LO Frequency (PLOM = 0dBm)
Supply Current vs Temperature
Floating LINOPT Voltage
vs Temperature
Voltage Gain vs RF Frequency
(PLOM = 0dBm or PLOM = 10dBm)
VCC = 3.3V, EN = 3.3V, TA = 25°C, LOP input
AC-terminated with 50Ω to ground, BBPI, BBMI, BBPQ, BBMQ inputs 0.5VDC, and 1VP-P(DIFF), baseband input frequencies = 4.5MHz
and 5.5MHz for OIP3 and OIP2, or else baseband input frequency = 100kHz, I and Q 90° shifted, lower sideband selection, LINOPT pin
floating, unless otherwise noted. Test circuit is shown in Figure 8.
TEMPERATURE (°C)
–40
300
320
310
60
55881 G01
280
290
–15
10
35
85
3.45V
3.3V
3.15V
RF FREQUENCY (GHz)
0
–10
–8
–6
–4
–2
2
1
23
4
55881 G03
56
0
3.3V, 85°C
3.3V, 25°C
3.15V, 25°C
3.45V, 25°C
3.3V, –40°C
RF FREQUENCY (GHz)
0
0
10
20
30
40
12
3
4
55881 G04
56
3.3V, 85°C
3.3V, 25°C
3.15V, 25°C
3.45V, 25°C
3.3V, –40°C
Output IP3 vs RF Frequency
(PLOM = 10dBm)
RF FREQUENCY (GHz)
0
0
10
20
30
40
12
3
4
55881 G05
56
3.3V, 85°C
3.3V, 25°C
3.15V, 25°C
3.45V, 25°C
3.3V, –40°C
Output IP2 vs RF Frequency
(PLOM = 0dBm)
RF FREQUENCY (GHz)
0
30
40
50
60
70
90
1
23
4
55881 G06
56
80
3.3V, 85°C
3.3V, 25°C
3.15V, 25°C
3.45V, 25°C
3.3V, –40°C
RF FREQUENCY (GHz)
0
30
40
50
60
70
90
1
23
4
55881 G07
56
80
3.3V, 85°C
3.3V, 25°C
3.15V, 25°C
3.45V, 25°C
3.3V, –40°C
RF FREQUENCY (GHz)
0
14
12
10
8
6
4
2
0
35
55881 G08
12
46
3.3V, 85°C
3.3V, 25°C
3.15V, 25°C
3.45V, 25°C
3.3V, –40°C
LO FREQUENCY (GHz)
0
–60
–50
–40
–30
–20
12
3
4
55881 G09
56
3.3V, 85°C
3.3V, 25°C
3.15V, 25°C
3.45V, 25°C
3.3V, –40°C
TEMPERATURE (°C)
–40
2.4
2.5
2.6
2.7
3.45V
3.3V
3.15V
–15
10
35
60
55881 G02
85


Similar Part No. - LT5571

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5571 LINER-LT5571 Datasheet
319Kb / 16P
   620MHz - 1100MHz High Linearity Direct Quadrature Modulator
LT5571EUF LINER-LT5571EUF Datasheet
319Kb / 16P
   620MHz - 1100MHz High Linearity Direct Quadrature Modulator
LT5571 LINER-LT5571_15 Datasheet
325Kb / 16P
   620MHz ??1100MHz High Linearity Direct Quadrature Modulator
More results

Similar Description - LT5571

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5588-1 LINER-LTC5588-1_15 Datasheet
690Kb / 30P
   200MHz to 6000MHz Quadrature Modulator with Ultrahigh OIP3
logo
Texas Instruments
TRF370417-DIE TI1-TRF370417-DIE Datasheet
111Kb / 6P
[Old version datasheet]   QUADRATURE MODULATOR
logo
RF Micro Devices
RF2850 RFMD-RF2850 Datasheet
171Kb / 6P
   DIRECT QUADRATURE MODULATOR
RF2850 RFMD-RF2850_1 Datasheet
299Kb / 8P
   DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480 Datasheet
82Kb / 8P
   DIRECT QUADRATURE MODULATOR
RF2402 RFMD-RF2402 Datasheet
84Kb / 6P
   UHF QUADRATURE MODULATOR
RF2713 RFMD-RF2713_1 Datasheet
337Kb / 16P
   QUADRATURE MODULATOR/DEMODULATOR
RF2480 RFMD-RF2480_12 Datasheet
155Kb / 8P
   DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484_12 Datasheet
220Kb / 12P
   DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480_06 Datasheet
104Kb / 8P
   DIRECT QUADRATURE MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com