Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6200-5 Datasheet(PDF) 7 Page - Linear Technology

Part # LT6200-5
Description  18-Bit, 1.6Msps, Low Power SAR ADC with 101dB SNR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6200-5 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT6200-5 Datasheet HTML 3Page - Linear Technology LT6200-5 Datasheet HTML 4Page - Linear Technology LT6200-5 Datasheet HTML 5Page - Linear Technology LT6200-5 Datasheet HTML 6Page - Linear Technology LT6200-5 Datasheet HTML 7Page - Linear Technology LT6200-5 Datasheet HTML 8Page - Linear Technology LT6200-5 Datasheet HTML 9Page - Linear Technology LT6200-5 Datasheet HTML 10Page - Linear Technology LT6200-5 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LTC2379-18
7
237918p
SNR, SINAD vs Temperature,
fIN = 2kHz
THD, Harmonics vs Temperature,
fIN = 2kHz
TYPICAL PERFORMANCE CHARACTERISTICS
Supply Current vs Temperature
Shutdown Current vs Temperature
Supply Current vs Sampling Rate
Reference Current vs
Reference Voltage
INL/DNL vs Temperature
Full-Scale Error vs Temperature
Offset Error vs Temperature
TA = 25°C, VDD = 2.5V, OVDD = 2.5V, REF = 5V,
fSMPL = 1.6Msps, unless otherwise noted.
SAMPLING RATE (kHz)
0
200 400 600 800
1600
1400
1200
1000
0
5
4
2
1
3
8
7
6
237918 G15
IVDD
IREF
IOVDD
0
0.5
0.4
0.2
0.1
0.3
1.0
0.9
0.8
0.7
0.6
237918 G18
REFERENCE VOLTAGE (V)
2.5
3.0
3.5
4.0
4.5
5.0
TEMPERATURE (°C)
103
102
237918 G08
96
97
98
99
100
101
–55 –35 –15
5
25
45
65
85 105 125
SINAD
SNR
TEMPERATURE (°C)
–110
237918 G09
–135
–130
–125
–120
–115
–55 –35 –15
5
25
45
65
85 105 125
THD
2ND
3RD
TEMPERATURE (°C)
2
237918 G10
–2
–1
0
1
–55 –35
25
45
65
–15
5
85 105 125
MAX INL
MAX DNL
MIN DNL
MIN INL
TEMPERATURE (°C)
8
237918 G11
–8
0
4
2
6
–4
–2
–6
–55 –35
25
45
65
–15
5
85 105 125
–FS
+FS
TEMPERATURE (°C)
8
7
6
237918 G13
0
1
2
3
4
5
–55 –35 –15
5
25
45
65
85 105 125
IVDD
IREF
IOVDD
TEMPERATURE (°C)
0.50
237918 G12
–1.25
–1.00
0
0.25
–0.50
–0.75
–0.25
–55 –35 –15
5
25
45
65
85 105 125
TEMPERATURE (°C)
45
40
35
30
237918 G14
0
5
10
15
20
25
–55 –35 –15
5
25
45
65
85 105 125
IVDD + IOVDD + IREF


Similar Part No. - LT6200-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6200-5 LINER-LT6200-5 Datasheet
448Kb / 26P
   165MHz, Rail-to-Rail Input and Output, 0.95nV/?숰z Low Noise, Op Amp Family
LT6200-5 LINER-LT6200-5 Datasheet
416Kb / 24P
   16-Bit, 2Msps, Low Power SAR ADC with 96dB SNR
LT6200-5 LINER-LT6200-5 Datasheet
893Kb / 24P
   18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
LT6200-5 LINER-LT6200-5_15 Datasheet
540Kb / 26P
   165MHz, Rail-to-Rail Input and Output, 0.95nV/Hz Low Noise, Op Amp Family
More results

Similar Description - LT6200-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2379-18 LINER-LTC2379-18_11 Datasheet
3Mb / 24P
   18-Bit, 1.6Msps, Low Power SAR ADC with 101.2dB SNR
LTC2379-18 LINER-LTC2379-18_15 Datasheet
511Kb / 26P
   18-Bit, 1.6Msps, Low Power SAR ADC with 101.2dB SNR
logo
Linear Integrated Syste...
LTC2379-18 LINEAR-LTC2379-18 Datasheet
511Kb / 26P
   LTC2379-1818-Bit, 1.6Msps, Low Power SAR ADC with 101.2dB SNR
logo
Linear Technology
LTC2369-18 LINER-LTC2369-18_15 Datasheet
898Kb / 24P
   18-Bit, 1.6Msps, Pseudo- Differential Unipolar SAR ADC with 96.5dB SNR
LTC2378-18 LINER-LTC2378-18_15 Datasheet
2Mb / 24P
   18-Bit, 1Msps, Low Power SAR ADC with 102dB SNR
logo
Maxim Integrated Produc...
MAX11903 MAXIM-MAX11903 Datasheet
939Kb / 29P
   18-Bit, 1.6Msps, Low-Power, Fully Differential SAR ADC
2015
logo
Linear Technology
LTC2376-18 LINER-LTC2376-18_15 Datasheet
903Kb / 24P
   18-Bit, 250ksps, Low Power SAR ADC with 102dB SNR
LTC2377-18 LINER-LTC2377-18_15 Datasheet
582Kb / 24P
   18-Bit, 500ksps, Low Power SAR ADC with 102dB SNR
logo
Maxim Integrated Produc...
MAX11901 MAXIM-MAX11901 Datasheet
1Mb / 29P
   16-Bit, 1.6Msps, Low-Power, Fully Differential SAR ADC
2018
logo
Linear Dimensions Semic...
LTC2378-16 LINEAR_DIMENSIONS-LTC2378-16 Datasheet
765Kb / 24P
   16-Bit, 1Msps, Low Power SAR ADC with 97dB SNR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com