Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6202 Datasheet(PDF) 10 Page - Linear Technology

Part # LT6202
Description  16-Bit, 2Msps, Low Power SAR ADC with 96dB SNR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6202 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT6202 Datasheet HTML 6Page - Linear Technology LT6202 Datasheet HTML 7Page - Linear Technology LT6202 Datasheet HTML 8Page - Linear Technology LT6202 Datasheet HTML 9Page - Linear Technology LT6202 Datasheet HTML 10Page - Linear Technology LT6202 Datasheet HTML 11Page - Linear Technology LT6202 Datasheet HTML 12Page - Linear Technology LT6202 Datasheet HTML 13Page - Linear Technology LT6202 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LTC2380-16
10
238016p
OVERVIEW
The LTC2380-16 is a low noise, low power, high speed 16-bit
successive approximation register (SAR) ADC. Operating
from a single 2.5V supply, the LTC2380-16 supports a
large and flexible ±VREF fully differential input range with
VREF ranging from 2.5V to 5.1V, making it ideal for high
performance applications which require a wide dynamic
range. The LTC2380-16 achieves ±0.6LSB INL max, no
missing codes at 16-bits and 96dB SNR.
Fast 2Msps throughput with no cycle latency makes the
LTC2380-16 ideally suited for a wide variety of high speed
applications. An internal oscillator sets the conversion time,
easing external timing considerations. The LTC2380-16
dissipates only 19mW at 2Msps, while an auto power-down
feature is provided to further reduce power dissipation
during inactive periods.
The LTC2380-16 features a unique digital gain compres-
sion (DGC) function, which eliminates the driver amplifier’s
negative supply while preserving the full resolution of the
ADC. When enabled, the ADC performs a digital scaling
function that maps zero-scale code from 0V to 0.1 • VREF
and full-scale code from VREF to 0.9 • VREF. For a typical
reference voltage of 5V, the full-scale input range is now
0.5V to 4.5V, which provides adequate headroom for
powering the driving amplifier from a single 5.5V supply.
CONVERTER OPERATION
The LTC2380-16 operates in two phases. During the ac-
quisition phase, the charge redistribution capacitor D/A
converter (CDAC) is connected to the IN+ and INpins
to sample the differential analog input voltage. A rising
edge on the CNV pin initiates a conversion. During the
conversion phase, the 16-bit CDAC is sequenced through a
successive approximation algorithm, effectively comparing
the sampled input with binary-weighted fractions of the
reference voltage (e.g. VREF/2,VREF/4…VREF/65536)using
the differential comparator. At the end of conversion, the
CDAC output approximates the sampled analog input. The
ADC control logic then prepares the 16-bit digital output
code for serial transfer.
APPLICATIONS INFORMATION
Figure 2. LTC2380-16 Transfer Function
INPUT VOLTAGE (V)
0V
–1
LSB
238016 F02
011...111
011...110
000...001
000...000
100...000
100...001
111...110
1
LSB
BIPOLAR
ZERO
111...111
FSR/2 – 1LSB
–FSR/2
FSR = +FS – –FS
1LSB = FSR/65536
TRANSFER FUNCTION
The LTC2380-16 digitizes the full-scale voltage of 2
× REF
into 216 levels, resulting in an LSB size of 152μV with
REF = 5V. The ideal transfer function is shown in Figure 2.
The output data is in 2’s complement format.
RON
40Ω
CIN
45pF
RON
40Ω
REF
REF
CIN
45pF
IN+
IN
BIAS
VOLTAGE
238016 F03
Figure 3. The Equivalent Circuit for the
Differential Analog Input of the LTC2380-16
ANALOG INPUT
The analog inputs of the LTC2380-16 are fully differential
in order to maximize the signal swing that can be digitized.
The analog inputs can be modeled by the equivalent circuit
shown in Figure 3. The diodes at the input provide ESD
protection. In the acquisition phase, each input sees ap-
proximately 45pF (CIN) from the sampling CDAC in series
with 40Ω (RON) from the on-resistance of the sampling
switch. Any unwanted signal that is common to both
inputs will be reduced by the common mode rejection of
the ADC. The inputs draw a current spike while charging
the CIN capacitors during acquisition. During conversion,
the analog inputs draw only a small leakage current.


Similar Part No. - LT6202

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6202 LINER-LT6202 Datasheet
591Kb / 24P
   Rail-to-Rail Input and Output, Ultralow 1.9n Root Hz Noise, Low Power Op Amps
LT6202 LINER-LT6202 Datasheet
223Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LT6202 LINER-LT6202 Datasheet
415Kb / 24P
   18-Bit, 1.6Msps, Low Power SAR ADC with 101dB SNR
LT6202 LINER-LT6202 Datasheet
893Kb / 24P
   18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
LT6202 LINER-LT6202 Datasheet
315Kb / 28P
   325MHz, Single/Dual,Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
More results

Similar Description - LT6202

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2380-16 LINER-LTC2380-16_15 Datasheet
514Kb / 26P
   16-Bit, 2Msps, Low Power SAR ADC with 96.2dB SNR
LTC2373-16 LINER-LTC2373-16_15 Datasheet
2Mb / 50P
   16-Bit, 1Msps, 8-Channel SAR ADC with 96dB SNR
LTC2372-16 LINER-LTC2372-16_15 Datasheet
2Mb / 50P
   16-Bit, 500ksps, 8-Channel SAR ADC with 96dB SNR
LTC2373-16 LINER-LTC2373-16 Datasheet
2Mb / 52P
   16-Bit, 1Msps, 8-Channel SAR ADC with 96dB SNR
LTC2372-16 LINER-LTC2372-16 Datasheet
2Mb / 50P
   16-Bit, 500ksps, 8-Channel SAR ADC with 96dB SNR
logo
Linear Dimensions Semic...
LTC2378-16 LINEAR_DIMENSIONS-LTC2378-16 Datasheet
765Kb / 24P
   16-Bit, 1Msps, Low Power SAR ADC with 97dB SNR
logo
Linear Technology
LTC2376-16 LINER-LTC2376-16_15 Datasheet
2Mb / 24P
   16-Bit, 250ksps, Low Power SAR ADC with 97dB SNR
LTC2378-16 LINER-LTC2378-16_15 Datasheet
765Kb / 24P
   16-Bit, 1Msps, Low Power SAR ADC with 97dB SNR
LTC2377-16 LINER-LTC2377-16_15 Datasheet
764Kb / 24P
   16-Bit, 500ksps, Low Power SAR ADC with 97dB SNR
LTC2393-16 LINER-LTC2393-16_1 Datasheet
219Kb / 24P
   16-Bit, 1Msps SAR ADC With 94db SNR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com