Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4448W Datasheet(PDF) 1 Page - Weitron Technology

Part # 1N4448W
Description  Surface Mount Switching Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

1N4448W Datasheet(HTML) 1 Page - Weitron Technology

  1N4448W Datasheet HTML 1Page - Weitron Technology 1N4448W Datasheet HTML 2Page - Weitron Technology 1N4448W Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Surface Mount Switching Diode
Mechanical Data:
Features:
1N4448W
WEITRON
WEITRON
SWITCHING DIODE
250m AMPERES
http://www.weitron.com.tw
* High Conductance
* Fast Switching Speed
* Surface Mount Package Ideally Suited for Automatic Insertion
* For General Purpose Switching Application
* Case: SOD-323, Molded Plastic
* Terminals: Plated Leads Solderable per MIL-STD-202, Method 208
* Polarity: Cathode Band
* Weight: 0.01grams (approx)
1/3
02-Oct-06
100 VOLTS
Lead(Pb)-Free
P b
SOD-123 Outline Dimensions
SOD-123
Unit:mm
1
2
Dim
A
B
C
D
E
H
J
K
Min
2.55
1.40
0.95
0.50
-
-
3.55
Max
2.85
1.80
1.35
0.70
0.10
0.15
3.85
SOD-123
0.30 REF
PIN 1. CATHODE
2. ANODE


Similar Part No. - 1N4448W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N4448W PANJIT-1N4448W Datasheet
53Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Nanjing International G...
1N4448W DGNJDZ-1N4448W Datasheet
144Kb / 3P
   Silicon Epitaxial Planar Switching Diode
logo
Tak Cheong Electronics ...
1N4448W TAK_CHEONG-1N4448W Datasheet
691Kb / 4P
   400mW SOD-123 SURFACE MOUNT Small Outline Flat Lead Plastic Package General Purpose Application Fast Switching Diode
logo
DONGGUAN YOU FENG WEI E...
1N4448W YFWDIODE-1N4448W Datasheet
534Kb / 2P
   Fast switching Diode
logo
First Components Intern...
1N4448W FCI-1N4448W Datasheet
78Kb / 3P
   High Speed Switching Diode SURFACE MOUNT PACKAGE
More results

Similar Description - 1N4448W

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
   SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAV23A DIODES-BAV23A_08 Datasheet
126Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS30042 Rev. 13 - 2
MMBD2004SW DIODES-MMBD2004SW_08 Datasheet
113Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS30443 Rev. 6 - 2
logo
Pan Jit International I...
MMBD7000 PANJIT-MMBD7000_09 Datasheet
231Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
MMBD7000W PANJIT-MMBD7000W_09 Datasheet
215Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
1SS400G PANJIT-1SS400G_09 Datasheet
265Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
logo
Galaxy Semi-Conductor H...
1SS184 BILIN-1SS184 Datasheet
280Kb / 3P
   Surface mount switching diode
BAL99 BILIN-BAL99 Datasheet
175Kb / 3P
   Surface mount switching diode
BAS16 BILIN-BAS16 Datasheet
308Kb / 3P
   Surface mount switching diode
BAS21 BILIN-BAS21 Datasheet
177Kb / 3P
   Surface mount switching diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com