Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK25A10K3 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TK25A10K3
Description  TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIV)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TK25A10K3 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TK25A10K3 Datasheet HTML 1Page - Toshiba Semiconductor TK25A10K3 Datasheet HTML 2Page - Toshiba Semiconductor TK25A10K3 Datasheet HTML 3Page - Toshiba Semiconductor TK25A10K3 Datasheet HTML 4Page - Toshiba Semiconductor TK25A10K3 Datasheet HTML 5Page - Toshiba Semiconductor TK25A10K3 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TK25A10K3
2009-03-23
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIV)
TK25A10K3
Swiching Regulator Applications
• Low drain-source ON resistance: RDS (ON) = 31 mΩ (typ.)
• High forward transfer admittance: |Yfs| = 50 S (typ.)
• Low leakage current: IDSS = 10 μA (max) (VDS = 100 V)
• Enhancement-model: Vth = 2.0 to 4.0 V (VDS = 10 V, ID = 1 mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDSS
100
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
100
V
Gate-source voltage
VGSS
±20
V
DC
(Note 1)
ID
25
Drain current
Pulse
(Note 1)
IDP
50
A
Drain power dissipation (Tc
= 25°C)
PD
25
W
Single pulse avalanche energy
(Note 2)
EAS
39
mJ
Avalanche current
IAR
25
A
Repetitive avalanche energy (Note 3)
EAR
1.72
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note:
Using continuously under heavy loads (e.g. the application of
high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to
decrease
in
the
reliability
significantly
even
if
the
operating
conditions
(i.e.
operating
temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: Please use devices on condition that the channel temperature is below 150°C.
Note 2: VDD = 25 V, Tch = 25°C, L = 100 μH, RG = 25 Ω, IAR = 25 A
Note 3: Repetitive rating; pulse width limited by maximum channel temperature.
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance, channel to case
Rth (ch−c)
5.0
°C / W
Thermal resistance, channel to
ambient
Rth (ch−a)
62.5
°C / W
This transistor is an electrostatic sensitive device. Please handle with caution.
Unit: mm
1: Gate
2: Drain
3: Source
JEDEC
JEITA
SC-67
TOSHIBA
2-10U1B
Weight: 1.7 g (typ.)
1
3
2


Similar Part No. - TK25A10K3

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TK25A10K3 ISC-TK25A10K3 Datasheet
288Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Toshiba Semiconductor
TK25A10K3 TOSHIBA-TK25A10K3 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - TK25A10K3

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCP8202 TOSHIBA-TPCP8202 Datasheet
235Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (U-MOSIV)
TPC8114 TOSHIBA-TPC8114 Datasheet
168Kb / 4P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIV)
2SK3565 TOSHIBA-2SK3565_V01 Datasheet
218Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type, π-MOSIV
2013-11-01
TPC8115 TOSHIBA-TPC8115 Datasheet
2Mb / 4P
   FIELD EFFECT TRANSISTOR SILICON P CHANNEL MOS TYPE(U-MOSIV)
TK40A10K3 TOSHIBA-TK40A10K3 Datasheet
208Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS??
2SK3397 TOSHIBA-2SK3397 Datasheet
96Kb / 3P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS)
2SK3236 TOSHIBA-2SK3236 Datasheet
228Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS)
TPCS8201 TOSHIBA-TPCS8201 Datasheet
314Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS )
TPCP8002 TOSHIBA-TPCP8002 Datasheet
228Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (U-MOS IV)
2SK3763 TOSHIBA-2SK3763 Datasheet
96Kb / 6P
   Field Effect Transistor Silicon N Channel MOS Type ( pi -MOSIV)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com