Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK40A10K3 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TK40A10K3
Description  TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS??
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TK40A10K3 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TK40A10K3 Datasheet HTML 1Page - Toshiba Semiconductor TK40A10K3 Datasheet HTML 2Page - Toshiba Semiconductor TK40A10K3 Datasheet HTML 3Page - Toshiba Semiconductor TK40A10K3 Datasheet HTML 4Page - Toshiba Semiconductor TK40A10K3 Datasheet HTML 5Page - Toshiba Semiconductor TK40A10K3 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TK40A10K3
2009-09-29
5
1000
0.1
1
100
0.01
10
10
μ
100
μ
1m
10m
100m
1
10
0.001
0.1
1
10
Duty = 0.5
0.2
0.1
0.05
0.02
0.01
PDM
Duty
= t/T
Rth (ch-c) = 3.125°C/W
T
t
0.01
RG = 1 Ω
VDD = 50 V, L = 100 μH
=
VDD
BVDSS
BVDSS
2
I
L
2
1
ΕAS
Test circuit
Wave form
IAR
BVDSS
VDD
VDS
0 V
20 V
EAS – Tch
Channel temperature (initial) Tch (°C)
rth – tw
Pulse width tw (s)
SINGLE PULSE
100
μs *
1 ms *
0.1
10
VDSS max
1
1000
100
Single pulse Tc=25℃
Curves must be derated
linearly with increase in
temperature.
ID max (pulse) *
ID max (continuous)
DC OPEATION
Tc
= 25°C
SAFE OPERATING AREA
Drain-source voltage VDS (V)
160
120
40
0
25
50
75
100
125
150
200
80


Similar Part No. - TK40A10K3

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TK40A10K3 TOSHIBA-TK40A10K3 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - TK40A10K3

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3397 TOSHIBA-2SK3397 Datasheet
96Kb / 3P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS)
2SK3236 TOSHIBA-2SK3236 Datasheet
228Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS)
TPCS8201 TOSHIBA-TPCS8201 Datasheet
314Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS )
TPCP8401 TOSHIBA-TPCP8401_07 Datasheet
279Kb / 10P
   TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS ??/ ?-MOS ??
TPCP8002 TOSHIBA-TPCP8002 Datasheet
228Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (U-MOS IV)
TPCF8001 TOSHIBA-TPCF8001 Datasheet
242Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)
TPCF8201 TOSHIBA-TPCF8201_07 Datasheet
232Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)
TPC8209 TOSHIBA-TPC8209 Datasheet
312Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS II)
TPCA8046-H TOSHIBA-TPCA8046-H Datasheet
200Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (U-MOS-H)
TPC8026 TOSHIBA-TPC8026 Datasheet
207Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS IV)
2009-09-29
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com