Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS6226 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # THS6226
Description  Gated-Class H, Dual-Port VDSL2 Line Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS6226 Datasheet(HTML) 3 Page - Texas Instruments

  THS6226 Datasheet HTML 1Page - Texas Instruments THS6226 Datasheet HTML 2Page - Texas Instruments THS6226 Datasheet HTML 3Page - Texas Instruments THS6226 Datasheet HTML 4Page - Texas Instruments THS6226 Datasheet HTML 5Page - Texas Instruments THS6226 Datasheet HTML 6Page - Texas Instruments THS6226 Datasheet HTML 7Page - Texas Instruments THS6226 Datasheet HTML 8Page - Texas Instruments THS6226 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
THS6226
www.ti.com
SBOS499B
– JANUARY 2011 – REVISED FEBRUARY 2011
ELECTRICAL CHARACTERISTICS: VS = +12V
Boldface limits are tested at +25
°C.
At TA = +25°C, with RMATCH = 10.2Ω, transformer turn ratio 1:1.4, RL = 100Ω differential at transformer output, Full Bias Mode,
and active impedance circuit configuration, unless otherwise noted. Each port is tested independently.
THS6226IRHB
TEST
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
LEVEL(1)
AC PERFORMANCE
VO = 2VPP, differential at
Small-signal bandwidth,
–3dB
125
MHz
C
OUTCD and OUTAB, gain = 19V/V
0.1dB bandwidth flatness
VO = 2VPP
37
MHz
C
Large-signal bandwidth
VO = 10VPP
125
MHz
C
Slew rate (10% to 90% level)
VO = 15V step, differential
1500
V/
μs
C
Rise and fall time
VO = 2VPP
2.8
ns
C
Harmonic distortion
VO = 2VPP, RL = 60Ω differential
C
Second harmonic
Full bias, f = 1MHz
–91
dBc
C
Third harmonic
Full bias, f = 1MHz
–91
dBc
C
Full bias, f = 5MHz
–70
dBc
C
Second harmonic
Low bias, f = 5MHz
–64
dBc
C
Full bias, f = 5MHz
–75
dBc
C
Third harmonic
Low bias, f = 5MHz
–47
dBc
C
Differential input voltage noise
f = 1MHz, input-referred
6.3
nV/
√Hz
C
DC PERFORMANCE
Differential gain
19
V/V
C
Differential gain error(2)
±2.5
%
A
±1
±5
mV
A
Input offset voltage
–40°C to +85°C
±6
mV
B
Input offset voltage drift
15
μV/°C
B
Input offset voltage matching
Channels 1 to 2 and 3 to 4 only
±1
±5
mV
A
INPUT CHARACTERISTICS
Noninverting input resistance
500 || 2
k
Ω || pF
C
Input bias voltage
5.8
6
6.2
V
A
OUTPUT CHARACTERISTICS
RL = 60Ω differential, class H operation
(3) (4),
+16/
–4
+17.5/
–5.5
V
A
each output
Class H output voltage swing
–40°C to +85°C(3)(4)
+15.7/
–3.7
V
B
RL = 60Ω differential, class H operation
±333
±383
mA
A
Class H output current (sourcing, sinking)
–40°C to +85°C
±323
mA
B
RL = 60Ω differential, normal operation
(3),
+9.9/+2.1
+10.1/+1.9
V
A
each output
Class AB output voltage swing
–40°C to +85°C(3)
+9.8/+2.2
V
B
RL = 60Ω differential, normal operation
±130
±137
mA
A
Class AB output current (sourcing, sinking)
–40°C to +85°C
±126
mA
B
Short-circuit output current
1
A
C
Output impedance
f = 1MHz, differential
0.2
C
Crosstalk
f = 1MHz, VOUT = 2VPP, port 1 to port 2
–90
dB
C
(1)
Test levels: (A) 100% tested at +25
°C. Over temperature limits set by characterization and simulation. (B) Limits set by characterization
and simulation. (C) Typical value only for information.
(2)
Negative feedback loop only.
(3)
Measured at amplifier output (pin 17, 20, 21, and 24).
(4)
Capacitor fully charged, no droop.
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): THS6226


Similar Part No. - THS6226

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6226 TI-THS6226 Datasheet
966Kb / 21P
[Old version datasheet]   Gated-Class H, Dual-Port VDSL2 Line Driver
THS6226A TI1-THS6226A Datasheet
1Mb / 32P
[Old version datasheet]   THS6226A Gated-Class H, Dual-Port VDSL2 Line Driver
THS6226AIRHBR TI1-THS6226AIRHBR Datasheet
1Mb / 32P
[Old version datasheet]   THS6226A Gated-Class H, Dual-Port VDSL2 Line Driver
THS6226AIRHBT TI1-THS6226AIRHBT Datasheet
1Mb / 32P
[Old version datasheet]   THS6226A Gated-Class H, Dual-Port VDSL2 Line Driver
THS6226A TI1-THS6226A_16 Datasheet
1Mb / 32P
[Old version datasheet]   THS6226A Gated-Class H, Dual-Port VDSL2 Line Driver
More results

Similar Description - THS6226

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6226 TI-THS6226_15 Datasheet
966Kb / 21P
[Old version datasheet]   Gated-Class H, Dual-Port VDSL2 Line Driver
THS6226A TI1-THS6226A Datasheet
1Mb / 32P
[Old version datasheet]   THS6226A Gated-Class H, Dual-Port VDSL2 Line Driver
THS6226A TI1-THS6226A_16 Datasheet
1Mb / 32P
[Old version datasheet]   THS6226A Gated-Class H, Dual-Port VDSL2 Line Driver
logo
Intersil Corporation
ISL1539A INTERSIL-ISL1539A Datasheet
91Kb / 2P
   Dual Port VDSL2 Line Driver
logo
Renesas Technology Corp
ISL1539A RENESAS-ISL1539A Datasheet
2Mb / 23P
   Dual Port VDSL2 Line Driver
September 23, 2009
logo
Intersil Corporation
ISL1539AIRZ INTERSIL-ISL1539AIRZ Datasheet
1Mb / 23P
   Dual Port VDSL2 Line Driver
September 23, 2009
ISL1591 INTERSIL-ISL1591 Datasheet
938Kb / 18P
   Fixed Gain, Dual Port, VDSL2 Line Driver
logo
Texas Instruments
THS6214 TI-THS6214 Datasheet
1Mb / 41P
[Old version datasheet]   Dual-Port, Differential, VDSL2 Line Driver Amplifiers
THS6204 TI-THS6204 Datasheet
1Mb / 43P
[Old version datasheet]   Dual-Port, Differential VDSL2 Line Driver Amplifiers
logo
Renesas Technology Corp
ISL1591 RENESAS-ISL1591 Datasheet
1Mb / 18P
   Fixed Gain, Dual Port, VDSL2 Line Driver
October 31, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com