Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62651 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62651
Description  800-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62651 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS62651 Datasheet HTML 7Page - Texas Instruments TPS62651 Datasheet HTML 8Page - Texas Instruments TPS62651 Datasheet HTML 9Page - Texas Instruments TPS62651 Datasheet HTML 10Page - Texas Instruments TPS62651 Datasheet HTML 11Page - Texas Instruments TPS62651 Datasheet HTML 12Page - Texas Instruments TPS62651 Datasheet HTML 13Page - Texas Instruments TPS62651 Datasheet HTML 14Page - Texas Instruments TPS62651 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
0
2
4
6
8
10
12
14
16
18
20
22
24
0
100
200
300
400
500
600
700
800
I
-LoadCurrent-mA
O
V
=1.4375V
O
V =4.8V
I
V =3.6V
I
V =2.5V
I
1.176
1.188
1.2
1.212
1.224
0.1
1
10
100
1000
I
-OutputCurrent-mA
O
V
=1.2V
O
V =2.5V
PFM/PWM
I
V =3.6V
PFM/PWM
I
V =4.8V
PFM/PWM
I
V =3.6V
PWMOperation
I
1.029
1.04
1.05
1.061
1.071
0.1
1
10
100
1000
I
-OutputCurrent-mA
O
V
=1.05V
O
V =2.5V
PFM/PWM
I
V =3.6V
PFM/PWM
I
V =4.8V
PFM/PWM
I
0.735
0.743
0.75
0.758
0.765
0.1
1
10
100
1000
I
-OutputCurrent-mA
O
V
=0.75V
O
V =2.5V
PFM/PWM
I
V =3.6V
PFM/PWM
I
V =4.8V
PFM/PWM
I
TPS62650
TPS62651
www.ti.com
SLVS808A
– AUGUST 2009 – REVISED FEBRUARY 2011
TYPICAL CHARACTERISTICS (continued)
PEAK-TO-PEAK OUTPUT RIPPLE VOLTAGE
DC OUTPUT VOLTAGE
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 13.
Figure 14.
DC OUTPUT VOLTAGE
DC OUTPUT VOLTAGE
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 15.
Figure 16.
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS62650 TPS62651


Similar Part No. - TPS62651

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62651 TI-TPS62651 Datasheet
1Mb / 37P
[Old version datasheet]   800-mA 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62651YFF TI-TPS62651YFF Datasheet
1Mb / 37P
[Old version datasheet]   800-mA 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62651YFFR TI-TPS62651YFFR Datasheet
1Mb / 37P
[Old version datasheet]   800-mA 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62651YFFT TI-TPS62651YFFT Datasheet
1Mb / 37P
[Old version datasheet]   800-mA 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
More results

Similar Description - TPS62651

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62650 TI-TPS62650 Datasheet
1Mb / 37P
[Old version datasheet]   800-mA 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62650 TI-TPS62650_15 Datasheet
1Mb / 39P
[Old version datasheet]   800-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62692 TI1-TPS62692_16 Datasheet
2Mb / 31P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62692 TI-TPS62692 Datasheet
1Mb / 29P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62650-Q1 TI1-TPS62650-Q1 Datasheet
1,006Kb / 40P
[Old version datasheet]   800-mA, 6-MHz High-Efficiency Step-Down Converter With I2C??Compatible Interface in Chip-Scale Packaging
TPS62026 TI-TPS62026 Datasheet
612Kb / 24P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI1-TPS62020_16 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020 Datasheet
425Kb / 18P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020_15 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62355DRCR TI1-TPS62355DRCR Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com