Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC74201E Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC74201E
Description  Video CD Decoder
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74201E Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC74201E Datasheet HTML 1Page - Sanyo Semicon Device LC74201E Datasheet HTML 2Page - Sanyo Semicon Device LC74201E Datasheet HTML 3Page - Sanyo Semicon Device LC74201E Datasheet HTML 4Page - Sanyo Semicon Device LC74201E Datasheet HTML 5Page - Sanyo Semicon Device LC74201E Datasheet HTML 6Page - Sanyo Semicon Device LC74201E Datasheet HTML 7Page - Sanyo Semicon Device LC74201E Datasheet HTML 8Page - Sanyo Semicon Device LC74201E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Ordering number :EN *5684
22897HA (OT) No. 5684-1/21
Overview
The LC74201E is a CMOS LSI that reduces the signal
processing functions required of a video CD decoder to a
single chip. All that it takes to make a version 1 or version
2 video CD player is the addition of a CD digital signal
processor, DRAM, an audio D/A converter, digital video
encoder, and similar components.
Features
• Incorporation of virtually almost all the functionality
required by a video CD player from the CD-ROM
decoder through to the MPEG audio and video decoders
in a single chip
• Fully automatic playback with automatic decoding
within the LSI in response to simple external commands
and the MPEG bit stream
• Special playback functions are activated by command
inputs, and do not require signal processing by the host
microcomputer
• Support for two external DRAM configurations:
4 M bits (256k
× 16 bits) or 4 M bits (256k × 16 bits) +
1 M bit (64k
× 16 bits)
• Support for a Track 1 DRAM user area (i.e., sector
buffer) of up to 8 k bytes (4 M bits of external DRAM)
or 22 k bytes (5 M bits of external DRAM)
• Automatic synchronization of audio and video
• Built-in high-speed decoder core that supports variable-
speed video playback at up to quadruple speed. Audio
support for normal and double-speed playback.
• Internal registers that offer configuration settings for
connecting to most commercially available CD digital
signal processors and D/A converters
• Compatible with version 2 of the video CD standard.
Support for superimposition of closed caption data on
the output signal as specified in the EIA608 standard
• Support for Photo CD standard. (Base/4 and Base/16)
Package Dimensions
unit: mm
3182-QFP-128E
Preliminary
SANYO: QIP-128E
[LC74201E]
LC74201E
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
Video CD Decoder
CMOS LSI


Similar Part No. - LC74201E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74201JE SANYO-LC74201JE Datasheet
301Kb / 21P
   Single Chip MPEG Decoder
More results

Similar Description - LC74201E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA2510 PHILIPS-SAA2510 Datasheet
126Kb / 28P
   Video CD VCD decoder
1996 May 21
logo
Sony Corporation
CXD1804AR SONY-CXD1804AR Datasheet
794Kb / 103P
   CD-ROM Decoder
logo
Toshiba Semiconductor
TC9411F TOSHIBA-TC9411F Datasheet
239Kb / 5P
   CD GRAPHICS DECODER
logo
Sony Corporation
CXD1803AQ SONY-CXD1803AQ Datasheet
385Kb / 46P
   CD-ROM DECODER
CXD1806AQ SONY-CXD1806AQ Datasheet
1Mb / 48P
   CD-ROM DECODER
logo
Sanyo Semicon Device
LC7872E SANYO-LC7872E Datasheet
299Kb / 17P
   CD Graphics Decoder
logo
Sony Corporation
CXD1186CQ SONY-CXD1186CQ Datasheet
454Kb / 46P
   CD-ROM Decoder
CXD1804BR SONY-CXD1804BR Datasheet
813Kb / 103P
   CD-ROM Decoder
CXD1818R SONY-CXD1818R Datasheet
895Kb / 112P
   CD-ROM Decoder
CXD1199AQ SONY-CXD1199AQ Datasheet
349Kb / 42P
   CD-ROM DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com