Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC7455M Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LC7455M
Description  Closed Caption Signal Extraction IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7455M Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LC7455M Datasheet HTML 5Page - Sanyo Semicon Device LC7455M Datasheet HTML 6Page - Sanyo Semicon Device LC7455M Datasheet HTML 7Page - Sanyo Semicon Device LC7455M Datasheet HTML 8Page - Sanyo Semicon Device LC7455M Datasheet HTML 9Page - Sanyo Semicon Device LC7455M Datasheet HTML 10Page - Sanyo Semicon Device LC7455M Datasheet HTML 11Page - Sanyo Semicon Device LC7455M Datasheet HTML 12Page - Sanyo Semicon Device LC7455M Datasheet HTML 13Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Caption Data Transfer from the LC7455A/M to the Decoder IC (microcontroller): Method 2
(For applications that cannot provide an input port on the decoder IC (microcontroller) to detect LN21 falling edges.)
In modes 1 and 2, since data is output to the output buffer once every frame (in the even field), the decoder IC (microcontroller) must perform a transfer control operation at least twice every frame (about 32 ms).
When the second control operation is performed in a given frame, the CPDT output for that second operation will be 16 bits of zeros. This allows the microprocessor to recognize that the data for the next frame has not yet been
transferred to the output buffer.
Notes: When CE remains low, the hardware will not transfer the data to the output buffer. Thus applications must restore CE from low to high after each data transfer to the decoder IC (microcontroller) operation has completed.
This transfer technique (method 2) cannot be used in modes 3 and 4.
Within a single frame (modes 1 and 2)
16 bits of data all
of which are zeros.
16 bits transfered


Similar Part No. - LC7455M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7454A SANYO-LC7454A Datasheet
704Kb / 16P
   CMOS Data Slicer
LC7454M SANYO-LC7454M Datasheet
704Kb / 16P
   CMOS Data Slicer
LC7456A SANYO-LC7456A Datasheet
24Kb / 6P
   U.S. Closed Caption Signal Extraction IC
LC7458B-04 SANYO-LC7458B-04 Datasheet
259Kb / 12P
   Closed-Caption Decoder LSI
More results

Similar Description - LC7455M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7456A SANYO-LC7456A Datasheet
24Kb / 6P
   U.S. Closed Caption Signal Extraction IC
LA7945N SANYO-LA7945N Datasheet
185Kb / 9P
   Closed Caption Signal (US specifications) Extraction IC
LC7458B-04 SANYO-LC7458B-04 Datasheet
259Kb / 12P
   Closed-Caption Decoder LSI
logo
Motorola, Inc
MC144144 MOTOROLA-MC144144 Datasheet
567Kb / 44P
   Enhanced Closed-Caption Decoder CMOS
logo
NXP Semiconductors
OM8373 PHILIPS-OM8373 Datasheet
409Kb / 108P
   TV signal processor- Closed Caption decoder with embedded m-Controller
Version: 1.0 2004 Jan 15
logo
Zilog, Inc.
Z8622812PSG ZILOG-Z8622812PSG Datasheet
258Kb / 7P
   LINE 21 CLOSED CAPTION CONTROLLER (L21C)
Z86228 ZILOG-Z86228 Datasheet
87Kb / 7P
   LINE 21 CLOSED CAPTION CONTROLLER (L21C)
Z8622812PSC ZILOG-Z8622812PSC Datasheet
258Kb / 7P
   LINE 21 CLOSED CAPTION CONTROLLER(L21C)
Z86128 ZILOG-Z86128 Datasheet
1,010Kb / 27P
   L21C-TM LINE 21 CLOSED-CAPTION CONTROLLER
logo
RF Monolithics, Inc
IC1000 RFM-IC1000 Datasheet
89Kb / 4P
   Data/Clock Extraction IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com