Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC7455 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LC7455
Description  Closed Caption Signal Extraction IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7455 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LC7455 Datasheet HTML 1Page - Sanyo Semicon Device LC7455 Datasheet HTML 2Page - Sanyo Semicon Device LC7455 Datasheet HTML 3Page - Sanyo Semicon Device LC7455 Datasheet HTML 4Page - Sanyo Semicon Device LC7455 Datasheet HTML 5Page - Sanyo Semicon Device LC7455 Datasheet HTML 6Page - Sanyo Semicon Device LC7455 Datasheet HTML 7Page - Sanyo Semicon Device LC7455 Datasheet HTML 8Page - Sanyo Semicon Device LC7455 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
System Block Diagram
No. 5680-3/13
LC7455A, 7455M
Operation in the Different Modes
Pin
Application
Mode
equipment
Operation
MOD1
MOD0
· Even field line 21 data extraction
Open
Open
Mode 1
VCR
The internal PLL is operated with the horizontal synchronizing signal separated from the composite video
signal as the reference.
· Even field line 21 data extraction
Open
VDD
Mode 2
VCR
An external 508 kHz ceramic oscillator is used, and the internal PLL is operated with that oscillator output
divided by 32 as the reference.
VDD
Open
Mode 3
NTSC-TV
· Odd and even field line 21 data extraction
The internal PLL is operated with the Hsync signal applied from fly back as the reference.
VDD
VDD
Mode 4
PAL-TV
· Odd and even field line 22 data extraction
The internal PLL is operated with the Hsync signal applied from the fly back circuit as the reference.
Note: The data extraction operations in modes 1 and 2 are identical. However, while mode 1 can operate without problem for normal "on air" signals, it may
be difficult for the PLL to lock with signals such as scrambled CATV signals.
PLL reference clock
mode 2
mode 3, 4
mode 1
Data peak hold
(Data slice)
Hsync peak hold
(Hsync slice)
Output control
Data output
buffer
Divided-by-
32 circuit
Oscillator
circuit
Pedestal clamp
(Mode 2)
(Mode 2)
(Modes 1, 3, 4)


Similar Part No. - LC7455

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7454A SANYO-LC7454A Datasheet
704Kb / 16P
   CMOS Data Slicer
LC7454M SANYO-LC7454M Datasheet
704Kb / 16P
   CMOS Data Slicer
LC7456A SANYO-LC7456A Datasheet
24Kb / 6P
   U.S. Closed Caption Signal Extraction IC
LC7458B-04 SANYO-LC7458B-04 Datasheet
259Kb / 12P
   Closed-Caption Decoder LSI
More results

Similar Description - LC7455

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7456A SANYO-LC7456A Datasheet
24Kb / 6P
   U.S. Closed Caption Signal Extraction IC
LA7945N SANYO-LA7945N Datasheet
185Kb / 9P
   Closed Caption Signal (US specifications) Extraction IC
LC7458B-04 SANYO-LC7458B-04 Datasheet
259Kb / 12P
   Closed-Caption Decoder LSI
logo
Motorola, Inc
MC144144 MOTOROLA-MC144144 Datasheet
567Kb / 44P
   Enhanced Closed-Caption Decoder CMOS
logo
NXP Semiconductors
OM8373 PHILIPS-OM8373 Datasheet
409Kb / 108P
   TV signal processor- Closed Caption decoder with embedded m-Controller
Version: 1.0 2004 Jan 15
logo
Zilog, Inc.
Z8622812PSG ZILOG-Z8622812PSG Datasheet
258Kb / 7P
   LINE 21 CLOSED CAPTION CONTROLLER (L21C)
Z86228 ZILOG-Z86228 Datasheet
87Kb / 7P
   LINE 21 CLOSED CAPTION CONTROLLER (L21C)
Z8622812PSC ZILOG-Z8622812PSC Datasheet
258Kb / 7P
   LINE 21 CLOSED CAPTION CONTROLLER(L21C)
Z86128 ZILOG-Z86128 Datasheet
1,010Kb / 27P
   L21C-TM LINE 21 CLOSED-CAPTION CONTROLLER
logo
RF Monolithics, Inc
IC1000 RFM-IC1000 Datasheet
89Kb / 4P
   Data/Clock Extraction IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com