Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRDA3.3-6.TBT Datasheet(PDF) 4 Page - Semtech Corporation

Part # SRDA3.3-6.TBT
Description  Low Capacitance TVS Diode Array
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SRDA3.3-6.TBT Datasheet(HTML) 4 Page - Semtech Corporation

  SRDA3.3-6.TBT Datasheet HTML 1Page - Semtech Corporation SRDA3.3-6.TBT Datasheet HTML 2Page - Semtech Corporation SRDA3.3-6.TBT Datasheet HTML 3Page - Semtech Corporation SRDA3.3-6.TBT Datasheet HTML 4Page - Semtech Corporation SRDA3.3-6.TBT Datasheet HTML 5Page - Semtech Corporation SRDA3.3-6.TBT Datasheet HTML 6Page - Semtech Corporation SRDA3.3-6.TBT Datasheet HTML 7Page - Semtech Corporation SRDA3.3-6.TBT Datasheet HTML 8Page - Semtech Corporation SRDA3.3-6.TBT Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
© 2010 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
PROTECTION PRODUCTS
SRDA3.3-6 and SRDA05-6
Typical Characteristics
Non-Repetitive Peak Pulse Power vs. Pulse Time
Power Derating Curve
0.01
0.1
1
10
0.1
1
10
100
1000
Pulse Duration - tp (µs)
0
10
20
30
40
50
60
70
80
90
100
110
0
25
50
75
100
125
150
Ambient Temperature - TA (
oC)
Clamping Voltage vs. Peak Pulse Current
0
10
20
30
40
50
60
70
80
90
100
110
0
5
10
15
20
25
30
Time (µs)
e
-t
td = IPP/2
Waveform
Parameters:
tr = 8µs
td = 20µs
Pulse Waveform
Variation of Capacitance vs. Reverse Voltage
Forward Voltage vs. Forward Current
-14
-12
-10
-8
-6
-4
-2
0
01
234
5
6
Reverse Voltage - VR (V)
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
20
25
30
35
40
45
50
Forward Current - IF (A)
Waveform
Parameters:
tr = 8μs
td = 20μs
0
2
4
6
8
10
12
14
16
0
5
10
15
20
25
30
Peak Pulse Current - IPP (A)
SRDA05-6
SRDA3.3-6
Waveform
Parameters:
tr = 8µs
td = 20µs


Similar Part No. - SRDA3.3-6.TBT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SRDA3.3-6.TBT SEMTECH-SRDA3.3-6.TBT Datasheet
198Kb / 9P
   RailClamp짰 Low Capacitance TVS Diode Array
More results

Similar Description - SRDA3.3-6.TBT

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XBP1001 TOREX-XBP1001 Datasheet
183Kb / 5P
   Low Capacitance TVS Diode Array
XBP1004 TOREX-XBP1004 Datasheet
169Kb / 5P
   Low Capacitance TVS Diode Array
logo
Yea Shin Technology Co....
YSULC0502T3 YEASHIN-YSULC0502T3 Datasheet
768Kb / 3P
   Low Capacitance TVS Diode Array
logo
Shanghai Leiditech Elec...
LC05CD LEIDITECH-LC05CD Datasheet
145Kb / 3P
   Low Capacitance TVS Diode Array
logo
Torex Semiconductor
XBP14E5UFN-G TOREX-XBP14E5UFN-G Datasheet
187Kb / 6P
   Low Capacitance TVS Diode Array
logo
Yea Shin Technology Co....
YSBLCXXC YEASHIN-YSBLCXXC Datasheet
1Mb / 10P
   LOW CAPACITANCE TVS DIODE ARRAY
YSBLC03C YEASHIN-YSBLC03C Datasheet
1Mb / 4P
   LOW CAPACITANCE TVS DIODE ARRAY
YSBLC08C YEASHIN-YSBLC08C Datasheet
1Mb / 4P
   LOW CAPACITANCE TVS DIODE ARRAY
logo
E-CMOS Corporation
ECGLBXXCG E-CMOS-ECGLBXXCG Datasheet
242Kb / 3P
   Low Capacitance TVS Diode Array
logo
Semtech Corporation
SRV08-4 SEMTECH-SRV08-4 Datasheet
503Kb / 7P
   Low Capacitance TVS Diode Array
SRDA3.3-4 SEMTECH-SRDA3.3-4_03 Datasheet
259Kb / 10P
   Low Capacitance TVS Diode Array
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com