Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF202-22.TC Datasheet(PDF) 7 Page - Semtech Corporation

Part # STF202-22.TC
Description  USB Upstream Port Filter and TVS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

STF202-22.TC Datasheet(HTML) 7 Page - Semtech Corporation

  STF202-22.TC Datasheet HTML 1Page - Semtech Corporation STF202-22.TC Datasheet HTML 2Page - Semtech Corporation STF202-22.TC Datasheet HTML 3Page - Semtech Corporation STF202-22.TC Datasheet HTML 4Page - Semtech Corporation STF202-22.TC Datasheet HTML 5Page - Semtech Corporation STF202-22.TC Datasheet HTML 6Page - Semtech Corporation STF202-22.TC Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
 2004 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
PROTECTION PRODUCTS
STF202-22 and STF202-30
Contact Information
Semtech Corporation
Protection Products Division
200 Flynn Road, Camarillo, CA 93012
Phone: (805)498-2111 FAX (805)498-3804
Marking Codes
Ordering Information
r
e
b
m
u
N
t
r
a
P
g
n
i
k
r
a
M
e
d
o
C
2
2
-
2
0
2
F
T
S2
2
2
0
3
-
2
0
2
F
T
S0
3
2
r
e
b
m
u
N
t
r
a
Ph
s
i
n
i
F
d
a
e
L
r
e
p
y
t
Q
l
e
e
R
e
z
i
S
l
e
e
R
C
T
.
2
2
-
2
0
2
F
T
Sb
P
n
S0
0
0
,
3h
c
n
I
7
C
T
.
0
3
-
2
0
2
F
T
Sb
P
n
S0
0
0
,
3h
c
n
I
7
T
C
T
.
2
2
-
2
0
2
F
T
Se
e
r
f
b
P0
0
0
,
3h
c
n
I
7
T
C
T
.
0
3
-
2
0
2
F
T
Se
e
r
f
b
P0
0
0
,
3h
c
n
I
7


Similar Part No. - STF202-22.TC

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
STF202-22 SEMTECH-STF202-22 Datasheet
164Kb / 6P
   USB Upstream Port Filter & TVS For EMI Filtering and ESD Protection
logo
ON Semiconductor
STF202-22 ONSEMI-STF202-22 Datasheet
57Kb / 8P
   USB Filter with ESD Protection
July, 2002 ??Rev. 6
STF202-22 ONSEMI-STF202-22 Datasheet
216Kb / 2P
   Low cap. diode array for 2 Line High Speed USB protection devic
Rev.1, Nov-2006
STF202-22T1 ONSEMI-STF202-22T1 Datasheet
57Kb / 8P
   USB Filter with ESD Protection
July, 2002 ??Rev. 6
STF202-22T1G ONSEMI-STF202-22T1G Datasheet
124Kb / 6P
   USB Filter with ESD Protection
September, 2012 ??Rev. 9
More results

Similar Description - STF202-22.TC

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
STF203-15 SEMTECH-STF203-15 Datasheet
174Kb / 6P
   USB Upstream Port Filter and TVS
ECLAMP2522P SEMTECH-ECLAMP2522P Datasheet
198Kb / 7P
   USB Upstream Port Filter and TVS For EMI Filtering and ESD Protection
STF202-22 SEMTECH-STF202-22 Datasheet
164Kb / 6P
   USB Upstream Port Filter & TVS For EMI Filtering and ESD Protection
logo
California Micro Device...
PACUSB100 CALMIRCO-PACUSB100 Datasheet
111Kb / 2P
   USB UPSTREAM PORT FILTER WITH ESD PROTECTION
logo
ON Semiconductor
PACUSB-U1 ONSEMI-PACUSB-U1 Datasheet
114Kb / 9P
   Upstream USB Port Terminator
June 2010 ??Rev. 2
PACUSBU ONSEMI-PACUSBU Datasheet
116Kb / 6P
   Upstream USB Port Terminator
October, 2011 ??Rev. 3
logo
California Micro Device...
PACUSB-U1 CALMIRCO-PACUSB-U1 Datasheet
118Kb / 7P
   Upstream USB Port Terminator
logo
ON Semiconductor
PACUSBU-S ONSEMI-PACUSBU-S Datasheet
115Kb / 6P
   Upstream USB Port Terminator
October, 2011 ??Rev. 3
logo
Semtech Corporation
STF201-22 SEMTECH-STF201-22_04 Datasheet
181Kb / 7P
   USB Downstream Port Filter & TVS
logo
STMicroelectronics
USBUF STMICROELECTRONICS-USBUF Datasheet
193Kb / 13P
   EMI filter and line termination for USB upstream ports
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com